Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

250919B Datasheet(PDF) 2 Page - Integrated Technology Future

Part # 250919B
Description  Typical 1dB bandwidth of 9.2 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

250919B Datasheet(HTML) 2 Page - Integrated Technology Future

  250919B Datasheet HTML 1Page - Integrated Technology Future 250919B Datasheet HTML 2Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
115.0 MHz SAW Filter
Part Number 250919B
Tel: 82-32-621-1213
2011. 08. 25
I T F
Co., Ltd.
102-901, Bucheon Technopark 364, Samjeong-Dong,
Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Fax: 82-32-621-1218
http://www.itf.co.kr
sales@itf.co.kr
Rev 1.0
3. Typical Performance ( at +25℃
℃ )
1dB Bandwidth & Ripple
35dB Bandwidth
CH1 S21
LOG
1 dB/
REF -22.61 dB
Cor
CH2 S21
LOG
1 dB/
REF -23.26 dB
CENTER 115. 000 000 MHz
SPAN 12. 000 000 MHz
Cor
5 Jun 2011 11:21:33
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
9. 183997 MHz
cent : 115. 058505 MHz
Q: 12. 528
1_loss : -22 . 807 dB
2
3
3: . 02430 dB
8. 800 000 MHz
REF=2
CH2 Markers
mean: -22 . 871 dB
s. dev : . 15120 dB
p-p : . 67870 dB
CH1 S21
LOG
10 dB/
REF -22.67 dB
CENTER 115. 000 000 MHz
SPAN 35. 000 000 MHz
*
Cor
5 Jun 2011 11:18:54
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW: 10. 271304 MHz
cent : 115. 028001 MHz
Q: 11. 199
1_loss : -22 . 641 dB
Relative attenuation(LS)
Relative attenuation(US)
CH1 S21
LOG
10 dB/
REF -22.67 dB
CENTER 115. 000 000 MHz
SPAN 35. 000 000 MHz
*
Cor
5 Jun 2011 11:19:23
1
2
3
4
5
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
2:-52 . 959 dB
-5 . 20000 MHz
3:-62 . 355 dB
-6 . 00000 MHz
4:-65 . 214 dB
-10 . 0000 MHz
5:-72 . 303 dB
-15 . 0000 MHz
CH1 S21
LOG
10 dB/
REF -22.67 dB
CENTER 115. 000 000 MHz
SPAN 35. 000 000 MHz
*
Cor
5 Jun 2011 11:19:39
1
2
3
4
5
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
2:-44 . 920 dB
5. 20000 MHz
3:-63 . 661 dB
6. 00000 MHz
4:-61 . 381 dB
10. 0000 MHz
5:-66 . 974 dB
15. 0000 MHz
3dB Bandwidth & Group Delay
SWR(S11 & S22)
CH1 S21
LOG
1 dB/
REF -22.61 dB
Cor
CH2 S21
DEL
200 ns/
REF 2.632 us
CENTER 115. 000 000 MHz
SPAN 12. 000 000 MHz
Cor
Smo
5 Jun 2011 11:21:12
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
9. 421267 MHz
cent : 115. 057405 MHz
Q: 12. 213
1_loss : -22 . 807 dB
2
3
3:-2 . 0345 ns
8. 800 000 MHz
REF=2
CH2 Markers
mean: 2. 6725 us
s. dev : 16. 794 ns
p-p : 80. 236 ns
CH1 S11
SWR
5 /
REF 5.353
Cor
CH2 S22
SWR
5 /
REF 7.029
CENTER 115. 000 000 MHz
SPAN 35. 000 000 MHz
Cor
5 Jun 2011 11:22:03
1
1: 5. 3523
115. 000 000 MHz
2
2: 7. 0242
115. 000 000 MHz


Similar Part No. - 250919B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
250910B ITF-250910B Datasheet
214Kb / 5P
   SAW Bandpass Filter
250912B ITF-250912B Datasheet
213Kb / 5P
   SAW Bandpass Filter
250913B ITF-250913B Datasheet
177Kb / 2P
   Typical 1dB bandwidth of 9.3 MHz
250916B ITF-250916B Datasheet
177Kb / 2P
   Typical 1dB bandwidth of 9.3 MHz
250917B ITF-250917B Datasheet
181Kb / 2P
   Typical 1dB bandwidth of 9.2MHz
More results

Similar Description - 250919B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
250962B ITF-250962B Datasheet
175Kb / 2P
   Typical 1dB bandwidth of 9.2 MHz
220954B ITF-220954B Datasheet
206Kb / 2P
   Typical 1dB bandwidth of 9.2 MHz
250959B ITF-250959B Datasheet
189Kb / 2P
   Typical 1dB bandwidth of 9.2 MHz
250963B ITF-250963B Datasheet
174Kb / 2P
   Typical 1dB bandwidth of 9.2 MHz
250918B ITF-250918B Datasheet
186Kb / 2P
   Typical 1dB bandwidth of 9.2 MHz
250927B ITF-250927B Datasheet
168Kb / 2P
   Typical 1dB bandwidth of 9.2 MHz
211002B ITF-211002B Datasheet
171Kb / 2P
   Typical 1dB bandwidth of 9.8 MHz
231654B ITF-231654B Datasheet
170Kb / 2P
   Typical 1dB bandwidth of 15.85 MHz
233005B ITF-233005B Datasheet
165Kb / 2P
   Typical 1dB bandwidth of 30.0 MHz
233055B ITF-233055B Datasheet
168Kb / 2P
   Typical 1dB bandwidth of 29.5 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com