Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA44652A Datasheet(PDF) 4 Page - Tyco Electronics

Part # MA44652A
Description  Step Recovery Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA44652A Datasheet(HTML) 4 Page - Tyco Electronics

  MA44652A Datasheet HTML 1Page - Tyco Electronics MA44652A Datasheet HTML 2Page - Tyco Electronics MA44652A Datasheet HTML 3Page - Tyco Electronics MA44652A Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel.
+44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
4
Specifications Subject to Change Without Notice.
V3.00
Step Recovery Diodes
MA43000, MA44600, MA44700 Series
Notes:
1. The standard case styles are indicated for each model number. For
other available case styles, consult the factory.
2. This is an operable output frequency range and does not imply instan-
taneous bandwidth.
Min./Max.4
Maximum2
Min./Max.3
Junction
Min./Max.
Maximum
Maximum
Nominal2
Input
Reverse
Capacitance
Carrier
Snap Time, T
S
Thermal
Output
Model
Case1
Power
Voltage V
R
Cj
Lifetime, T
L
-10V/10 mA
Resistance
Frequency
Number
Style
(Watts)
(Volts)
(pF)
(ps)
(ps)
jc(C/W)
(GHz)
MA43592
30
1.0
25 - 40
0.2 - 0.30
9 - 27
90
70
1 - 12
MA43543
93
1.5
20 - 50
0.2 - 0.55
10 - 25
60
125
2 - 20
Absolute Maximum Ratings @ 25°C
Parameter
Absolute Maximum
Temperature Range
Operating Range
-65°C to +200°C
-65°C to +125°C (SOT-23 only)
Storage Range
-65°C to +200°C
-65°C to +125°C (SOT-23 only)
Environmental Performance
The MA44600 and MA43000 series of diodes in ceramic
packages are capable of meeting the tests dictated by the
methods and procedures of the latest revisions of MIL-S-
19500, MIL-STD-202 and MIL-STD-750 which specify
mechanical, electrical, thermal and other environmental
tests common to military semiconductor products.
Electrical Specifications @ 25° C (Cont’d)
High Order Step Recovery Diode Varactors for Use in Comb Generation
Case Styles (See appendix for complete dimensions)
3. Breakdown voltage is measured at a reverse bias voltage of 10 µA.
4. Junction capacitance is measured at a reverse bias voltage of 6 volts
and a frequency of 1 MHz.
30
93


Similar Part No. - MA44652A

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA44600 MACOM-MA44600 Datasheet
444Kb / 5P
   Silicon Step Recovery Diodes
logo
M/A-COM Technology Solu...
MA44600 MA-COM-MA44600 Datasheet
326Kb / 5P
   Silicon Step Recovery Diodes
logo
Tyco Electronics
MA44621A MACOM-MA44621A Datasheet
444Kb / 5P
   Silicon Step Recovery Diodes
logo
M/A-COM Technology Solu...
MA44621A MA-COM-MA44621A Datasheet
326Kb / 5P
   Silicon Step Recovery Diodes
logo
Tyco Electronics
MA44631A MACOM-MA44631A Datasheet
444Kb / 5P
   Silicon Step Recovery Diodes
More results

Similar Description - MA44652A

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA43000 MA-COM-MA43000 Datasheet
326Kb / 5P
   Silicon Step Recovery Diodes
logo
Tyco Electronics
MA43000 MACOM-MA43000_1 Datasheet
444Kb / 5P
   Silicon Step Recovery Diodes
logo
Microsemi Corporation
GC2510 MICROSEMI-GC2510 Datasheet
173Kb / 3P
   POWER GENERATION Step Recovery Diodes
logo
Tyco Electronics
MA44700 MACOM-MA44700 Datasheet
75Kb / 3P
   Surface Mount Low Power Step Recovery Diodes
logo
M/A-COM Technology Solu...
MAVR-0447 MA-COM-MAVR-0447_15 Datasheet
243Kb / 3P
   Surface Mount Low Power Step Recovery Diodes
MA44700_V6 MA-COM-MA44700_V6 Datasheet
79Kb / 3P
   Surface Mount Low Power Step Recovery Diodes
MA44700 MA-COM-MA44700 Datasheet
79Kb / 3P
   Surface Mount Low Power Step Recovery Diodes
MAVR-0447 MA-COM-MAVR-0447 Datasheet
243Kb / 3P
   Surface Mount Low Power Step Recovery Diodes
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com