Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJG1520PE1-C8 Datasheet(PDF) 11 Page - New Japan Radio

Part # NJG1520PE1-C8
Description  TDMA ANTENNA SWITCH GaAs MMIC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1520PE1-C8 Datasheet(HTML) 11 Page - New Japan Radio

Back Button NJG1520PE1-C8 Datasheet HTML 7Page - New Japan Radio NJG1520PE1-C8 Datasheet HTML 8Page - New Japan Radio NJG1520PE1-C8 Datasheet HTML 9Page - New Japan Radio NJG1520PE1-C8 Datasheet HTML 10Page - New Japan Radio NJG1520PE1-C8 Datasheet HTML 11Page - New Japan Radio NJG1520PE1-C8 Datasheet HTML 12Page - New Japan Radio NJG1520PE1-C8 Datasheet HTML 13Page - New Japan Radio NJG1520PE1-C8 Datasheet HTML 14Page - New Japan Radio NJG1520PE1-C8 Datasheet HTML 15Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
NJG1520PE1
- 11 -
nTYPICAL CHARACTERISTICS (1.5GHz Band: Measured on the PCB evaluation circuit)
-5
-4
-3
-2
-1
0
-50
-40
-30
-20
-10
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
TX-ANT1 Insertion Loss
TX-RX Isolation
(with matching circuit for 1.5GHz band)
-5
-4
-3
-2
-1
0
-50
-40
-30
-20
-10
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
TX-EXT1 Insertion Loss
TX-RX Isolation
(with matching circuit for 1.5GHz band)
-5
-4
-3
-2
-1
0
-50
-40
-30
-20
-10
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
RX-ANT1 Insertion Loss
RX-ANT2 Isolation
(with matching circuit for 1.5GHz band)
-5
-4
-3
-2
-1
0
-50
-40
-30
-20
-10
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
RX-ANT2 Insertion Loss
RX-ANT1 Isolation
(with matching circuit for 1.5GHz band)
-5
-4
-3
-2
-1
0
-50
-40
-30
-20
-10
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
RX-EXT1 Insertion Loss
RX-EXT2 Isolation
(with matching circuit for 1.5GHz band)
-5
-4
-3
-2
-1
0
-50
-40
-30
-20
-10
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
RX-EXT2 Insertion Loss
RX-EXT1 Isolation
(with matching circuit for 1.5GHz band)


Similar Part No. - NJG1520PE1-C8

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1521PE1 NJRC-NJG1521PE1 Datasheet
407Kb / 17P
   TDMA ANTENNA SWITCH GaAs MMIC
NJG1521PE1-C1 NJRC-NJG1521PE1-C1 Datasheet
407Kb / 17P
   TDMA ANTENNA SWITCH GaAs MMIC
NJG1521PE1-C10 NJRC-NJG1521PE1-C10 Datasheet
407Kb / 17P
   TDMA ANTENNA SWITCH GaAs MMIC
NJG1521PE1-C2 NJRC-NJG1521PE1-C2 Datasheet
407Kb / 17P
   TDMA ANTENNA SWITCH GaAs MMIC
NJG1521PE1-C3 NJRC-NJG1521PE1-C3 Datasheet
407Kb / 17P
   TDMA ANTENNA SWITCH GaAs MMIC
More results

Similar Description - NJG1520PE1-C8

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1521PE1 NJRC-NJG1521PE1 Datasheet
407Kb / 17P
   TDMA ANTENNA SWITCH GaAs MMIC
NJG1515AVB2 NJRC-NJG1515AVB2 Datasheet
549Kb / 18P
   TDMA ANTENNA SWITCH GaAs MMIC
NJG1686MHH NJRC-NJG1686MHH Datasheet
310Kb / 13P
   SP10T ANTENNA SWITCH GaAs MMIC
NJG1672LK4 NJRC-NJG1672LK4 Datasheet
247Kb / 16P
   SP9T ANTENNA SWITCH GaAs MMIC
NJG1673LG3 NJRC-NJG1673LG3 Datasheet
268Kb / 11P
   SP9T ANTENNA SWITCH GaAs MMIC
NJG1544HC3 NJRC-NJG1544HC3 Datasheet
164Kb / 8P
   2x2 Antenna SWITCH GaAs MMIC
NJG1670LG3 NJRC-NJG1670LG3 Datasheet
206Kb / 11P
   SP10T ANTENNA SWITCH GaAs MMIC
NJG1658K34 NJRC-NJG1658K34 Datasheet
79Kb / 2P
   DP7T ANTENNA SWITCH GaAs MMIC
NJG1707PG1 NJRC-NJG1707PG1 Datasheet
532Kb / 17P
   800MHz TDMA FRONT-END GaAs MMIC
NJG1512V NJRC-NJG1512V Datasheet
247Kb / 10P
   SPDT SWITCH GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com