Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4BPS201 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MA4BPS201
Description  PIN Diode Chips with Offset Bond Pads
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4BPS201 Datasheet(HTML) 2 Page - Tyco Electronics

  MA4BPS201 Datasheet HTML 1Page - Tyco Electronics MA4BPS201 Datasheet HTML 2Page - Tyco Electronics MA4BPS201 Datasheet HTML 3Page - Tyco Electronics MA4BPS201 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PIN Diode Chips With Offset Bond Pads
MA4BPS101, MA4BPS201, MA4BPS301
M/A-COM Division of AMP Incorporated
Q North America: Tel. (800) 366-2266, Fax (800) 618-8883 Q Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087
Q Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
V2.01
Chip Outline Drawing (ODS-1244)
1,000
10,000
100,000
0.0
2.0
4.0
6.0
8.0
10.0
Reverse Vol tage (Vol ts)
Typical Resistance Curves
Series Resistance vs. Forward Current at 1 GHz
Parallel Resistance vs. Reverse Voltage at 1 GHz
Hanlding and Mounting Information
Handling
All semiconductor dice should be handled with care to avoid
damage or contamination.
For an individual die, the use of
plastic tipped tweezers or vacuum pick-up tool is recommended.
When using automatic pick and place, abrasion and mechanical
shock should be minimized.
Mounting
The dice have Ti-Pt-Au back metal, with a final gold thickness
of 0.1 micron. They can be die mounted with a gold-tin eutectic
solder preform or conductive epoxy.
The mounting surface
must be clean and flat.
Eutectic Die Attachment
An 80/20 gold-tin eutectic solder preform is recommended with
a work surface temperature of 255
°C and a tool tip temperature
of 265
°C. When hot gas is applied, the tool tip temperature
should be 290
°C. The chip should not be exposed to tempera-
tures greater than 320
°C for more than 20 seconds. No more
than three seconds should be required for attachment.
Epoxy Die Attachment
A minimum amount of epoxy should be used. A thin epoxy
fillet should be visible around the perimeter of the chip after
placement. Cure epoxy per manufacturer’s schedule.
Wire Bonding
The two bond pads on these die have a Ti-Pt-Au metalization
scheme, with a final gold thickness of 2.5 microns. The pads are
75 x 150 microns; up to two wires or a 100 micron wide ribbon
can be bonded to each pad. Thermosonic wedge wire bonding of
0.001” diameter gold wire is recommended with a stage temper-
ature of 150
°C and a force of 25 to 40 grams. Ultrasonic energy
should be adjusted to the minimum required.
INCHES
MILLIMETERS
DIM
MIN
MAX
MIN
MAX
A
0.019
0.0213
0.480
0.540
B
0.019
0.0213
0.480
0.540
C
0.0055
0.0063
0.140
0.160
D
0.0026
0.0033
0.065
0.085
E
0.0094
0.0102
0.240
0.260
F
0.007 Ref.
0.180 Ref.
G
0.002 Ref.
0.050 Ref.
H
0.0043
0.0055
0.110
0.140
Notes:
1. Bond pad material: 2.5 micron thick gold.
2. Shaded areas indicate wire bonding pads
3. Backside metal: 0.1 micron thick gold.
0.1
1.0
10.0
100.0
0.0
0.1
1.0
10.0
100.0
For wa r d Cur r e nt ( mA)
MA4BPS101
MA4BPS201
MA4BPS301
MA4BPS101
MA4BPS201
MA4BPS301


Similar Part No. - MA4BPS201

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
MA4B5 EDAL-MA4B5 Datasheet
1Mb / 2P
   SILICON GENERAL PURPOSE 3.0 AMP DIODES
logo
Tyco Electronics
MA4BN1840-1 MACOM-MA4BN1840-1 Datasheet
182Kb / 9P
   Monolithic HMIC Integrated Bias Network 18 - 40 GHz
logo
M/A-COM Technology Solu...
MA4BN1840-1 MA-COM-MA4BN1840-1 Datasheet
125Kb / 8P
   Monolithic HMIC??Integrated Bias Network
logo
Tyco Electronics
MA4BN1840-2 MACOM-MA4BN1840-2 Datasheet
178Kb / 8P
   Monolithic HMIC Integrated Dual Bias Network 18 - 40 GHz
logo
M/A-COM Technology Solu...
MA4BN1840-2 MA-COM-MA4BN1840-2 Datasheet
132Kb / 7P
   Monolithic HMIC??Integrated Bias Network RoHS Compliant
More results

Similar Description - MA4BPS201

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4P150 MACOM-MA4P150 Datasheet
506Kb / 5P
   PIN Diode Chips
logo
Skyworks Solutions Inc.
APD0505-000 SKYWORKS-APD0505-000 Datasheet
138Kb / 4P
   Silicon PIN Diode Chips
logo
M/A-COM Technology Solu...
MA4GP022-277 MA-COM-MA4GP022-277 Datasheet
338Kb / 6P
   GaAs PIN Diode Chips
logo
Skyworks Solutions Inc.
SMP1320-099 SKYWORKS-SMP1320-099_16 Datasheet
435Kb / 5P
   PIN Diode Chips Supplied on Film Frame
SMP1320-099 SKYWORKS-SMP1320-099 Datasheet
243Kb / 5P
   PIN Diode Chips Supplied on Film Frame
logo
M/A-COM Technology Solu...
PINDIODESCHIPS MA-COM-PINDIODESCHIPS_15 Datasheet
383Kb / 7P
   Silicon PIN Chips
PINDIODESCHIP MA-COM-PINDIODESCHIP_15 Datasheet
381Kb / 7P
   Silicon PIN Chips
PINDIODESCHIP MA-COM-PINDIODESCHIP Datasheet
381Kb / 7P
   Silicon PIN Chips
MA4P161-134 MA-COM-MA4P161-134 Datasheet
393Kb / 6P
   Silicon PIN Chips
PINDIODESCHIPS MA-COM-PINDIODESCHIPS Datasheet
383Kb / 7P
   Silicon PIN Chips
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com