Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2485 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2485
Description  24-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2485 Datasheet(HTML) 1 Page - Linear Technology

  LTC2485_15 Datasheet HTML 1Page - Linear Technology LTC2485_15 Datasheet HTML 2Page - Linear Technology LTC2485_15 Datasheet HTML 3Page - Linear Technology LTC2485_15 Datasheet HTML 4Page - Linear Technology LTC2485_15 Datasheet HTML 5Page - Linear Technology LTC2485_15 Datasheet HTML 6Page - Linear Technology LTC2485_15 Datasheet HTML 7Page - Linear Technology LTC2485_15 Datasheet HTML 8Page - Linear Technology LTC2485_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
LTC2485
1
2485fd
For more information www.linear.com/LTC2485
Typical applicaTion
FeaTures
DescripTion
24-Bit ∆Σ ADC with Easy Drive
Input Current Cancellation
and I2C Interface
The LTC®2485 combines a 24-bit plus sign No Latency
∆Σ™ analog-to-digital converter with patented Easy Drive
technologyandI2Cdigitalinterface.Thepatentedsampling
scheme eliminates dynamic input current errors and the
shortcomings of on-chip buffering through automatic
cancellation of differential input current. This allows large
externalsourceimpedancesandinputsignals,withrail-to-
rail input range to be directly digitized while maintaining
exceptional DC accuracy.
The LTC2485 includes an on-chip oscillator. The LTC2485
can be configured through an I2C interface to reject line
frequencies. 50Hz, 60Hz or simultaneous 50Hz/60Hz
line frequency rejection can be selected as well as a 2x
speed-up mode.
The LTC2485 allows a wide common mode input range
(0V to VCC) independent of the reference voltage. The
reference can be as low as 100mV or can be tied directly
to VCC. The LTC2485 includes an on-chip trimmed oscil-
lator eliminating the need for external crystals or oscil-
lators. Absolute accuracy and low drift are automatically
maintained through continuous, transparent, offset and
full-scale calibration.
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
No Latency ∆∑ and Easy Drive are trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners.
+FS Error vs RSOURCE at IN+ and IN
applicaTions
n
Easy Drive™ Technology Enables Rail-to-Rail Inputs
with Zero Differential Input Current
n
Directly Digitizes High Impedance Sensors with
Full Accuracy
n
GND to VCC Input/Reference Common Mode Range
n
2-Wire I2C Interface
n
Programmable 50Hz, 60Hz or Simultaneous
50Hz/60Hz Rejection Mode
n
2ppm (0.25LSB) INL, No Missing Codes
n
1ppm Offset and 15ppm Full-Scale Error
n
Selectable 2x Speed Mode
n
No Latency: Digital Filter Settles in a Single Cycle
n
Single Supply 2.7V to 5.5V Operation
n
Internal Oscillator
n
Six Addresses Available and One Global Address for
Synchronization
n
Available in a Tiny (3mm × 3mm)
10-Lead DFN Package
n
Direct Sensor Digitizer
n
Weight Scales
n
Direct Temperature Measurement
n
Strain Gauge Transducers
n
Instrumentation
n
Industrial Process Control
n
DVMs and Meters
LTC2485
VIN+
REF+
VCC
VCC
GND
VIN–
1µF
SDA
2-WIRE
I2C INTERFACE
0.1µF
10k
IDIFF = 0
10k
CA0/f0
2485 TA01a
CA1
SCL
6 ADDRESSES
REF
SENSE
0.1µF
RSOURCE (Ω)
1
–20
0
20
1k
100k
–40
–60
–80
10
100
10k
40
60
80
VCC = 5V
VREF = 5V
VIN+ = 3.75V
VIN– = 1.25V
fO = GND
TA = 25°C
CIN = 1µF
2485 TA01b


Similar Part No. - LTC2485_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2485CDD LINER-LTC2485CDD Datasheet
489Kb / 40P
   24-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2485IDD LINER-LTC2485IDD Datasheet
489Kb / 40P
   24-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
More results

Similar Description - LTC2485_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2485 LINER-LTC2485 Datasheet
489Kb / 40P
   24-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2483 LINER-LTC2483_15 Datasheet
2Mb / 34P
   16-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481_15 Datasheet
794Kb / 40P
   16-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2499 LINER-LTC2499_15 Datasheet
1Mb / 34P
   24-Bit 8-/16-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2493 LINER-LTC2493_15 Datasheet
544Kb / 32P
   24-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2493 LINER-LTC2493 Datasheet
575Kb / 32P
   24-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481 Datasheet
604Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2483 LINER-LTC2483 Datasheet
407Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481_1 Datasheet
428Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2484 LINER-LTC2484_15 Datasheet
755Kb / 42P
   24-Bit ADC with Easy Drive Input Current Cancellation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com