Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2000 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2000
Description  16-/14-/11-Bit 2.5Gsps DACs
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2000 Datasheet(HTML) 4 Page - Linear Technology

  LTC2000_15 Datasheet HTML 1Page - Linear Technology LTC2000_15 Datasheet HTML 2Page - Linear Technology LTC2000_15 Datasheet HTML 3Page - Linear Technology LTC2000_15 Datasheet HTML 4Page - Linear Technology LTC2000_15 Datasheet HTML 5Page - Linear Technology LTC2000_15 Datasheet HTML 6Page - Linear Technology LTC2000_15 Datasheet HTML 7Page - Linear Technology LTC2000_15 Datasheet HTML 8Page - Linear Technology LTC2000_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
LTC2000
4
2000f
For more information www.linear.com/LTC2000
orDer inFormation
LTC2000
C
Y
–16 #PBF
LEAD FREE DESIGNATOR
PBF = Lead Free
RESOLUTION
16 = 16-Bit Resolution
14 = 14-Bit Resolution
11 = 11-Bit Resolution
PACKAGE TYPE
170-Lead (15mm × 9mm × 1.54mm) BGA
TEMPERATURE GRADE
C = Commercial Temperature Range (0°C to 70°C)
I = Industrial Temperature Range (–40°C to 85°C)
PRODUCT PART NUMBER
PART NUMBER
BALL FINISH
PART MARKING*
PACKAGE TYPE
MSL RATING
TEMPERATURE RANGE
LTC2000CY-16#PBF
SAC305 (RoHS)
LTC2000Y-16
BGA
3
0°C to 70°C
LTC2000CY-14#PBF
SAC305 (RoHS)
LTC2000Y-14
BGA
3
0°C to 70°C
LTC2000CY-11#PBF
SAC305 (RoHS)
LTC2000Y-11
BGA
3
0°C to 70°C
LTC2000IY-16#PBF
SAC305 (RoHS)
LTC2000Y-16
BGA
3
–40°C to 85°C
LTC2000IY-14#PBF
SAC305 (RoHS)
LTC2000Y-14
BGA
3
–40°C to 85°C
LTC2000IY-11#PBF
SAC305 (RoHS)
LTC2000Y-11
BGA
3
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://www.linear.com/packaging/


Similar Part No. - LTC2000_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2000A LINER-LTC2000A Datasheet
1Mb / 54P
   16-/14-/11-Bit 2.7Gsps DACs
logo
Analog Devices
LTC2000A AD-LTC2000A Datasheet
1Mb / 54P
   2.7Gsps DACs
logo
Linear Technology
LTC2000A LINER-LTC2000A_15 Datasheet
1Mb / 52P
   16-/14-/11-Bit 2.7Gsps DACs
More results

Similar Description - LTC2000_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC2000 AD-LTC2000 Datasheet
1Mb / 54P
   16-/14-/11-Bit 2.5Gsps DACs
logo
Linear Technology
LTC2000 LINER-LTC2000 Datasheet
892Kb / 14P
   16-, 14-, 11-Bit, 2.5Gsps to 2.7Gsps DACs
LTC2000A LINER-LTC2000A_15 Datasheet
1Mb / 52P
   16-/14-/11-Bit 2.7Gsps DACs
LTC2000A LINER-LTC2000A Datasheet
1Mb / 54P
   16-/14-/11-Bit 2.7Gsps DACs
LTC2642 LINER-LTC2642_15 Datasheet
304Kb / 24P
   16-/14-/12-Bit VOUT DACs
LTC2641 LINER-LTC2641_15 Datasheet
304Kb / 24P
   16-/14-/12-Bit VOUT DACs
LTC1666 LINER-LTC1666_15 Datasheet
887Kb / 24P
   12-Bit, 14-Bit, 16-Bit, 50Msps DACs
LTC1667 LINER-LTC1667_15 Datasheet
887Kb / 24P
   12-Bit, 14-Bit, 16-Bit, 50Msps DACs
LTC1668 LINER-LTC1668_15 Datasheet
887Kb / 24P
   12-Bit, 14-Bit, 16-Bit, 50Msps DACs
LTC1666 LINER-LTC1666 Datasheet
890Kb / 24P
   12-Bit, 14-Bit, 16-Bit, 50Msps DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com