Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KF3N50DZ-IZ Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KF3N50DZ-IZ
Description  N CHANNEL MOS FIELD EFFECT TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KF3N50DZ-IZ Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KF3N50DZ-IZ_15 Datasheet HTML 1Page - KEC(Korea Electronics) KF3N50DZ-IZ_15 Datasheet HTML 2Page - KEC(Korea Electronics) KF3N50DZ-IZ_15 Datasheet HTML 3Page - KEC(Korea Electronics) KF3N50DZ-IZ_15 Datasheet HTML 4Page - KEC(Korea Electronics) KF3N50DZ-IZ_15 Datasheet HTML 5Page - KEC(Korea Electronics) KF3N50DZ-IZ_15 Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2011. 5. 23
3/6
KF3N50DZ/IZ
Revision No : 0
Gate - Source Voltage VGS (V)
Drain Current ID (A)
10
0
10
-1
10
1
68
410
2
Fig2. ID - VGS
Fig3. BVDSS - Tj
Fig4. RDS(ON) - ID
-100
-50
0.8
0.9
1.2
1.1
1.0
050
100
150
Fig5. IS - VSD
0.2
0.4
0.8
1.0
1.2
0.6
1.4
1.6
1.8
6
2
0
1
3
5
4
04
26
3
15
Junction Temperature Tj (
)
C
Source - Drain Voltage VSD (V)
10
0
10
-1
10
1
10
2
10
-1
10
0
10
1
10
2
Fig6. RDS(ON) - Tj
Junction Temperature Tj ( )
0
50
-100
-50
100
150
0.0
0.5
3.0
2.5
1.0
1.5
2.0
C
VGS =10V
IDS = 1.5A
V
GS = 0V
I
DS = 250
25 C
VGS=10V
VGS=7V
VDS=30V
25 C
TC=100 C
TC=100 C
Fig1. ID - VDS
Drain - Source Voltage VDS (V)
10
0
10
-1
10
-2
10
1
VGS=10V
VGS=7V
VGS=5V


Similar Part No. - KF3N50DZ-IZ_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KF3N50DZ KEC-KF3N50DZ Datasheet
410Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF3N50DZ KEC-KF3N50DZ Datasheet
410Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
logo
VBsemi Electronics Co.,...
KF3N50DZ VBSEMI-KF3N50DZ Datasheet
1Mb / 9P
   Power MOSFET
logo
KEC(Korea Electronics)
KF3N50DZ/IZ KEC-KF3N50DZ/IZ Datasheet
410Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF3N50DZIZ KEC-KF3N50DZIZ Datasheet
410Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results

Similar Description - KF3N50DZ-IZ_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KHB7D0N65P1 KEC-KHB7D0N65P1 Datasheet
450Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB6D0N40P KEC-KHB6D0N40P Datasheet
449Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D5N60P1 KEC-KHB7D5N60P1_07 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N65P KEC-KHB4D0N65P Datasheet
397Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N80P1 KEC-KHB4D0N80P1 Datasheet
504Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D5N60P KEC-KHB4D5N60P Datasheet
500Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D0N65P1 KEC-KHB7D0N65P1_07 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB2D0N60P KEC-KHB2D0N60P Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF4N80F KEC-KF4N80F_15 Datasheet
389Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF7N60P KEC-KF7N60P_15 Datasheet
401Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF10N65F KEC-KF10N65F_15 Datasheet
388Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com