Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFSA2654PCK-410 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFSA2654PCK-410
Description  SERIAL CONTROLLED 7 DIGITAL STEP ATTENUATOR 5MHz TO 2000MHz, 6-BIT, 0.5dB
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA2654PCK-410 Datasheet(HTML) 1 Page - RF Micro Devices

  RFSA2654PCK-410 Datasheet HTML 1Page - RF Micro Devices RFSA2654PCK-410 Datasheet HTML 2Page - RF Micro Devices RFSA2654PCK-410 Datasheet HTML 3Page - RF Micro Devices RFSA2654PCK-410 Datasheet HTML 4Page - RF Micro Devices RFSA2654PCK-410 Datasheet HTML 5Page - RF Micro Devices RFSA2654PCK-410 Datasheet HTML 6Page - RF Micro Devices RFSA2654PCK-410 Datasheet HTML 7Page - RF Micro Devices RFSA2654PCK-410 Datasheet HTML 8Page - RF Micro Devices RFSA2654PCK-410 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1 of 9
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
BiFET HBT
24
SPI
RF1
GND
VCC
GND
GND
RF2
GND
GND
GND
GND
GND
GND
6-Bit DSA
23
22
19
20
21
7
8
9
12
11
10
1
2
3
6
5
4
18
17
16
13
14
15
RFSA2654
SERIAL CONTROLLED 75
DIGITAL STEP
ATTENUATOR 5MHz TO 2000MHz, 6-BIT, 0.5dB
RFMD's RFSA2654 is a 6-bit, 75
 digital step attenuator (DSA) that features high
linearity over the entire 31.5dB gain control range with excellent step accuracy in
0.5dB steps. The RFSA2654 is programmed via a serial mode control interface that
is both 3V and 5V compatible. The RFSA2654 also offers a rugged Class 1C HBM
ESD rating via on-chip ESD circuitry. The MCM package is footprint compatible with
most 24-pin 4mm x 4mm QFN packages.
Features
Frequency Range 5MHz to
2000MHz
6-Bits, 75
, 31.5dB Range,
0.5dB Step
High Linearity, IIP3 >50dBm
3V and 5V Logic Compatible
Serial-to-Parallel Controller
Serial Programming Interface
Power-up Programming Modes
On-chip ESD Protection Class 1C
HBM
Single Supply, 5V Operation
Footprint Compatible with Most
24-Pin, 4mm x 4mm, QFNs
Applications
CATV/Satellite Set Top Boxes
Cable Modems
CATV Infrastructure
Data Network Equipment
DS121031
Package: MCM, 24-Pin, 4.2mm x 4.2mm
RFSA2654
Serial Con-
trolled 75W
Digital Step
Attenuator
5MHz to
2000MHz, 6-
Bit, 0.5dB LSB
RFSA2654SQ
Sample bag with 25 pieces
RFSA2654SR
7” Sample reel with 100 pieces
RFSA2654TR13
13” Reel with 2500 pieces
RFSA2654PCK-410 5MHz to 2000MHz PCBA with 5-piece sample bag


Similar Part No. - RFSA2654PCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA2614 RFMD-RFSA2614 Datasheet
3Mb / 9P
   PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50-4000MHz, 6-BIT, 0.5dB LSB
RFSA2614PCK-410 RFMD-RFSA2614PCK-410 Datasheet
3Mb / 9P
   PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50-4000MHz, 6-BIT, 0.5dB LSB
RFSA2614PCK-410 RFMD-RFSA2614PCK-410 Datasheet
3Mb / 9P
   PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB
RFSA2614SQ RFMD-RFSA2614SQ Datasheet
3Mb / 9P
   PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50-4000MHz, 6-BIT, 0.5dB LSB
RFSA2614SQ RFMD-RFSA2614SQ Datasheet
3Mb / 9P
   PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB
More results

Similar Description - RFSA2654PCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA2624 RFMD-RFSA2624_12 Datasheet
920Kb / 9P
   SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz to 4000MHz, 6-BIT, 0.5dB
RFSA2644 RFMD-RFSA2644 Datasheet
1Mb / 12P
   SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB LSB
RFSA2614 RFMD-RFSA2614_12 Datasheet
3Mb / 9P
   PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 6-BIT, 0.5dB
RFSA2514 RFMD-RFSA2514 Datasheet
1Mb / 13P
   SERIAL CONTROLLED DIGITAL STEP ATTENUATOR 50MHz TO 4000MHz, 5-BIT, 0.5dB LSB
RFSA2614 RFMD-RFSA2614 Datasheet
3Mb / 9P
   PARALLEL CONTROLLED DIGITAL STEP ATTENUATOR 50-4000MHz, 6-BIT, 0.5dB LSB
logo
Renesas Technology Corp
F1978 RENESAS-F1978 Datasheet
3Mb / 27P
   6-Bit, 75Ω Digital Step Attenuator 5MHz to 3GHz
August 28, 2017
F1975 RENESAS-F1975 Datasheet
3Mb / 27P
   6-Bit, 75廓 Digital Step Attenuator 5MHz to 3GHz
logo
RF Micro Devices
RFSA3715 RFMD-RFSA3715 Datasheet
1Mb / 20P
   5MHz to 4000MHz, Digital Step Attenuator
RFSA3513 RFMD-RFSA3513 Datasheet
1Mb / 16P
   5MHz to 6000MHz, Digital Step Attenuator
RFSA3523 RFMD-RFSA3523 Datasheet
1Mb / 16P
   5MHz to 6000MHz, Digital Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com