Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFRX1702TR7 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFRX1702TR7
Description  GaAs MMIC IQ Downconverter 17.7GHz to 19.7GHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFRX1702TR7 Datasheet(HTML) 1 Page - RF Micro Devices

  RFRX1702TR7 Datasheet HTML 1Page - RF Micro Devices RFRX1702TR7 Datasheet HTML 2Page - RF Micro Devices RFRX1702TR7 Datasheet HTML 3Page - RF Micro Devices RFRX1702TR7 Datasheet HTML 4Page - RF Micro Devices RFRX1702TR7 Datasheet HTML 5Page - RF Micro Devices RFRX1702TR7 Datasheet HTML 6Page - RF Micro Devices RFRX1702TR7 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131025
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 7
RFRX1702
GaAs MMIC IQ Downconverter
17.7GHz to 19.7GHz
RFMD's RFRX1702 is a 17.7GHz to 19.7GHz GaAs pHEMT
Downconverter, incorporating a low-noise amplifier, an integrated X2 LO
frequency multiplier and buffer amplifier, and an image rejection mixer. The
combination of high performance part and low cost packaging makes the
RFRX1702 a cost effective solution, ideally suited to both current and next
generation Point-to-Point Microwave Radio and Satellite Applications.
RFRX1702 is packaged in a 5mm x 5mm QFN to simplify both system level
board design and volume assembly.
Functional Block Diagram
Ordering Information
RFRX1702S2
Sample bag with 2 pieces
RFRX1702SB
Bag with 5 pieces
RFRX1702SQ
Bag with 25 pieces
RFRX1702SR
100 Pieces
RFRX1702TR7
7" Reel with 750 pieces
RFRX1702PCBA-410
Evaluation board
Package: QFN, 32-pin,
5mm x 5mm x 0.95mm
Features
RF Frequency: 17.7GHz to
19.7GHz
LO Frequency: 6.85GHz to
11.85GHz
IF Frequency: DC to 4GHz
Conversion Gain: 12dB
Noise Figure: 2dB
IIP3: 6dBm
Image Rejection: 15dBc
Low Cost 5mm x 5mm QFN
Package
Applications
Point-to-Point Radio
Point-Multipoint Radio
Satellite Communications
Radar
Electronic Warfare
RFRX1702


Similar Part No. - RFRX1702TR7

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFRX1701 RFMD-RFRX1701 Datasheet
1Mb / 7P
   GaAs MMIC IQ Downconverter 17.7GHz to 26.5GHz
RFRX1701PCBA-410 RFMD-RFRX1701PCBA-410 Datasheet
1Mb / 7P
   GaAs MMIC IQ Downconverter 17.7GHz to 26.5GHz
RFRX1701S2 RFMD-RFRX1701S2 Datasheet
1Mb / 7P
   GaAs MMIC IQ Downconverter 17.7GHz to 26.5GHz
RFRX1701SB RFMD-RFRX1701SB Datasheet
1Mb / 7P
   GaAs MMIC IQ Downconverter 17.7GHz to 26.5GHz
RFRX1701SQ RFMD-RFRX1701SQ Datasheet
1Mb / 7P
   GaAs MMIC IQ Downconverter 17.7GHz to 26.5GHz
More results

Similar Description - RFRX1702TR7

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFUV1702 RFMD-RFUV1702 Datasheet
903Kb / 11P
   17.7GHz TO 19.7GHz GaAs MMIC IQ UPCONVERTER
RFRX1701 RFMD-RFRX1701 Datasheet
1Mb / 7P
   GaAs MMIC IQ Downconverter 17.7GHz to 26.5GHz
RFRX1001 RFMD-RFRX1001 Datasheet
1Mb / 9P
   GaAs MMIC IQ Downconverter 10GHz to 15.4GHz
RFRX1002 RFMD-RFRX1002 Datasheet
1Mb / 9P
   GaAs MMIC IQ Downconverter 9GHz to 14GHz
RFPA1702 RFMD-RFPA1702 Datasheet
911Kb / 9P
   17.7GHz TO 19.7GHz HIGH LINEARITY POWER AMPLIFIER
logo
New Japan Radio
NJG1708PC1 NJRC-NJG1708PC1 Datasheet
72Kb / 5P
   800MHz BAND DOWNCONVERTER GaAs MMIC
logo
RF Micro Devices
RFUV1003 RFMD-RFUV1003 Datasheet
1Mb / 10P
   GaAs MMIC IQ UpConverter 12GHz to 16GHz
RFUV1703 RFMD-RFUV1703 Datasheet
662Kb / 14P
   21GHz TO 26.5GHz GaAs MMIC IQ UPCONVERTER
logo
Marki Microwave
MMIQ-1865H MARKIMICROWAVE-MMIQ-1865H Datasheet
1Mb / 19P
   Passive GaAs MMIC IQ Mixer
MMIQ-0520HSM MARKIMICROWAVE-MMIQ-0520HSM Datasheet
932Kb / 13P
   Passive GaAs MMIC IQ Mixer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com