Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM8057 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM8057
Description  3.1VIN to 31VIN Isolated Module DC/DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8057 Datasheet(HTML) 2 Page - Linear Technology

  LTM8057_15 Datasheet HTML 1Page - Linear Technology LTM8057_15 Datasheet HTML 2Page - Linear Technology LTM8057_15 Datasheet HTML 3Page - Linear Technology LTM8057_15 Datasheet HTML 4Page - Linear Technology LTM8057_15 Datasheet HTML 5Page - Linear Technology LTM8057_15 Datasheet HTML 6Page - Linear Technology LTM8057_15 Datasheet HTML 7Page - Linear Technology LTM8057_15 Datasheet HTML 8Page - Linear Technology LTM8057_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTM8057
2
8057f
For more information www.linear.com/LTM8057
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, RUN, BIAS ........................................................32V
ADJ, SS.......................................................................5V
VOUT1 Relative to VOUT– ............................................16V
VIN + VOUT (Note 2)...................................................36V
BIAS Above VIN........................................................ 0.1V
GND to VOUT– Isolation (Note 3) ......................... 2kV AC
Maximum Internal Temperature (Note 4) .............. 125°C
Peak Solder Reflow Body Temperature ................. 245°C
Storage Temperature.............................. –55°C to 125°C
(Note 1)
TOP VIEW
H
G
F
E
D
C
B
A
1
2
3
4
5
6
7
BANK 2
VOUT–
BANK 1
VOUT
BANK 4
GND
BIAS
RUN
ADJ
SS
BANK 5
VIN
BGA PACKAGE
38-LEAD (11.25mm
× 9mm × 4.92mm)
TJMAX = 125°C, θJA = 16°C/W, θJCbottom = 4.1°C/W, θJCtop = 15°C/W, θJB = 4°C/W
WEIGHT = 1.1g,
θ VALUES DETERMINED PER JEDEC 51-9, 51-12
ORDER INFORMATION
PART NUMBER
PAD OR BALL FINISH
PART MARKING*
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE (SEE NOTE 4)
DEVICE
CODE
LTM8057EY#PBF
SAC305 (RoHS)
LTM8057Y
e1
BGA
3
–40°C to 125°C
LTM8057IY#PBF
SAC305 (RoHS)
LTM8057Y
e1
BGA
3
–40°C to 125°C
LTM8057IY
SnPb (63/37)
LTM8057Y
e0
BGA
3
–40°C to 125°C
LTM8057MPY#PBF
SAC305 (RoHS)
LTM8057Y
e1
BGA
3
–55°C to 125°C
LTM8057MPY
SnPb (63/37)
LTM8057Y
e0
BGA
3
–55°C to 125°C
Consult Marketing for parts specified with wider operating temperature
ranges. *Device temperature grade is indicated by a label on the shipping
container. Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Terminal Finish Part Marking:
www.linear.com/leadfree
• Recommended LGA and BGA PCB Assembly and Manufacturing
Procedures:
www.linear.com/umodule/pcbassembly
• LGA and BGA Package and Tray Drawings:
www.linear.com/packaging


Similar Part No. - LTM8057_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8057 LINER-LTM8057 Datasheet
383Kb / 20P
   3.1VIN to 31VIN, 2kVAC Isolated DC/DC 關Module Converter
More results

Similar Description - LTM8057_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8046 LINER-LTM8046 Datasheet
383Kb / 20P
   3.1VIN to 31VIN, 2kVAC Isolated DC/DC 關Module Converter
LTM8058 LINER-LTM8058_15 Datasheet
246Kb / 20P
   3.1VIN to 31VIN Isolated Module DC/DC Converter with LDO Post Regulator
LTM8047 LINER-LTM8047_15 Datasheet
343Kb / 18P
   3.1VIN to 32VIN Isolated Module DC/DC Converter
LTM8048 LINER-LTM8048 Datasheet
347Kb / 20P
   3.1VIN to 32VIN Isolated 關Module DC/DC Converter
LTM8048 LINER-LTM8048_15 Datasheet
283Kb / 20P
   3.1VIN to 32VIN Isolated Module DC/DC Converter with LDO Post Regulator
LTM8046 LINER-LTM8046_15 Datasheet
383Kb / 20P
   Isolated DC/DC Module Converter
logo
Astec America, Inc
AIF25R48 ASTEC-AIF25R48_03 Datasheet
742Kb / 29P
   Isolated DC/DC Converter Module
logo
Powerex Power Semicondu...
M57140-01 POWEREX-M57140-01 Datasheet
80Kb / 4P
   Isolated DC-to-DC Converter
logo
Analog Devices
ADUM5000 AD-ADUM5000_08 Datasheet
415Kb / 16P
   Isolated DC-to-DC Converter
REV. 0
logo
Linear Technology
LTM8067 LINER-LTM8067 Datasheet
896Kb / 20P
   2.8VIN to 40VIN Isolated 關Module DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com