Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFRX1701S2 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFRX1701S2
Description  GaAs MMIC IQ Downconverter 17.7GHz to 26.5GHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFRX1701S2 Datasheet(HTML) 5 Page - RF Micro Devices

  RFRX1701S2 Datasheet HTML 1Page - RF Micro Devices RFRX1701S2 Datasheet HTML 2Page - RF Micro Devices RFRX1701S2 Datasheet HTML 3Page - RF Micro Devices RFRX1701S2 Datasheet HTML 4Page - RF Micro Devices RFRX1701S2 Datasheet HTML 5Page - RF Micro Devices RFRX1701S2 Datasheet HTML 6Page - RF Micro Devices RFRX1701S2 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131025
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
5 of 7
RFRX1701
Pin Out
Pin Names and Descriptions
Pin
Name
Description
1-4
N/C
Not Connected
5
GND
Ground
6
RF
RF Input, AC coupled and matched to 50
Ω
7
GND
Ground
8-9
N/C
Not Connected
10
GND
Ground
11
IF1
IF1 Output
12
GND
Ground
13
IF2
IF2 Output
14
GND
Ground
15
Mixer Bias
Mixer Bias = 0V
16
N/C
Not Connected
17
GND
Ground
18
LO
LO Input, AC coupled and matched to 50
Ω
19
GND
Ground
20-24
N/C
Not Connected
25
Vd5
Vd5 (LOA bias) = 5V
26
Vd4
Vd4 (LOA bias) = 5V
27
N/C
Not Connected
28
Vd3
Vd3 (LOA bias) = 5V
29
N/C
Not Connected
30
Vd2
LNA drain bias2 = 4V
31
N/C
Not Connected
32
Vd1
LNA drain bias1 = 3V


Similar Part No. - RFRX1701S2

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFRX1702 RFMD-RFRX1702 Datasheet
1Mb / 7P
   GaAs MMIC IQ Downconverter 17.7GHz to 19.7GHz
RFRX1702PCBA-410 RFMD-RFRX1702PCBA-410 Datasheet
1Mb / 7P
   GaAs MMIC IQ Downconverter 17.7GHz to 19.7GHz
RFRX1702S2 RFMD-RFRX1702S2 Datasheet
1Mb / 7P
   GaAs MMIC IQ Downconverter 17.7GHz to 19.7GHz
RFRX1702SB RFMD-RFRX1702SB Datasheet
1Mb / 7P
   GaAs MMIC IQ Downconverter 17.7GHz to 19.7GHz
RFRX1702SQ RFMD-RFRX1702SQ Datasheet
1Mb / 7P
   GaAs MMIC IQ Downconverter 17.7GHz to 19.7GHz
More results

Similar Description - RFRX1701S2

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFRX1702 RFMD-RFRX1702 Datasheet
1Mb / 7P
   GaAs MMIC IQ Downconverter 17.7GHz to 19.7GHz
RFUV1702 RFMD-RFUV1702 Datasheet
903Kb / 11P
   17.7GHz TO 19.7GHz GaAs MMIC IQ UPCONVERTER
RFUV1703 RFMD-RFUV1703 Datasheet
662Kb / 14P
   21GHz TO 26.5GHz GaAs MMIC IQ UPCONVERTER
RFRX1001 RFMD-RFRX1001 Datasheet
1Mb / 9P
   GaAs MMIC IQ Downconverter 10GHz to 15.4GHz
RFRX1002 RFMD-RFRX1002 Datasheet
1Mb / 9P
   GaAs MMIC IQ Downconverter 9GHz to 14GHz
logo
New Japan Radio
NJG1708PC1 NJRC-NJG1708PC1 Datasheet
72Kb / 5P
   800MHz BAND DOWNCONVERTER GaAs MMIC
logo
RF Micro Devices
RFUV1003 RFMD-RFUV1003 Datasheet
1Mb / 10P
   GaAs MMIC IQ UpConverter 12GHz to 16GHz
logo
Marki Microwave
MMIQ-1865H MARKIMICROWAVE-MMIQ-1865H Datasheet
1Mb / 19P
   Passive GaAs MMIC IQ Mixer
MMIQ-0520HSM MARKIMICROWAVE-MMIQ-0520HSM Datasheet
932Kb / 13P
   Passive GaAs MMIC IQ Mixer
MMIQ-0626H MARKIMICROWAVE-MMIQ-0626H Datasheet
1Mb / 24P
   Passive GaAs MMIC IQ Mixer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com