Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM8042-1 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM8042-1
Description  Module Boost LED Driver and Current Source
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8042-1 Datasheet(HTML) 5 Page - Linear Technology

  LTM8042-1_15 Datasheet HTML 1Page - Linear Technology LTM8042-1_15 Datasheet HTML 2Page - Linear Technology LTM8042-1_15 Datasheet HTML 3Page - Linear Technology LTM8042-1_15 Datasheet HTML 4Page - Linear Technology LTM8042-1_15 Datasheet HTML 5Page - Linear Technology LTM8042-1_15 Datasheet HTML 6Page - Linear Technology LTM8042-1_15 Datasheet HTML 7Page - Linear Technology LTM8042-1_15 Datasheet HTML 8Page - Linear Technology LTM8042-1_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LTM8042/LTM8042-1
5
80421fb
For more information www.linear.com/LTM8042
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs VIN, Buck-Boost
Mode, 3.6V at 1A LED String
Efficiency vs VIN, Buck-Boost
Mode, 6.8V at 1A LED String
Efficiency vs VIN, Buck-Boost
Mode, 10.1V at 1A LED String
Efficiency vs VIN, Buck Mode,
10.1V at 1A LED String
Efficiency vs VIN, Buck Mode,
13.4V at 1A LED String
Efficiency vs VIN, Buck Mode,
16.7V at 1A LED String
TA = 25°C, unless otherwise noted.
Maximum LED Current
vs Input Voltage, Boost Operation
LTM8042
Efficiency vs VIN, Buck-Boost
Mode, 13.4V at 1A LED String
VIN (V)
12
85
18
16
93
95
94
80421 G10
14
20
26
24
22
30 32
28
34
86
88
90
87
89
92
91
VIN (V)
15
87
19
95
97
96
80421 G11
17
21
27
25
23
31
29
33
88
90
92
89
91
94
93
VIN (V)
19
87
95
97
96
80421 G12
21
27
25
23
31
29
33
88
90
92
89
91
94
93
VIN (V)
4
55
26
24
85
80421 G13
20 22
28 30
10
8
6
12 14 16 18
75
70
80
60
65
VIN (V)
8
70
26
24
22
90
80421 G14
20
10 12 14 16 18
85
75
80
VIN (V)
12
80
24
23
22
87
80421 G15
20
13 14 15 16 17 18
21
19
85
86
81
82
83
84
VIN (V)
15
80
20
90
80421 G16
16
17
18
19
85
86
81
82
83
84
88
89
87
INPUT VOLTAGE (V)
0
0
20
15
1200
80421 G17
10
5
25
30
1000
200
800
400
600
7.4V AT 1A
10.9V AT 1A
14.5V AT 1A
18.1V AT 1A
21.4V AT 1A
24.8V AT 1A
28.2V AT 1A


Similar Part No. - LTM8042-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8042-1 LINER-LTM8042-1 Datasheet
352Kb / 26P
   38VIN Boost 關Module Regulator for LED Drive with 10A Switch
More results

Similar Description - LTM8042-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8042 LINER-LTM8042_15 Datasheet
301Kb / 32P
   Module Boost LED Driver and Current Source
LTM8042 LINER-LTM8042 Datasheet
267Kb / 32P
   關Module Boost LED Driver and Current Source
logo
Diodes Incorporated
AL3066 DIODES-AL3066 Datasheet
495Kb / 14P
   FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
AL3065 DIODES-AL3065 Datasheet
573Kb / 15P
   FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
AP3064 DIODES-AP3064 Datasheet
707Kb / 20P
   FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
logo
Linear Technology
LTM8040 LINER-LTM8040_15 Datasheet
220Kb / 20P
   36V, 1A Module LED Driver and Current Source
logo
Integrated Silicon Solu...
IS31LT3554 ISSI-IS31LT3554 Datasheet
340Kb / 13P
   BOOST TYPE LED DRIVER WITH 4-CHANNEL CURRENT SOURCE
logo
BCD Semiconductor Manuf...
AP3612 BCDSEMI-AP3612 Datasheet
684Kb / 18P
   Boost Type LED Driver with 12-Channel Current Source
logo
Integrated Silicon Solu...
IS31LT3552 ISSI-IS31LT3552 Datasheet
326Kb / 13P
   BOOST TYPE LED DRIVER WITH 2-CHANNEL CURRENT SOURCE
IS32BL3552 ISSI-IS32BL3552 Datasheet
350Kb / 13P
   BOOST TYPE LED DRIVER WITH 2-CHANNEL CURRENT SOURCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com