Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM4649 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM4649
Description  10A Step-Down DC/DC Module Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4649 Datasheet(HTML) 5 Page - Linear Technology

  LTM4649_15 Datasheet HTML 1Page - Linear Technology LTM4649_15 Datasheet HTML 2Page - Linear Technology LTM4649_15 Datasheet HTML 3Page - Linear Technology LTM4649_15 Datasheet HTML 4Page - Linear Technology LTM4649_15 Datasheet HTML 5Page - Linear Technology LTM4649_15 Datasheet HTML 6Page - Linear Technology LTM4649_15 Datasheet HTML 7Page - Linear Technology LTM4649_15 Datasheet HTML 8Page - Linear Technology LTM4649_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LTM4649
5
4649fa
For more information www.linear.com/LTM4649
Typical perForMance characTerisTics
5VIN, 1VOUT Load Transient
5VIN, 1.5VOUT Load Transient
12VIN, 1VOUT Load Transient
12VIN, 1.5VOUT Load Transient
5VIN, 2.5VOUT Load Transient
12VIN, 2.5VOUT Load Transient
12VIN Efficiency
5VIN Efficiency
CCM, Burst Mode and Pulse-
Skipping Mode Efficiency
LOAD CURRENT (A)
0
90
95
100
8
4649 G01
85
80
2
4
6
10
75
70
65
VOUT = 1V, 450kHz
VOUT = 1.2V, 450kHz
VOUT = 1.5V, 450kHz
VOUT = 2.5V, 750kHz
VOUT = 3.3V, 750kHz
LOAD CURRENT (A)
0
90
95
100
8
4649 G02
85
80
2
4
6
10
75
70
65
VOUT = 1V, 450kHz
VOUT = 1.2V, 450kHz
VOUT = 1.5V, 450kHz
VOUT = 2.5V, 450kHz
VOUT = 3.3V, 450kHz
LOAD CURRENT (A)
0.01
40
50
60
70
80
0.1
1
10
4649 G03
30
20
10
0
90
100
CCM
PULSE-
SKIPPPING
Burst Mode
OPERATION
VIN = 12V
VOUT = 1.5V
VOUT
100mV/DIV
AC
IOUT
5A/DIV
AC
50µs/DIV
5VIN, 1VOUT, 5A TO 10A LOAD STEP
COUT = 2 • 220µF 4V CERAMIC CAPACITOR
NO CFF CAPACITOR
4649 G04
VOUT
100mV/DIV
AC
IOUT
5A/DIV
AC
50µs/DIV
12VIN, 1VOUT, 5A TO 10A LOAD STEP
COUT = 2 • 220µF 4V CERAMIC CAPACITOR
NO CFF CAPACITOR
4649 G05
VOUT
100mV/DIV
AC
IOUT
5A/DIV
AC
50µs/DIV
5VIN, 1.5VOUT, 5A TO 10A LOAD STEP
COUT = 2 • 220µF 4V CERAMIC CAPACITOR
NO CFF CAPACITOR
4649 G06
VOUT
100mV/DIV
AC
IOUT
5A/DIV
AC
50µs/DIV
5VIN, 2.5VOUT, 5A TO 10A LOAD STEP
COUT = 2 • 220µF 4V CERAMIC CAPACITOR
NO CFF CAPACITOR
4649 G08
VOUT
100mV/DIV
AC
IOUT
5A/DIV
AC
50µs/DIV
12VIN, 2.5VOUT, 5A TO 10A LOAD STEP, 750kHz
COUT = 2 • 220µF 4V CERAMIC CAPACITOR
NO CFF CAPACITOR
4649 G09
VOUT
100mV/DIV
AC
IOUT
5A/DIV
AC
50µs/DIV
12VIN, 1.5VOUT, 5A TO 10A LOAD STEP
COUT = 2 • 220µF 4V CERAMIC CAPACITOR
NO CFF CAPACITOR
4649 G07


Similar Part No. - LTM4649_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4649EY LINER-LTM4649EY Datasheet
667Kb / 8P
   High Efficiency 10A Step-Down 關Module Regulator
More results

Similar Description - LTM4649_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4633 LINER-LTM4633_15 Datasheet
519Kb / 32P
   Triple 10A Step-Down DC/DC Module Regulator
LTM4649 LINER-LTM4649 Datasheet
1Mb / 30P
   10A Step-Down DC/DC 關Module Regulator
LTM4637 LINER-LTM4637_15 Datasheet
615Kb / 30P
   20A DC/DC Module Step-Down Regulator
logo
Analog Devices
LTM4658 AD-LTM4658 Datasheet
1Mb / 26P
   Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
Rev. 0
logo
Linear Technology
LTM4637 LINER-LTM4637 Datasheet
585Kb / 28P
   20A DC/DC 關Module Step-Down Regulator
LTM4625 LINER-LTM4625_15 Datasheet
455Kb / 24P
   20VIN, 5A Step-Down DC/DC Module Regulator
LTM4624 LINER-LTM4624_15 Datasheet
381Kb / 26P
   14VIN, 4A Step-Down DC/DC Module Regulator
LTM4647 LINER-LTM4647 Datasheet
1Mb / 34P
   30A DC/DC Step-Down 關Module Regulator
LTM4645 LINER-LTM4645 Datasheet
695Kb / 34P
   25A DC/DC Step-Down 關Module Regulator
LTM8023 LINER-LTM8023_15 Datasheet
760Kb / 24P
   2A, 36V DC/DC Step-Down Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com