Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM4622 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM4622
Description  Dual Ultrathin 2.5A Step-Down DC/DC Module Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4622 Datasheet(HTML) 3 Page - Linear Technology

  LTM4622_15 Datasheet HTML 1Page - Linear Technology LTM4622_15 Datasheet HTML 2Page - Linear Technology LTM4622_15 Datasheet HTML 3Page - Linear Technology LTM4622_15 Datasheet HTML 4Page - Linear Technology LTM4622_15 Datasheet HTML 5Page - Linear Technology LTM4622_15 Datasheet HTML 6Page - Linear Technology LTM4622_15 Datasheet HTML 7Page - Linear Technology LTM4622_15 Datasheet HTML 8Page - Linear Technology LTM4622_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LTM4622
3
4622f
For more information www.linear.com/LTM4622
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM4622 is tested under pulsed load conditions such that
TJ ≈ TA. The LTM4622E is guaranteed to meet performance specifications
over the 0°C to 125°C internal operating temperature range. Specifications
over the full –40°C to 125°C internal operating temperature range are
assured by design, characterization and correlation with statistical process
controls. The LTM4622I is guaranteed to meet specifications over the
full –40°C to 125°C internal operating temperature range. Note that the
maximum ambient temperature consistent with these specifications is
determined by specific operating conditions in conjunction with board
layout, the rated package thermal resistance and other environmental
factors.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ΔVOUT (Load)/VOUT Load Regulation Accuracy
VOUT = 1.5V, IOUT = 0A to 2.5A
l
0.2
1.0
%
VOUT(AC)
Output Ripple Voltage
IOUT = 0A, COUT = 100µF Ceramic, VIN = 12V,
VOUT = 1.5V
5
mV
ΔVOUT(START)
Turn-On Overshoot
IOUT = 0A, COUT = 100µF Ceramic, VIN = 12V,
VOUT = 1.5V
30
mV
tSTART
Turn-On Time
COUT = 100µF Ceramic, No Load, TRACK/SS = 0.01µF,
VIN = 12V, VOUT = 1.5V
2.5
ms
ΔVOUTLS
Peak Deviation for Dynamic Load Load: 0% to 50% to 0% of Full Load, COUT = 100µF
Ceramic, VIN = 12V, VOUT = 1.5V
100
mV
tSETTLE
Settling Time for Dynamic Load
Step
Load: 0% to 50% to 0% of Full Load, COUT = 100µF
Ceramic, VIN = 12V, VOUT = 1.5V
20
µs
IOUTPK
Output Current Limit
VIN = 12V, VOUT = 1.5V
3
4
A
VFB
Voltage at FB Pin
IOUT = 0A, VOUT = 1.5V
l
0.592
0.60
0.608
V
IFB
Current at FB Pin
(Note 4)
±30
nA
RFBHI
Resistor Between VOUT and FB
Pins
60.00
60.40
60.80
ITRACK/SS
Track Pin Soft-Start Pull-Up
Current
TRACK/SS = 0V
1.4
µA
tSS
Internal Soft-Start Time
10% to 90% Rise Time (Note 4)
400
700
μs
tON(MIN)
Minimum On-Time
(Note 4)
20
ns
tOFF(MIN)
Minimum Off-Time
(Note 4)
45
ns
VPGOOD
PGOOD Trip Level
VFB With Respect to Set Output
VFB Ramping Negative
VFB Ramping Positive
–8
8
–14
14
%
%
RPGOOD
PGOOD Pull-Down Resistance
1mA Load
20
Ω
VINTVCC
Internal VCC Voltage
VIN = 3.6V to 20V
3.1
3.3
3.5
V
VINTVCC Load Reg INTVCC Load Regulation
ICC = 0mA to 50mA, VIN = 3.6V to 20V
1.3
%
fOSC
Oscillator Frequency
1
MHz
fSYNC
SYNC Capture Range
With Respect to Set Frequency
±30
%
IMODE
MODE Input Current
MODE = INTVCC
–1.5
µA
Note 3: See output current derating curves for different VIN, VOUT and TA.
Note 4: 100% tested at wafer level.
Note 5: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
The l denotes the specifications which apply over the full internal
operating temperature range (Note 2). Specified as each individual output channel at TA = 25°C, VIN = 12V, unless otherwise noted per
the typical application shown in Figure 24.


Similar Part No. - LTM4622_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4622A LINER-LTM4622A Datasheet
863Kb / 30P
   Dual Ultrathin 2A or Single 4A Step-Down DC/DC 關Module Regulator
logo
Analog Devices
LTM4622A AD-LTM4622A Datasheet
2Mb / 24P
   Ultrathin 1.5A 關Module Thermoelectric Cooler (TEC) Regulator
logo
Linear Technology
LTM4622EV LINER-LTM4622EV Datasheet
691Kb / 6P
   Ultrathin Dual 2.5A, Single 5A Step-Down 關Module Regulator
LTM4622EY LINER-LTM4622EY Datasheet
451Kb / 28P
   Dual Ultrathin 2.5A or Single 5A Step-Down DC/DC 關Module Regulator
More results

Similar Description - LTM4622_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4622 LINER-LTM4622 Datasheet
451Kb / 28P
   Dual Ultrathin 2.5A or Single 5A Step-Down DC/DC 關Module Regulator
LTM4623 LINER-LTM4623_15 Datasheet
375Kb / 26P
   Ultrathin 20VIN, 3A Step-Down DC/DC Module Regulator
LTM4622EV LINER-LTM4622EV Datasheet
691Kb / 6P
   Ultrathin Dual 2.5A, Single 5A Step-Down 關Module Regulator
LTM4623 LINER-LTM4623 Datasheet
401Kb / 28P
   Ultrathin 20VIN, 3A Step-Down DC/DC 關Module Regulator
LTM4622A LINER-LTM4622A Datasheet
863Kb / 30P
   Dual Ultrathin 2A or Single 4A Step-Down DC/DC 關Module Regulator
LTM4637 LINER-LTM4637_15 Datasheet
615Kb / 30P
   20A DC/DC Module Step-Down Regulator
LTM4649 LINER-LTM4649_15 Datasheet
1Mb / 30P
   10A Step-Down DC/DC Module Regulator
logo
Advanced Analogic Techn...
AAT1155 ANALOGICTECH-AAT1155_06 Datasheet
536Kb / 17P
   1MHz 2.5A Step-Down DC/DC Converter
AAT1155 ANALOGICTECH-AAT1155 Datasheet
389Kb / 17P
   1MHz 2.5A Step-Down DC/DC Converter
logo
Linear Technology
LTM4631 LINER-LTM4631 Datasheet
975Kb / 34P
   Ultrathin Dual 10A or Single 20A DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com