Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFPA5201ETR13 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFPA5201ETR13
Description  WiFi Power Amplifier 5.0V, 2.4GHz to 2.5GHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA5201ETR13 Datasheet(HTML) 1 Page - RF Micro Devices

  RFPA5201ETR13 Datasheet HTML 1Page - RF Micro Devices RFPA5201ETR13 Datasheet HTML 2Page - RF Micro Devices RFPA5201ETR13 Datasheet HTML 3Page - RF Micro Devices RFPA5201ETR13 Datasheet HTML 4Page - RF Micro Devices RFPA5201ETR13 Datasheet HTML 5Page - RF Micro Devices RFPA5201ETR13 Datasheet HTML 6Page - RF Micro Devices RFPA5201ETR13 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140331
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 7
RFPA5201E
WiFi Power Amplifier
5.0V, 2.4GHz to 2.5GHz
The RFPA5201E is an integrated Power Amplifier (PA) designed for
high performance WiFi systems requiring up to +29dBm linear output
power. The PA is manufactured on an advanced RFMD InGaP
Heterojunction Bipolar Transistor (HBT) process for optimal efficiency
and linearity (EVM).
The RFPA5201E integrates the power detector, biasing and input/output
match which reduces the number of external components and
manufacturability cost. The device is mounted on a 14-pin, 7 x 7mm
LGA laminate package and meets the RF specifications for 802.11b/g/n
systems.
1
4
9
10
12
5
6
11
PA_EN
RF_In
GND
PA_EN
VCC3
RF_Out
GND
GND
Input
Match
2
13
GND
Output
Match
GND
3
7
14
8
VCC
VREG
VCC3
PDet
Bias
Network
Power
Detector
Functional Block Diagram
Ordering Information
RFPA5201ESB
Standard 5 piece bag
RFPA5201ESQ
Standard 25 piece bag
RFPA5201ESR
Standard 100 piece reel
RFPA5201ETR13
Standard 2500 piece reel
RFPA5201EPCK-410
Fully assembled evaluation board w/5 piece bag
Package: Laminate, 14-pin,
7.0mm x 7.0mm x 1.0mm
Features
■ P
OUT = 29dBm; EVM = -30dB
11n MCS7
■ Input and Output Matched
to 50
Ω
■ High Gain: 33dB
■ Integrated Power Detector
■ High Impedance Enable Pin
■ High PAE Design
Applications
■ IEEE 802.11b/g/n WiFi Systems
■ Customer Premise Equipment
(CPE)
■ Wireless Access Points, Gateways
& Routers
■ Microcells
RFPA5201E


Similar Part No. - RFPA5201ETR13

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFPA5201ETR13 QORVO-RFPA5201ETR13 Datasheet
248Kb / 7P
   WiFi Power Amplifier 5.0V, 2.4GHz to 2.5GHz
More results

Similar Description - RFPA5201ETR13

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFPA5201E QORVO-RFPA5201E Datasheet
248Kb / 7P
   WiFi Power Amplifier 5.0V, 2.4GHz to 2.5GHz
logo
RF Micro Devices
RFPA5208 RFMD-RFPA5208 Datasheet
195Kb / 7P
   WiFi Power Amplifier 2.4GHz to 2.5GHz
logo
Qorvo, Inc
RF5565 QORVO-RF5565 Datasheet
1Mb / 14P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi 2.4GHz TO 2.5GHz, 802.11b/g/n WiFi
logo
RF Micro Devices
RFFM8209 RFMD-RFFM8209 Datasheet
545Kb / 10P
   WiFi Front-End Module 2.4GHz to 2.5GHz
logo
Maxim Integrated Produc...
MAX2242 MAXIM-MAX2242 Datasheet
191Kb / 9P
   2.4GHz to 2.5GHz Linear Power Amplifier
19-1912; Rev 3; 11/03
logo
Qorvo, Inc
RFFM4293 QORVO-RFFM4293 Datasheet
218Kb / 9P
   3.0V to 5.0V, 2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
logo
RF Micro Devices
RFFM4203 RFMD-RFFM4203 Datasheet
519Kb / 8P
   3.0V TO 5.0V, 2.4GHz TO 2.5GHz 802.11b/g/n/ac WiFi FRONT END MODULE
logo
Qorvo, Inc
RFFM4203 QORVO-RFFM4203 Datasheet
201Kb / 9P
   3.0V to 5.0V, 2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
logo
RF Micro Devices
RFFM4202 RFMD-RFFM4202 Datasheet
1Mb / 15P
   5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RF5605 RFMD-RF5605 Datasheet
1Mb / 17P
   5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com