Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFPA2224PCK-412 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFPA2224PCK-412
Description  Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2224PCK-412 Datasheet(HTML) 4 Page - RF Micro Devices

  RFPA2224PCK-412 Datasheet HTML 1Page - RF Micro Devices RFPA2224PCK-412 Datasheet HTML 2Page - RF Micro Devices RFPA2224PCK-412 Datasheet HTML 3Page - RF Micro Devices RFPA2224PCK-412 Datasheet HTML 4Page - RF Micro Devices RFPA2224PCK-412 Datasheet HTML 5Page - RF Micro Devices RFPA2224PCK-412 Datasheet HTML 6Page - RF Micro Devices RFPA2224PCK-412 Datasheet HTML 7Page - RF Micro Devices RFPA2224PCK-412 Datasheet HTML 8Page - RF Micro Devices RFPA2224PCK-412 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4 of 19
RFPA2224
DS121121
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance: VCC = VBIAS = VREG =5V
728MHz to 768MHz Application Circuit
-30
-25
-20
-15
-10
-5
0
700
725
750
775
800
Frequency (GHz)
Input Return Loss versus Frequency
25°C
-40°C
85°C
10
11
12
13
14
15
16
17
18
19
20
700
725
750
775
800
Frequency (GHz)
Gain versus Frequency
25°C
-40°C
85°C
-40
-35
-30
-25
-20
-15
-10
-5
0
700
725
750
775
800
Frequency (MHz)
Isolation versus Frequency
25°C
-40°C
85°C
-30
-25
-20
-15
-10
-5
0
700
725
750
775
800
Frequency (GHz)
Output Return Loss versus Frequency
25°C
-40°C
85°C
0
1
2
3
4
5
6
7
8
9
10
728
738
748
758
768
Frequency (MHz)
Noise Figure versus Frequency
25°C
85°C
0.0
0.1
0.2
0.3
0.4
012345
VREG Supply Voltage (V)
Quiescent Current versus VREG Supply Voltage
25°C
85°C
-40°C


Similar Part No. - RFPA2224PCK-412

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA2226 RFMD-RFPA2226 Datasheet
1Mb / 17P
   2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
RFPA2226-EVB1 RFMD-RFPA2226-EVB1 Datasheet
1Mb / 17P
   2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
RFPA2226-EVB2 RFMD-RFPA2226-EVB2 Datasheet
1Mb / 17P
   2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
RFPA2226SQ RFMD-RFPA2226SQ Datasheet
1Mb / 17P
   2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
RFPA2226SR RFMD-RFPA2226SR Datasheet
1Mb / 17P
   2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
More results

Similar Description - RFPA2224PCK-412

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA2016 RFMD-RFPA2016 Datasheet
3Mb / 25P
   3-Stage Power Amplifier, 1W 700MHz to 2700MHz
RFPA2235 RFMD-RFPA2235 Datasheet
1Mb / 20P
   Single-Stage Power Amplifier 2W, 700MHZ to 2700MHZ
RFPA3805 RFMD-RFPA3805 Datasheet
2Mb / 24P
   GaAs HBT 2-Stage Power Amplifier 700MHz to 2700MHz
RFPA2026 RFMD-RFPA2026 Datasheet
3Mb / 25P
   3-Stage Power Amplifier Module, 2W 700MHz to 2700MHz
SZA-2044Z RFMD-SZA-2044Z Datasheet
429Kb / 12P
   700MHz to 2.7GHz 5V 1W Power Amplifier
RFPA0802 RFMD-RFPA0802 Datasheet
962Kb / 13P
   Integrated Power Amplifier 700MHz to 950MHz
RFPA3807 RFMD-RFPA3807 Datasheet
1Mb / 10P
   GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA1012 RFMD-RFPA1012 Datasheet
1Mb / 11P
   GaAs HBT 400MHz to 2700MHz Power Amplifier
RFPA3809 RFMD-RFPA3809 Datasheet
2Mb / 11P
   GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA2089 RFMD-RFPA2089 Datasheet
795Kb / 16P
   InGaP HBT POWER AMPLIFIER 0.25W, 50MHz to 2700MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com