Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFPA3805 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFPA3805
Description  GaAs HBT 2-Stage Power Amplifier 700MHz to 2700MHz
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA3805 Datasheet(HTML) 5 Page - RF Micro Devices

  RFPA3805 Datasheet HTML 1Page - RF Micro Devices RFPA3805 Datasheet HTML 2Page - RF Micro Devices RFPA3805 Datasheet HTML 3Page - RF Micro Devices RFPA3805 Datasheet HTML 4Page - RF Micro Devices RFPA3805 Datasheet HTML 5Page - RF Micro Devices RFPA3805 Datasheet HTML 6Page - RF Micro Devices RFPA3805 Datasheet HTML 7Page - RF Micro Devices RFPA3805 Datasheet HTML 8Page - RF Micro Devices RFPA3805 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS130924
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circu itry, recommended
application circuitry and specifications at any time without prior notice.
5 of 24
RFPA3805
Typical Performance: VCC1 = VCC2 = VBIAS = 5V, VREF1 = VREF2 = 5V
(728MHz to 768MHz Application Circuit)


Similar Part No. - RFPA3805

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA3800 RFMD-RFPA3800 Datasheet
2Mb / 12P
   GaAs HBT 150MHz TO 960MHz POWER AMPLIFIER
RFPA3800PCK-410 RFMD-RFPA3800PCK-410 Datasheet
2Mb / 12P
   GaAs HBT 150MHz TO 960MHz POWER AMPLIFIER
RFPA3800PCK-410 RFMD-RFPA3800PCK-410 Datasheet
1Mb / 12P
   AMPLIFIER
RFPA3800PCK-411 RFMD-RFPA3800PCK-411 Datasheet
2Mb / 12P
   GaAs HBT 150MHz TO 960MHz POWER AMPLIFIER
RFPA3800PCK-411 RFMD-RFPA3800PCK-411 Datasheet
1Mb / 12P
   AMPLIFIER
More results

Similar Description - RFPA3805

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA2016 RFMD-RFPA2016 Datasheet
3Mb / 25P
   3-Stage Power Amplifier, 1W 700MHz to 2700MHz
RFPA2224 RFMD-RFPA2224 Datasheet
1Mb / 19P
   Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
RFPA2235 RFMD-RFPA2235 Datasheet
1Mb / 20P
   Single-Stage Power Amplifier 2W, 700MHZ to 2700MHZ
RFPA3807 RFMD-RFPA3807 Datasheet
1Mb / 10P
   GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA1012 RFMD-RFPA1012 Datasheet
1Mb / 11P
   GaAs HBT 400MHz to 2700MHz Power Amplifier
RFPA2026 RFMD-RFPA2026 Datasheet
3Mb / 25P
   3-Stage Power Amplifier Module, 2W 700MHz to 2700MHz
RFPA3809 RFMD-RFPA3809 Datasheet
2Mb / 11P
   GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA2013 RFMD-RFPA2013 Datasheet
1Mb / 20P
   GaAs HBT Power Amplifier 0.5W, 400MHz to 2700MHz
RFPA2189 RFMD-RFPA2189 Datasheet
863Kb / 11P
   GaAs HBT POWER AMPLIFIER 0.5W, 400MHz to 2700MHz
RFPA2545 RFMD-RFPA2545 Datasheet
2Mb / 19P
   Broadband 4W GaAs HBT Power Amplifier 1400MHz to 2700MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com