Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFPA2089PCK-410 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RFPA2089PCK-410
Description  InGaP HBT POWER AMPLIFIER 0.25W, 50MHz to 2700MHz
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2089PCK-410 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RFPA2089PCK-410 Datasheet HTML 6Page - RF Micro Devices RFPA2089PCK-410 Datasheet HTML 7Page - RF Micro Devices RFPA2089PCK-410 Datasheet HTML 8Page - RF Micro Devices RFPA2089PCK-410 Datasheet HTML 9Page - RF Micro Devices RFPA2089PCK-410 Datasheet HTML 10Page - RF Micro Devices RFPA2089PCK-410 Datasheet HTML 11Page - RF Micro Devices RFPA2089PCK-410 Datasheet HTML 12Page - RF Micro Devices RFPA2089PCK-410 Datasheet HTML 13Page - RF Micro Devices RFPA2089PCK-410 Datasheet HTML 14Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10 of 16
RFPA2089
DS130211
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at ((+1) 336-678-5570 or c
customerservice@rfmd.com.
Evaluation Board Schematic
2.11GHz to 2.17GHz Application Circuit
Evaluation Board Bill of Materials (BOM)
2.11GHz to 2.17GHz Application Circuit
Description
Reference Designator
Manufacturer
Manufacturer's P/N
Evaluation Board
PA2089-410(A)
0.25W Linear PA in SOT89
U1
RFMD
PA2089
CAP, 1
μF, 20%, 20V, TANT-A
C1
AVX Corporation
TAJA105M020R
CAP, 1000pF, 10%, 50V, X7R, 0402
C4
Taiyo Yuden (USA), Inc.
RM UMK105BJ102KV-F
CAP, 1.8pF, +/-0.25pF, 50V, C0G, 0402
C10
Taiyo Yuden (USA), Inc.
RM UMK105CG1R8CW
CAP, 2.7pF, +/-0.25pF, 50V, C0G, 0402
C13
Taiyo Yuden (USA), Inc.
RM UMK105CG2R7CW
CAP, 7.5pF, +/-0.1pF, 50V, C0G, 0402
C15
Murata Electronics
GRM1555C1H7R5BZ01E
CAP, 1.2pF, +/-0.25pF, 50V, C0G, 0402
C25
Taiyo Yuden (USA), Inc.
RM UMK105CG1R2CW
CAP, 18pF, 5%, 50V, CG, 0402
C26
Taiyo Yuden (USA), Inc.
RM UMK105 CG180JV-F
CONN, SMA, END LNCH, MINI, FLT, 0.068"
J1- J2
Emerson Network Power
142-0741-851
IND, 27nH, 5%, M/L, 0603
L1
TOKO INC.
LL1608-FSL27NJ
IND, 10nH, 5%, M/L, 0603
L2
TOKO INC.
LL1608-FSL10NJ
RES, 3.9Ÿ, 5%, 1/10W, 0603
R1
Panasonic
ERJ-3GEYJ3R9V
RES, 470Ÿ, 5%, 1/16W, 0402
R3
Kamaya, Inc
RMC1/16S-471JTH
RES, 300Ÿ, 5%, 1/16W, 0402
R4
Panasonic
ERJ-2GEJ301
RES, 62Ÿ, 1%, 1/16W, 0402
R6
Rohm Electronics
MCR01MZPF62R0
Do Not Place (DNP)
C2-C3, C5-C9, C11-C12, C14,
C16-C24, C27, R2, R5


Similar Part No. - RFPA2089PCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA2002 RFMD-RFPA2002 Datasheet
997Kb / 12P
   Integrated Power Amplifier 1750MHz to 2200MHz
RFPA2002PCK-410 RFMD-RFPA2002PCK-410 Datasheet
997Kb / 12P
   Integrated Power Amplifier 1750MHz to 2200MHz
RFPA2002SQ RFMD-RFPA2002SQ Datasheet
997Kb / 12P
   Integrated Power Amplifier 1750MHz to 2200MHz
RFPA2002SR RFMD-RFPA2002SR Datasheet
997Kb / 12P
   Integrated Power Amplifier 1750MHz to 2200MHz
RFPA2002TR7 RFMD-RFPA2002TR7 Datasheet
997Kb / 12P
   Integrated Power Amplifier 1750MHz to 2200MHz
More results

Similar Description - RFPA2089PCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SBB2082S RFMD-SBB2082S Datasheet
689Kb / 5P
   InGaP HBT Amplifier 50MHz to 850MHz
RFGA2044 RFMD-RFGA2044 Datasheet
570Kb / 8P
   InGaP HBT MMIC AMPLIFIER 50MHz TO 3000MHz
RFGA2054 RFMD-RFGA2054 Datasheet
566Kb / 8P
   InGaP HBT MMIC AMPLIFIER 50MHz TO 3000MHz
RFGA0024 RFMD-RFGA0024 Datasheet
491Kb / 7P
   InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
RFGA0014 RFMD-RFGA0014 Datasheet
491Kb / 7P
   InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
logo
Qorvo, Inc
RFGA2044 QORVO-RFGA2044 Datasheet
1Mb / 11P
   50MHz-3000MHz, InGap HBT MMIC Amplifier
logo
RF Micro Devices
SBB5089Z RFMD-SBB5089Z Datasheet
535Kb / 10P
   50MHz to 6000MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
RFPA3807 RFMD-RFPA3807 Datasheet
1Mb / 10P
   GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA1012 RFMD-RFPA1012 Datasheet
1Mb / 11P
   GaAs HBT 400MHz to 2700MHz Power Amplifier
CGA-1518Z RFMD-CGA-1518Z Datasheet
485Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com