Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFPA2016PCK-411 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFPA2016PCK-411
Description  3-Stage Power Amplifier, 1W 700MHz to 2700MHz
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2016PCK-411 Datasheet(HTML) 3 Page - RF Micro Devices

  RFPA2016PCK-411 Datasheet HTML 1Page - RF Micro Devices RFPA2016PCK-411 Datasheet HTML 2Page - RF Micro Devices RFPA2016PCK-411 Datasheet HTML 3Page - RF Micro Devices RFPA2016PCK-411 Datasheet HTML 4Page - RF Micro Devices RFPA2016PCK-411 Datasheet HTML 5Page - RF Micro Devices RFPA2016PCK-411 Datasheet HTML 6Page - RF Micro Devices RFPA2016PCK-411 Datasheet HTML 7Page - RF Micro Devices RFPA2016PCK-411 Datasheet HTML 8Page - RF Micro Devices RFPA2016PCK-411 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140317
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 25
RFPA2016
Parameter
Specification
Unit
Condition
Min
Typ
Max
Output Return Loss
12
dB
Noise Figure
3.4
dB
2.11GHz to 2.17GHz
VCC = 5.0V, Temp = 25°C, Optimized for -45dBc ACPR
at rated power
Frequency
2.14
GHz
Input Power
0
dBm
Max recommended continuous input power, VCC = 5.0V, Load VSWR = 2:1
Gain
32
36
40
dB
ACPR
-48
-43
dBc
RF output power = 21dBm, WCDMA 3GPP 3.5, test model 1, 64 DPCH
P1dB
31.4
dBm
Output IP3
41
dBm
18dBm per tone, 1MHz spacing, optimized for best ACPR
Detector Output Voltage
0.8
V
CW RF output power = 21dBm with 0.2pF coupling capacitor
Input Return Loss
20
dB
Output Return Loss
14
dB
Noise Figure
5.3
dB
2.62GHz to 2.69GHz
VCC = 5.0V, Temp = 25°C, Optimized for -45dBc ACPR
at rated power
Frequency
2.65
GHz
Input Power
0
dBm
Max recommended continuous input power, VCC = 5.0V, Load VSWR = 2:1
Gain
34
dB
ACPR
-47
dBc
RF output power = 21dBm, WCDMA 3GPP 3.5, test model 1, 64 DPCH
P1dB
31
dBm
Output IP3
40.5
dBm
18dBm per tone, 1MHz spacing, optimized for best ACPR
Detector Output Voltage
0.9
V
CW RF output power = 21dBm with 0.2pF coupling capacitor
Input Return Loss
20
dB
Output Return Loss
11
dB
Noise Figure
5.3
dB
Power Supply
VCC = 5.0V, 2140MHz bias conditions
Amp1 Quiescent Current
30
40
50
mA
At VCC1 = VBIAS = 5V, VPC_EN = 1.8V, off for 750MHz band
Amp2 Quiescent Current
55
75
90
mA
At VCC2 = VBIAS = 5V, VPC_EN = 1.8V
Amp3 Quiescent Current
155
190
240
mA
At VCC3 = VBIAS = 5V, VPC_EN = 1.8V
VBIAS
4.75
5
5.25
V
VBIAS = VCC under normal operating conditions
Enable Voltage High (VPC_EN)
1.6
2.5
5.25
V
Normal operation
Enable Voltage Low (VPC_EN)
0
0.8
V
Module shutdown


Similar Part No. - RFPA2016PCK-411

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFPA2013 ETC2-RFPA2013 Datasheet
677Kb / 1P
   RFPA2013 and RFPA2189 GaAs HBT Power Amplifier, 0.5W, 400 to 2700MHz
logo
RF Micro Devices
RFPA2013 RFMD-RFPA2013 Datasheet
1Mb / 20P
   GaAs HBT Power Amplifier 0.5W, 400MHz to 2700MHz
RFPA2013PCK-410 RFMD-RFPA2013PCK-410 Datasheet
1Mb / 20P
   GaAs HBT Power Amplifier 0.5W, 400MHz to 2700MHz
RFPA2013PCK-411 RFMD-RFPA2013PCK-411 Datasheet
1Mb / 20P
   GaAs HBT Power Amplifier 0.5W, 400MHz to 2700MHz
RFPA2013PCK-412 RFMD-RFPA2013PCK-412 Datasheet
1Mb / 20P
   GaAs HBT Power Amplifier 0.5W, 400MHz to 2700MHz
More results

Similar Description - RFPA2016PCK-411

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA2224 RFMD-RFPA2224 Datasheet
1Mb / 19P
   Single-Stage Power Amplifier 1W, 700MHz to 2700MHz
RFPA2026 RFMD-RFPA2026 Datasheet
3Mb / 25P
   3-Stage Power Amplifier Module, 2W 700MHz to 2700MHz
RFPA2235 RFMD-RFPA2235 Datasheet
1Mb / 20P
   Single-Stage Power Amplifier 2W, 700MHZ to 2700MHZ
RFPA3805 RFMD-RFPA3805 Datasheet
2Mb / 24P
   GaAs HBT 2-Stage Power Amplifier 700MHz to 2700MHz
SZA-2044Z RFMD-SZA-2044Z Datasheet
429Kb / 12P
   700MHz to 2.7GHz 5V 1W Power Amplifier
RFPA0802 RFMD-RFPA0802 Datasheet
962Kb / 13P
   Integrated Power Amplifier 700MHz to 950MHz
RFPA3807 RFMD-RFPA3807 Datasheet
1Mb / 10P
   GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA1012 RFMD-RFPA1012 Datasheet
1Mb / 11P
   GaAs HBT 400MHz to 2700MHz Power Amplifier
RFPA3809 RFMD-RFPA3809 Datasheet
2Mb / 11P
   GaAs HBT 400MHz TO 2700MHz POWER AMPLIFIER
RFPA2089 RFMD-RFPA2089 Datasheet
795Kb / 16P
   InGaP HBT POWER AMPLIFIER 0.25W, 50MHz to 2700MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com