Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFPA2005SQ Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFPA2005SQ
Description  Integrated Power Amplifier Module 1805MHz to 2170MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA2005SQ Datasheet(HTML) 3 Page - RF Micro Devices

  RFPA2005SQ Datasheet HTML 1Page - RF Micro Devices RFPA2005SQ Datasheet HTML 2Page - RF Micro Devices RFPA2005SQ Datasheet HTML 3Page - RF Micro Devices RFPA2005SQ Datasheet HTML 4Page - RF Micro Devices RFPA2005SQ Datasheet HTML 5Page - RF Micro Devices RFPA2005SQ Datasheet HTML 6Page - RF Micro Devices RFPA2005SQ Datasheet HTML 7Page - RF Micro Devices RFPA2005SQ Datasheet HTML 8Page - RF Micro Devices RFPA2005SQ Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS141031
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 9
RFPA2005
Parameter
Specification
Unit
Condition
Min
Typ
Max
ACLR1
– Adjacent Channel
-34
-33
dBc
Without DPD
ACLR2
– Alternate Channel
-53
-50
dBc
Without DPD
ACLR1_DPD
-50
dBc
With DPD
ACLR2_DPD
-60
dBc
With DPD
PA Current Drain
335
mA
POUT = +24dBm
Input Return Loss
-20
dB
Small signal S11, no external matching
Output Return Loss
-10
dB
Small signal S22, no external matching
Harmonics 2f0
-42
dBm
CW, POUT = +24dBm
Harmonics 3f0
-40
dBm


Similar Part No. - RFPA2005SQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA2002 RFMD-RFPA2002 Datasheet
997Kb / 12P
   Integrated Power Amplifier 1750MHz to 2200MHz
RFPA2002PCK-410 RFMD-RFPA2002PCK-410 Datasheet
997Kb / 12P
   Integrated Power Amplifier 1750MHz to 2200MHz
RFPA2002SQ RFMD-RFPA2002SQ Datasheet
997Kb / 12P
   Integrated Power Amplifier 1750MHz to 2200MHz
RFPA2002SR RFMD-RFPA2002SR Datasheet
997Kb / 12P
   Integrated Power Amplifier 1750MHz to 2200MHz
RFPA2002TR7 RFMD-RFPA2002TR7 Datasheet
997Kb / 12P
   Integrated Power Amplifier 1750MHz to 2200MHz
More results

Similar Description - RFPA2005SQ

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1024 NTE-NTE1024 Datasheet
18Kb / 2P
   Integrated Circuit Module - Hybrid, Audio Power Amplifier
NTE1027 NTE-NTE1027 Datasheet
18Kb / 2P
   Integrated Circuit Module - Hybrid, Audio Power Amplifier
logo
RF Micro Devices
RFPA2002 RFMD-RFPA2002 Datasheet
997Kb / 12P
   Integrated Power Amplifier 1750MHz to 2200MHz
RFPA0802 RFMD-RFPA0802 Datasheet
962Kb / 13P
   Integrated Power Amplifier 700MHz to 950MHz
RFPA1802 RFMD-RFPA1802 Datasheet
872Kb / 10P
   Integrated Power Amplifier 1600MHz to 2000MHz
logo
List of Unclassifed Man...
MA413.A.B.002 ETC2-MA413.A.B.002 Datasheet
3Mb / 35P
   LTE 698 to 960MHz/1710 to 2170MHz
logo
NTE Electronics
NTE1819 NTE-NTE1819 Datasheet
23Kb / 2P
   Integrated Circuit Module, AF Power Amplifier, 30W/Ch
logo
Fuji Electric
7MBR15SA140 FUJI-7MBR15SA140 Datasheet
2Mb / 10P
   Power Integrated Module
logo
ANADIGICS, Inc
AWT6172 ANADIGICS-AWT6172 Datasheet
802Kb / 20P
   GSM/GPRS/EDGE Power Amplifier Module with Integrated Power Control
logo
Taoglas antenna solutio...
FXP29.07.0070A TAOGLAS-FXP29.07.0070A Datasheet
2Mb / 11P
   1920-2170MHz Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com