Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFPA1702SQ Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFPA1702SQ
Description  17.7GHz TO 19.7GHz HIGH LINEARITY POWER AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA1702SQ Datasheet(HTML) 2 Page - RF Micro Devices

  RFPA1702SQ Datasheet HTML 1Page - RF Micro Devices RFPA1702SQ Datasheet HTML 2Page - RF Micro Devices RFPA1702SQ Datasheet HTML 3Page - RF Micro Devices RFPA1702SQ Datasheet HTML 4Page - RF Micro Devices RFPA1702SQ Datasheet HTML 5Page - RF Micro Devices RFPA1702SQ Datasheet HTML 6Page - RF Micro Devices RFPA1702SQ Datasheet HTML 7Page - RF Micro Devices RFPA1702SQ Datasheet HTML 8Page - RF Micro Devices RFPA1702SQ Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2 of 9
RFPA1702
DS120601
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
VD1, VD2, VD3
+5.5
V
VG
0V
Junction Temperature
°C
Continuous PDISS (T = 85°C)
(derate 37 mW/°C above
T = 85°C)
°C/W
Storage Temperature
-65 to +150
°C
Operating Temperature
-40 to +85
°C
ESD Sensitivity (HBM)
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Operational Frequency
17.7
19.7
GHz
Positive Supply Voltage (VDD)5.5
V
Drain current (ID)1300
mA
Small-signal Gain
23
dB
Dynamic Range
12
15
dB
P1dB
31
dBm
at 5V
OIP3
43
dBm
at POUT = 20dBm (2 tones total power) in
17.7GHz to 19.7GHz frequency range
IM3
50
dBc
at POUT = 20dBm (2 tones total power) in
17.7GHz to 19.7GHz frequency range
40.6
dBc
at POUT = 24dBm (2 tones total power) in
17.7GHz to 19.7GHz frequency range
32.6
dBc
at POUT = 27dBm (2 tones total power) in
17.7GHz to 19.7GHz frequency range
IM5
80
dBc
at POUT = 20dBm (2 tones total power) in
17.7GHz to 19.7GHz frequency range
66
dBc
at POUT = 24dBm (2 tones total power) in
17.7GHz to 19.7GHz frequency range
Input Return Loss (RLIN)12
dB
Output Return Loss (RLOUT)8
dB
Noise Figure
dB
ESD Sensitivity (HBM)
V
ESD Sensitivity (MM)
V
Moisture Sensitivity Level
V
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.


Similar Part No. - RFPA1702SQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA1012 RFMD-RFPA1012 Datasheet
1Mb / 11P
   GaAs HBT 400MHz to 2700MHz Power Amplifier
RFPA1012PCK-411 RFMD-RFPA1012PCK-411 Datasheet
1Mb / 11P
   GaAs HBT 400MHz to 2700MHz Power Amplifier
RFPA1012PCK-412 RFMD-RFPA1012PCK-412 Datasheet
1Mb / 11P
   GaAs HBT 400MHz to 2700MHz Power Amplifier
RFPA1012SQ RFMD-RFPA1012SQ Datasheet
1Mb / 11P
   GaAs HBT 400MHz to 2700MHz Power Amplifier
RFPA1012SR RFMD-RFPA1012SR Datasheet
1Mb / 11P
   GaAs HBT 400MHz to 2700MHz Power Amplifier
More results

Similar Description - RFPA1702SQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFUV1702 RFMD-RFUV1702 Datasheet
903Kb / 11P
   17.7GHz TO 19.7GHz GaAs MMIC IQ UPCONVERTER
RFRX1702 RFMD-RFRX1702 Datasheet
1Mb / 7P
   GaAs MMIC IQ Downconverter 17.7GHz to 19.7GHz
logo
United Monolithic Semic...
CHA6362-QXG UMS-CHA6362-QXG Datasheet
1Mb / 16P
   17.7 - 19.7GHz Power Amplifier
logo
List of Unclassifed Man...
FMM5805GJ-1 ETC1-FMM5805GJ-1 Datasheet
235Kb / 4P
   17.7-19.7GHz Power Amplifier MMIC
logo
Eudyna Devices Inc
FMM5815GJ-1 EUDYNA-FMM5815GJ-1 Datasheet
95Kb / 4P
   17.7-19.7GHz Power Amplifier MMIC
logo
Guerrilla RF, Inc.
GRF5507W GUERRILLA-GRF5507W Datasheet
4Mb / 26P
   HIGH LINEARITY POWER AMPLIFIER 0.7 to 0.8 GHz
October 31, 2022
GRF5609 GUERRILLA-GRF5609 Datasheet
1Mb / 17P
   HIGH LINEARITY POWER AMPLIFIER 814 to 862 MHz
March 8, 2022
GRF5611 GUERRILLA-GRF5611 Datasheet
1Mb / 18P
   HIGH LINEARITY POWER AMPLIFIER 902 to 960 MHz
January 10, 2023
GRF5536 GUERRILLA-GRF5536 Datasheet
1Mb / 19P
   HIGH LINEARITY POWER AMPLIFIER 3.3 to 4.2 GHz
February 28, 2023
GRF5606 GUERRILLA-GRF5606 Datasheet
1Mb / 18P
   HIGH LINEARITY POWER AMPLIFIER 663 to 716 MHz
March 8, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com