Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZTX955 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZTX955
Description  PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZTX955 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZTX955_15 Datasheet HTML 1Page - Diodes Incorporated ZTX955_15 Datasheet HTML 2Page - Diodes Incorporated ZTX955_15 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP SILICON PLANAR MEDIUM POWER
HIGH CURRENT TRANSISTOR
ISSUE 3 – JUNE 94
FEATURES
* 3 Amps continuous current
* Up to 10 Amps peak current
* Very low saturation voltage
* Excellent gain characteristics up to 3 Amps
* Spice model available
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-180
V
Collector-Emitter Voltage
VCEO
-140
V
Emitter-Base Voltage
VEBO
-6
V
Peak Pulse Current
ICM
-10
A
Continuous Collector Current
IC
-3
A
Practical Power Dissipation*
Ptotp
1.58
W
Power Dissipation at Tamb=25°C
Ptot
1.2
W
Operating and Storage Temperature Range
Tj:Tstg
-55 to +200
°C
*The power which can be dissipated assuming the device is mounted in a typical manner on a
P.C.B. with copper equal to 1 inch square minimum
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated)
PARAMETER
SYMBOL
MIN.
TYP.
MAX. UNIT CONDITIONS.
Collector-Base Breakdown
Voltage
V(BR)CBO
-180
-210
V
IC=-100µA
Collector-Emitter Breakdown
Voltag
V(BR)CER
-180
-210
V
IC=-1µA, RB ≤1KΩ
Collector-Emitter Breakdown
Voltage
V(BR)CEO
-140
-170
V
IC=-10mA*
Emitter-Base Breakdown
Voltage
V(BR)EBO
-6
-8
V
IE=-100µA
Collector Cut-Off Current
ICBO
-50
-1
nA
µ
A
VCB=-150V
VCB=-150V, Tamb=100°C
Collector Cut-Off Current
ICER
R ≤1KΩ
-50
-1
nA
µ
A
VCB=-150V
VCB=-150V, Tamb=100°C
Emitter Cut-Off Current
IEBO
-10
nA
VEB=-6V
Collector-Emitter Saturation
Voltage
VCE(sat)
-30
-60
-90
-250
-60
-100
-120
-330
mV
mV
mV
mV
IC=-100mA, IB=-5mA*
IC=-500mA, IB=-50mA*
IC=-1A, IB=-100mA*
IC=-3A, IB=-300mA*
Base-Emitter
Saturation Voltage
VBE(sat)
-920
-1050 mV
IC=-3A, IB=-300mA*
E-Line
TO92 Compatible
ZTX955
3-321
C
B
E
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C)
PARAMETER
SYMBOL
MIN.
TYP.
MAX. UNIT CONDITIONS.
Base-Emitter
Turn-On Voltage
VBE(on)
-790
-900
mV
IC=-3A, VCE=-5V*
Static Forward
Current Transfer Ratio
hFE
100
100
75
200
200
140
10
300
IC=-10mA, VCE=-5V*
IC=-1A, VCE=-5V*
IC=-3A, VCE=-5V*
IC=-10A, VCE=-5V*
Transition Frequency
fT
110
MHz
IC=-100mA, VCE=-10V
f=50MHz
Output Capacitance
Cobo
40
pF
VCB=-20V, f=1MHz
Switching Times
ton
toff
68
1030
ns
ns
IC=-1A, IB1=-100mA
IB2=100mA, VCC=-50V
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤2%
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
MAX.
UNIT
Thermal Resistance: Junction to Ambient
Junction to Case
Rth(j-amb)
Rth(j-case)
150
50
°C/W
°C/W
ZTX955
-40
2.0
1.0
0.0001
50
150
100
Derating curve
T -Temperature (°C)
Maximum transient thermal impedance
Pulse Width (seconds)
10
100
1
0.1
0.01
4.0
3.0
-20
0
20 40
60 80 100 120
200
180
160
140
t1
tP
D=t1/tP
Case
te
m
peratu
re
Ambien
t tem
peratur
e
D.C.
D=0.6
D=0.2
D=0.1
Single Pulse
0.001
0
D=0.05
3-322


Similar Part No. - ZTX955_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ZTX955STZ FAIRCHILD-ZTX955STZ Datasheet
76Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
More results

Similar Description - ZTX955_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZTX958 DIODES-ZTX958 Datasheet
76Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
ZTX957 DIODES-ZTX957_15 Datasheet
73Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
ZTX955 DIODES-ZTX955 Datasheet
76Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
logo
Zetex Semiconductors
ZTX948 ZETEX-ZTX948 Datasheet
69Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
ZTX949 ZETEX-ZTX949 Datasheet
63Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
ZTX951 ZETEX-ZTX951 Datasheet
63Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
ZTX955 ZETEX-ZTX955 Datasheet
65Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
ZTX958 ZETEX-ZTX958 Datasheet
64Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
logo
Diodes Incorporated
ZTX958 DIODES-ZTX958_15 Datasheet
76Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
ZTX957 DIODES-ZTX957 Datasheet
73Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com