Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DKMD2081 Datasheet(PDF) 7 Page - RF Micro Devices

Part # DKMD2081
Description  45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

DKMD2081 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button DKMD2081 Datasheet HTML 3Page - RF Micro Devices DKMD2081 Datasheet HTML 4Page - RF Micro Devices DKMD2081 Datasheet HTML 5Page - RF Micro Devices DKMD2081 Datasheet HTML 6Page - RF Micro Devices DKMD2081 Datasheet HTML 7Page - RF Micro Devices DKMD2081 Datasheet HTML 8Page - RF Micro Devices DKMD2081 Datasheet HTML 9Page - RF Micro Devices DKMD2081 Datasheet HTML 10Page - RF Micro Devices DKMD2081 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7 of 18
RFMD2081
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
On cold start, or if REFSTBY is programmed low, the reference circuits will need a warm-up period. This is set by the SU_WAIT
bits. This will allow the clock to be stable and immediately available when the ENBL bit is asserted high, allowing the PLL to
assume normal operation.
If the current consumption of the reference circuits in standby mode, typically 2mA, is not critical, then the REFSTBY bit can be
set high. This allows the fastest startup and lock time after ENBL is taken high.
IQ Modulator
The IQ modulator core of the RFMD2081 is wideband covering from 45MHz to 2700MHz. It has been designed to achieve
exceptional linearity for the amount of DC power consumed.
The modulator mixer cores have four coarse gain/current settings. Each setting steps the gain and linearity by 6dB and can be
used to optimize performance or reduce power consumption.
The differential I and Q baseband inputs have 3dB bandwidth of 100MHz, and their input impedance is dominated by 10K
pull down resistors on each pin, as shown in the diagram below, so presenting a 20K
 differential impedance. A common
mode DC bias voltage of around +1.3V is required to set the current through the mixer cores for optimal performance. The off-
set between the common mode voltages on the differential pins can be adjusted to minimize LO leakage at the modulator out-
put. The baseband input signals will be typically of the order of 1Vp-p differential. If required the phase and amplitude of the I
and Q signals can be adjusted to reduce the level of the unwanted sideband signal at the modulator output.
The modulator output is differential and requires a balun and simple matching circuit optimized to the specific application fre-
quencies. The modulator output pins are also used to source current for the modulator mixer circuits, about 20mA on each pin.
This is usually via a center-tapped balun or by RF chokes in the external matching circuitry to the supply.
The modulator output is high impedance, consisting of approximately 2K
 resistance in parallel with some capacitance,
approximately 1pF. The modulator output does not require a conjugate matching network. It is a constant current output which
will drive a real differential load of typically 200
. Since the mixer output is a constant current source, a higher resistance load
will give higher output voltage and gain. A shunt inductor can be used to resonate with the mixer output capacitance at the fre-
quency of interest. This inductor may not be required at lower frequencies where the impedance of the output capacitance is
10K
10K
Qp
Qn
Q mixer core
(FET gates)
10K
10K
Ip
In
I mixer core
(FET gates)


Similar Part No. - DKMD2081

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
DKMD2080 RFMD-DKMD2080 Datasheet
3Mb / 19P
   45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO AND BASEBAND INTERFACE`
More results

Similar Description - DKMD2081

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFMD2081 QORVO-RFMD2081 Datasheet
2Mb / 18P
   45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO
RFMD2080 QORVO-RFMD2080 Datasheet
3Mb / 19P
   45MHz TO 2700MHz IQ MODULATOR WITH 45MHz TO 2700MHz IQ MODULATOR WITH
logo
RF Micro Devices
RFMD2080 RFMD-RFMD2080 Datasheet
3Mb / 19P
   45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO AND BASEBAND INTERFACE`
logo
Texas Instruments
TRF372017 TI1-TRF372017_16 Datasheet
1Mb / 60P
[Old version datasheet]   Integrated IQ Modulator PLL/VCO
TRF372017 TI1-TRF372017 Datasheet
2Mb / 62P
[Old version datasheet]   Integrated IQ Modulator PLL/VCO
logo
RF Micro Devices
RFMD2014 RFMD-RFMD2014 Datasheet
771Kb / 10P
   DIRECT QUADRATURE MODULATOR 1450MHz TO 2700MHz
logo
Qorvo, Inc
RFFC2071 QORVO-RFFC2071 Datasheet
1Mb / 23P
   2.7GHz RF SYNTHESIZER/VCO WITH 2.7GHz RF SYNTHESIZER/VCO WITH
logo
Texas Instruments
TRF3040 TI-TRF3040 Datasheet
576Kb / 40P
[Old version datasheet]   MODULATOR/SYNTHESIZER
logo
NEC
UPC8158K NEC-UPC8158K_01 Datasheet
66Kb / 5P
   AGC/UP-CONVERTER WITH IQ MODULATOR
logo
Analog Devices
ADF4350 AD-ADF4350 Datasheet
803Kb / 28P
   Wideband Synthesizer with Integrated VCO
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com