Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC5599 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC5599
Description  30MHz to 1300MHz Low Power Direct Quadrature Modulator
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5599 Datasheet(HTML) 1 Page - Linear Technology

  LTC5599_15 Datasheet HTML 1Page - Linear Technology LTC5599_15 Datasheet HTML 2Page - Linear Technology LTC5599_15 Datasheet HTML 3Page - Linear Technology LTC5599_15 Datasheet HTML 4Page - Linear Technology LTC5599_15 Datasheet HTML 5Page - Linear Technology LTC5599_15 Datasheet HTML 6Page - Linear Technology LTC5599_15 Datasheet HTML 7Page - Linear Technology LTC5599_15 Datasheet HTML 8Page - Linear Technology LTC5599_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
LTC5599
1
5599f
For more information www.linear.com/LTC5599
Typical applicaTion
FeaTures
DescripTion
30MHz to 1300MHz
Low Power
Direct Quadrature Modulator
applicaTions
L
, LT, LTC, LTM, Linear Technology, and the Linear logo are registered trademarks and
QuikEval is a trademark of Linear Technology Corporation. All other trademarks are the property
of their respective owners.
The LTC®5599 is a direct conversion I/Q modulator de-
signed for low power wireless applications that enable
direct modulation of differential baseband I and Q signals
onanRFcarrier.Singleside-bandmodulationorside-band
suppressed upconversion can be achieved by applying
90° phase-shifted signals to the I and Q inputs. The I/Q
baseband input ports can be either AC or DC coupled to a
source with a common mode voltage level of about 1.4V.
The SPI interface controls the supply current, modulator
gain,andallowsoptimizationoftheLOcarrierfeedthrough
and side-band suppression, with sine wave or square
wave LO drive. A fixed LC network on the LO and RF ports
covers a continuous 90MHz to 1300MHz operation. An
on-chip thermometer can be activated to compensate for
gain-temperature variations. More accurate temperature
measurements can be made using an on-chip diode. In
addition, a continuous analog gain control (VCTRL) pin
can be used for fast power control.
90MHz to 1300MHz Direct Conversion Transmitter Application
n
Frequency Range: 30MHz to 1300MHz
n
Low Power: 2.7V to 3.6V Supply; 28mA
n
Low LO Carrier Leakage: –51.5dBm at 500MHz
n
Side-Band Suppression: –52.6dBc at 500MHz
n
Output IP3: 20.8dBm at 500MHz
n
Low RF Output Noise Floor: –156dBm/Hz at 6MHz
Offset, PRF = 3dBm
n
Sine Wave or Square Wave LO Drive
n
SPI Control:
Adjustable Gain: –19dB to 0dB in 1dB Steps
Effecting Supply Current from 8mA to 35mA
I/Q Offset Adjust: –65dBm LO Carrier Leakage
I/Q Gain/Phase Adjust: –60dBc Side-Band Suppressed
n
24-Lead QFN 4mm × 4mm Package
n
Wireless Microphones
n
Battery Powered Radios
n
Ad-Hoc Wireless Infrastructure Networks
n
“White-Space” Transmitters
n
Software Defined Radios (SDR)
n
Military Radios
EVM and Noise Floor vs RF Output
Power and Digital Gain Setting
with 1Ms/s 16-QAM Signal
LTC5599
VCC
3.3V
5599 TA01a
1nF + 4.7µF
90°
I-CHANNEL
Q-CHANNEL
THERMOMETER
TTCK
SPI
BASEBAND
GENERATOR
EN
RF = 90MHz
to 1300MHz
PA
39nH
15pF
VCO/SYNTHESIZER
10nF
VCTRL
I-DAC
Q-DAC
V
I
V
I
RF OUTPUT POWER (dBm)
–15
10
9
7
5
8
6
4
3
0
1
–105
–115
–125
–135
–145
–155
–165
2
0
5599 TA01b
5
–5
–10
DG = –19
DG = –16
DG = –12
DG = –8
DG = –4
DG = 0


Similar Part No. - LTC5599_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5599 LINER-LTC5599 Datasheet
1Mb / 42P
   30MHz to 1300MHz Low Power Direct Quadrature Modulator
More results

Similar Description - LTC5599_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5599 LINER-LTC5599 Datasheet
1Mb / 42P
   30MHz to 1300MHz Low Power Direct Quadrature Modulator
LTC5589 LINER-LTC5589 Datasheet
2Mb / 46P
   700MHz to 6GHz Low Power Direct Quadrature Modulator
logo
RF Micro Devices
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
   DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850_1 Datasheet
299Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480 Datasheet
82Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_12 Datasheet
155Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_12 Datasheet
220Kb / 12P
   DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_06 Datasheet
104Kb / 8P
   DIRECT QUADRATURE MODULATOR
RFMD0014 RFMD-RFMD0014 Datasheet
2Mb / 10P
   DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_1 Datasheet
340Kb / 12P
   DIRECT QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com