Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC5588-1 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC5588-1
Description  200MHz to 6000MHz Quadrature Modulator with Ultrahigh OIP3
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5588-1 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC5588-1_15 Datasheet HTML 6Page - Linear Technology LTC5588-1_15 Datasheet HTML 7Page - Linear Technology LTC5588-1_15 Datasheet HTML 8Page - Linear Technology LTC5588-1_15 Datasheet HTML 9Page - Linear Technology LTC5588-1_15 Datasheet HTML 10Page - Linear Technology LTC5588-1_15 Datasheet HTML 11Page - Linear Technology LTC5588-1_15 Datasheet HTML 12Page - Linear Technology LTC5588-1_15 Datasheet HTML 13Page - Linear Technology LTC5588-1_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
LTC5588-1
10
55881fb
TYPICAL PERFORMANCE CHARACTERISTICS V
CC = 3.3V, EN = 3.3V, TA = 25°C, LOP input
AC-terminated with 50Ω to ground, BBPI, BBMI, BBPQ, BBMQ inputs 0.5VDC, and 1VP-P(DIFF), baseband input frequencies = 4.5MHz
and 5.5MHz for OIP3 and OIP2, or else baseband input frequency = 100kHz, I and Q 90° shifted, lower sideband selection, LINOPT pin
floating, unless otherwise noted. Test circuit is shown in Figure 8.
Output IP3 vs LINOPT Voltage
(fRF1 = 2600MHz, fRF2 = 2601MHz,
PLOM = 0dBm)
Output IP3 vs LINOPT Voltage
(fRF1 = 3500MHz, fRF2 = 3501MHz,
PLOM = 0dBm)
LINOPT VOLTAGE (V)
2.0
10
20
30
40
2.5
3.0
55881 G37
3.5
3.3V, 85°C
3.3V, 25°C
3.15V, 25°C
3.45V, 25°C
3.3V, –40°C
fLO = 2460MHz
5 PARTS SHOWN
LINOPT VOLTAGE (V)
2.0
10
20
30
40
2.5
3.0
55881 G38
3.5
3.3V, 85°C
3.3V, 25°C
3.15V, 25°C
3.45V, 25°C
3.3V, –40°C
fLO = 3360MHz
5 PARTS SHOWN
Gain Distribution at 2140MHz
GAIN (dB)
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
30
40
50
55881 G39
20
10
0
85°C
25°C
–40°C
Output IP3 Distribution at 2140MHz
LO Feedthrough Distribution at
2140MHz
Image Rejection Distribution at
2140MHz
OIP3 (dBm)
30.4
31.2
32
32.8
33.6
34.4
0
10
20
30
55881 G40
85°C
25°C
–40°C
NOTE 12
LO FEEDTHROUGH (dBm)
–44
–42
–43
–41
–40
–39
–38
–37
0
10
20
30
55881 G41
85°C
25°C
–40°C
IMAGE REJECTION (dBc)
–44
–42
–43
–41
–40
–39
–38
–37
0
10
20
40
30
55881 G41
85°C
25°C
–40°C
Output Noise Floor Distribution at
2140MHz
Output Noise Floor vs RF Output
Power and LOM Port Input Power
(fLO = 2140MHz)
NOISE FLOOR (dBm/Hz)
–161.2
–160.4
–160.8
–159.6
–160.0
0
20
40
60
10
30
50
55881 G43
85°C
25°C
–40°C
RF OUTPUT POWER (dBm)
–15
–145
–140
–135
5
55881 G44
–150
–155
–160
–10
–5
0
10
–10dBm
–5dBm
0dBm
5dBm
10dBm
15dBm
fBB = 2kHz, CW (NOTE 3)
Output Noise Floor vs RF Output
Power and Differential LO Input
Power (fLO = 2140MHz)
RF OUTPUT POWER (dBm)
–15
–145
–140
–135
5
55881 G45
–150
–155
–160
–10
–5
0
10
–10dBm
–5dBm
0dBm
5dBm
10dBm
15dBm
20dBm
LO BALUN =
USING BD1631J50100A
fBB = 2kHz, CW (NOTE 3)


Similar Part No. - LTC5588-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5588-1 LINER-LTC5588-1 Datasheet
685Kb / 30P
   200MHz to 6000MHz Quadrature Modulator with Ultrahigh OIP3
logo
Analog Devices
LTC5588-1 AD-LTC5588-1 Datasheet
2Mb / 32P
   300MHz to 9GHz High Linearity I/Q Demodulator with Wideband IF Amplifier
More results

Similar Description - LTC5588-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5588-1 LINER-LTC5588-1 Datasheet
685Kb / 30P
   200MHz to 6000MHz Quadrature Modulator with Ultrahigh OIP3
logo
Texas Instruments
TRF370417-DIE TI1-TRF370417-DIE Datasheet
111Kb / 6P
[Old version datasheet]   QUADRATURE MODULATOR
logo
RF Micro Devices
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
   DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850_1 Datasheet
299Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480 Datasheet
82Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2402 RFMD-RF2402 Datasheet
84Kb / 6P
   UHF QUADRATURE MODULATOR
RF2713 RFMD-RF2713_1 Datasheet
337Kb / 16P
   QUADRATURE MODULATOR/DEMODULATOR
RF2480 RFMD-RF2480_12 Datasheet
155Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2484 RFMD-RF2484_12 Datasheet
220Kb / 12P
   DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_06 Datasheet
104Kb / 8P
   DIRECT QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com