Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC5585 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC5585
Description  Wideband IQ Demodulator with IIP2 and DC Offset Control
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5585 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC5585_15 Datasheet HTML 2Page - Linear Technology LTC5585_15 Datasheet HTML 3Page - Linear Technology LTC5585_15 Datasheet HTML 4Page - Linear Technology LTC5585_15 Datasheet HTML 5Page - Linear Technology LTC5585_15 Datasheet HTML 6Page - Linear Technology LTC5585_15 Datasheet HTML 7Page - Linear Technology LTC5585_15 Datasheet HTML 8Page - Linear Technology LTC5585_15 Datasheet HTML 9Page - Linear Technology LTC5585_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
LTC5585
6
5585fb
For more information www.linear.com/LTC5585
DC PERFORMANCE CHARACTERISTICS
TYPICAL PERFORMANCE CHARACTERISTICS
IIP3, P1dB vs Temperature (TC)
IIP3, P1dB vs Supply Voltage (VCC)
IIP3 vs LO Power
Supply Current vs Supply Voltage
REF Voltage vs Temperature
EN = 5V, EDC = 0V and EIP2 = 0V. Test circuit shown in Figure 1
700MHz application. VCC = 5V, EN = 5V, EDC = 0V,
EIP2 = 0V, REF = 0.5V, TC = 25°C, PLO = 6dBm, fLO = 690MHz, fRF1 = 700MHz, fRF2 = 701MHz, fBB = 10MHz, PRF1 = PRF2 = –5dBm,
DC Blocks and Mini-Circuits PSCJ-2-1 180° combiner at baseband outputs de-embedded from measurement unless otherwise noted.
Test circuit with RF and LO ports impedance matched as in Figure 1.
SUPPLY VOLTAGE (V)
4.75
160
170
190
200
210
260
230
5
5585 G01
180
240
250
220
5.25
TC = –40°C
TC = 25°C
TC = 85°C
TC = 105°C
TEMPERATURE (°C)
–40
500
505
515
520
525
550
535
0
40
60
80
5585 G02
510
540
545
530
–20
20
100
VCC = 4.75V
VCC = 5V
VCC = 5.25V
LO FREQUENCY (MHz)
600
10
14
22
26
30
50
38
700
800
5585 G03
18
42
46
34
900
1000
I, –40°C
I, 25°C
I, 85°C
I, 105°C
Q, –40°C
Q, 25°C
Q, 85°C
Q, 105°C
IIP3
P1dB
LO FREQUENCY (MHz)
600
10
14
22
26
30
50
TC = 25°C
38
700
800
5585 G04
18
42
46
34
900
1000
I, 4.75V
I, 5.0V
I, 5.25V
Q, 4.75V
Q, 5.0V
Q, 5.25V
IIP3
P1dB
LO FREQUENCY (MHz)
600
10
14
22
26
30
50
TC = 25°C
38
700
800
5585 G05
18
42
46
34
900
1000
I, 0dBm
I, 6dBm
I, 10dBm
Q, 0dBm
Q, 6dBm
Q, 10dBm


Similar Part No. - LTC5585_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5585 LINER-LTC5585 Datasheet
584Kb / 36P
   16-Bit, 20Msps Low Noise Dual ADC
LTC5585 LINER-LTC5585 Datasheet
405Kb / 24P
   16-Bit, 20Msps Serial Low Noise Dual ADC
More results

Similar Description - LTC5585_15

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2766GR NEC-UPC2766GR_00 Datasheet
76Kb / 7P
   WIDEBAND IQ DEMODULATOR FOR DIGITAL RECEIVERS
logo
Texas Instruments
TRF3710_15 TI-TRF3710_15_15 Datasheet
467Kb / 27P
[Old version datasheet]   IQ DEMODULATOR
TRF3710 TI-TRF3710 Datasheet
841Kb / 30P
[Old version datasheet]   IQ DEMODULATOR
TRF371125 TI-TRF371125 Datasheet
1Mb / 46P
[Old version datasheet]   INTEGRATED IQ DEMODULATOR
TRF371135_15 TI-TRF371135_15_15 Datasheet
2Mb / 58P
[Old version datasheet]   INTEGRATED IQ DEMODULATOR
TRF371135 TI-TRF371135 Datasheet
2Mb / 54P
[Old version datasheet]   INTEGRATED IQ DEMODULATOR
logo
Calogic, LLC
SD8901HD CALOGIC-SD8901HD_15 Datasheet
50Kb / 3P
   Wideband, Ring Demodulator
SD8901CY CALOGIC-SD8901CY_15 Datasheet
50Kb / 3P
   Wideband, Ring Demodulator
SD8901 CALOGIC-SD8901 Datasheet
49Kb / 3P
   Wideband, Ring Demodulator
logo
Teledyne Technologies I...
IQM2811 TELEDYNE-IQM2811 Datasheet
268Kb / 2P
   IQ MIXER MODULATOR/DEMODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com