Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFMD2080TR7 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RFMD2080TR7
Description  45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO AND BASEBAND INTERFACE`
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFMD2080TR7 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RFMD2080TR7 Datasheet HTML 2Page - RF Micro Devices RFMD2080TR7 Datasheet HTML 3Page - RF Micro Devices RFMD2080TR7 Datasheet HTML 4Page - RF Micro Devices RFMD2080TR7 Datasheet HTML 5Page - RF Micro Devices RFMD2080TR7 Datasheet HTML 6Page - RF Micro Devices RFMD2080TR7 Datasheet HTML 7Page - RF Micro Devices RFMD2080TR7 Datasheet HTML 8Page - RF Micro Devices RFMD2080TR7 Datasheet HTML 9Page - RF Micro Devices RFMD2080TR7 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6 of 19
RFMD2080
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
The synthesizer step size is typically 1.5Hz when using a 26MHz reference frequency. The exact step size for any reference and
LO frequency can be calculated using the following formula:
(FREF * P) / (R * 224 * LO_DIV*2)
Where FREF is the reference frequency, R is the reference division ratio, P is the prescalar division ratio, and LO_DIV is the LO
divider value.
Pin 26 (GPO4) can be configured as a lock detect pin. The lock status is also available in the read-back register. The lock detect
function is a window detector on the VCO tuning voltage. The lock flag will be high to show PLL lock which corresponds to the
VCO tuning voltage being within the specified range, typically 0.30V to 1.25V.
The lock time of the PLL will depend on a number of factors; including the loop bandwidth and the reference frequency at the
phase detector. This clock frequency determines the speed at which the state machine and internal calibrations run. A 52MHz
phase detector frequency will give fastest lock times, of typically <50
secs when using the PLL re-lock bit.
Phase Detector and Charge Pump
The phase detector provides a current output to drive an active loop filter. The charge pump output current is set by the value
contained in the P1_CP_DEF and P2_CP_DEF fields in the loop filter configuration register. The charge pump current is given
by approximately 3
A/bit, and the fields are 6 bits long. This gives default value (31) of 93A and maximum value (63) of
189
A.
If the automatic loop bandwidth calibration is enabled the charge pump current is set by the calibration algorithm based upon
the VCO gain.
The phase detector will operate with a maximum input frequency of 52MHz.
Loop Filter
The active loop filter is implemented using the on-chip low noise op-amp, with external resistors and capacitors. The op-amp
gives a tuning voltage range of typically +0.1V to +2.4V. The internal configuration of the chip is shown below with the recom-
mended active loop filter. The loop filter shown is designed to give lowest integrated phase noise, for reference frequencies of
between 26MHz and 52MHz. The external loop filter components give the flexibility to optimize the loop response for any par-
ticular application and combination of reference and VCO frequencies.
LFILT1
8p2
180p
22K
470R
470R
330p
330p
LFILT2
LFILT3
+1.1V


Similar Part No. - RFMD2080TR7

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFMD2080 QORVO-RFMD2080 Datasheet
3Mb / 19P
   45MHz TO 2700MHz IQ MODULATOR WITH 45MHz TO 2700MHz IQ MODULATOR WITH
More results

Similar Description - RFMD2080TR7

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFMD2081 RFMD-RFMD2081 Datasheet
2Mb / 18P
   45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO
logo
Qorvo, Inc
RFMD2081 QORVO-RFMD2081 Datasheet
2Mb / 18P
   45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO
RFMD2080 QORVO-RFMD2080 Datasheet
3Mb / 19P
   45MHz TO 2700MHz IQ MODULATOR WITH 45MHz TO 2700MHz IQ MODULATOR WITH
logo
Texas Instruments
TRF372017 TI1-TRF372017_16 Datasheet
1Mb / 60P
[Old version datasheet]   Integrated IQ Modulator PLL/VCO
TRF372017 TI1-TRF372017 Datasheet
2Mb / 62P
[Old version datasheet]   Integrated IQ Modulator PLL/VCO
logo
RF Micro Devices
RFMD2014 RFMD-RFMD2014 Datasheet
771Kb / 10P
   DIRECT QUADRATURE MODULATOR 1450MHz TO 2700MHz
logo
Analog Devices
CN-0248 AD-CN-0248 Datasheet
199Kb / 6P
   An IQ Demodulator-Based IF-to-Baseband Receiver with IF and Baseband Variable Gain and Programmable Baseband Filtering
REV. 0
logo
Linear Technology
LT5503 LINER-LT5503_15 Datasheet
227Kb / 20P
   1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
logo
Texas Instruments
TRF3722 TI1-TRF3722 Datasheet
2Mb / 67P
[Old version datasheet]   Quadrature Modulator with Integrated PLL and VCO
logo
Linear Technology
LT5503 LINER-LT5503 Datasheet
210Kb / 20P
   1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com