Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M3H-50 Datasheet(PDF) 1 Page - Tyco Electronics

Part # M3H-50
Description  Three-Way Power Dividers 1 - 100 MHz and 50 - 300 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

M3H-50 Datasheet(HTML) 1 Page - Tyco Electronics

  M3H-50 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Three-Way Power Dividers
1 - 100 MHz and 50 - 300 MHz
M3H-50/M3V-50
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
1
Specifications Subject to Change Without Notice.
V2.00
Features
Ideal for High Density Packaging
High Isolation
VSWR: 1.3:1 Max.
Impedance: 50 Ohms Nom.
Maximum Power Rating or Input Power: 1 W. Max.
Internal Load Dissipation: 0.05 W. Max.
MIL-STD-202 Screening Available
Guaranteed Specifications* (From -55°C to +85°C)
Part Number
M3H-50
M3V-50
Frequency Range
1 - 100
50 - 300 MHz
Insertion Loss (Less Coupling)
0.5
0.75 dB Max.
Isolation
30
25 dB Min.
Amplitude Balance
0.2
0.2 dB Max.
Phase Balance
1.0
2.0° Max.
VSWR
1.3:1
1.3:1 Max.
*All specifications apply with 50 ohm source and load impedance.
Pin Configuration
P2
Input
P1
Output
P3
Output
P4
Output
Case ground.
Ordering Information
Part Number
Package
M3H-50
TO-5-2
M3V-50
TO-5-2
q
q
q
q
q
q
q
TO-5-2
Typical Performance
Dimensions in ( ) are in mm.
Unless Otherwise Noted: .xxx = ±0.010 (.xx = ±0.25)
.xx = ±0.02 (.x = ±0.5)
MOUNTING AREA:
0.1 SQ. IN.
0.6 SQ. CM.
WEIGHT (APPROX.): 0.11 OUNCES 3 GRAMS


Similar Part No. - M3H-50

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M3H-50 MA-COM-M3H-50 Datasheet
66Kb / 2P
   Three-Way Power Dividers, 1 - 100 MHz and 50 - 300 MHz
M3H-50 MA-COM-M3H-50 Datasheet
66Kb / 2P
   Three-Way Power Dividers
M3H-50PIN MA-COM-M3H-50PIN Datasheet
66Kb / 2P
   Three-Way Power Dividers, 1 - 100 MHz and 50 - 300 MHz
M3H-50 MA-COM-M3H-50_15 Datasheet
66Kb / 2P
   Three-Way Power Dividers
More results

Similar Description - M3H-50

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M3H-50 MA-COM-M3H-50 Datasheet
66Kb / 2P
   Three-Way Power Dividers, 1 - 100 MHz and 50 - 300 MHz
logo
Tyco Electronics
DS-117308 MACOM-DS-117308 Datasheet
110Kb / 2P
   Three-Way Power Dividers 1 - 300 MHz
MTH-50 MACOM-MTH-50 Datasheet
127Kb / 1P
   Two-Way Power Dividers 1 - 100 MHz and 40 - 400 MHz
logo
M/A-COM Technology Solu...
DS-117 MA-COM-DS-117 Datasheet
76Kb / 3P
   Three-Way Power Divider, 1 - 300 MHz
MTH-50 MA-COM-MTH-50 Datasheet
56Kb / 2P
   Two-Way Power Dividers, 1 - 100 MHz and 40 - 400 MHz
M3V-50 MA-COM-M3V-50_15 Datasheet
66Kb / 2P
   Three-Way Power Dividers
M3V-50 MA-COM-M3V-50 Datasheet
66Kb / 2P
   Three-Way Power Dividers
THV-50 MA-COM-THV-50 Datasheet
69Kb / 2P
   Two-Way Power Dividers, 2 - 200 MHz and 20 - 400 MHz
logo
Tyco Electronics
THV-50 MACOM-THV-50 Datasheet
115Kb / 2P
   Two-Way Power Dividers 2 - 200 MHz and 20 - 400 MHz
logo
M/A-COM Technology Solu...
M3H-50 MA-COM-M3H-50 Datasheet
66Kb / 2P
   Three-Way Power Dividers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com