Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZTX849 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZTX849
Description  NPN SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZTX849 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZTX849_15 Datasheet HTML 1Page - Diodes Incorporated ZTX849_15 Datasheet HTML 2Page - Diodes Incorporated ZTX849_15 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
0.01
0.1
1
10
0.4
0
0.8
TYPICAL CHARACTERISTICS
VCE(sat) v IC
IC - Collector Current (Amps)
IC - Collector Current (Amps)
VBE(sat) v IC
VCE - Collector Voltage (Volts)
Safe Operating Area
0.1
100
110
0.1
1
10
100
Single Pulse Test at Tamb=25°C
0.01
0.1
1
10
1.0
0.5
2.0
1.5
IC - Collector Current (Amps)
VBE(on) v IC
VCE=1V
IC/IB=10
0.6
0.2
0.01
0.1
1
10
0
1.0
0.8
0.6
0.4
0.2
1.6
1.4
1.2
IC - Collector Current (Amps)
hFE v IC
300
200
100
D.C.
1s
100ms
10ms
1.0ms
0.1ms
VCE=5V
100
VCE=1V
100
0.001
IC/IB=50
0.01
0.1
1
10
1.0
0.5
2.0
1.5
100
0.001
IC/IB=50
IC/IB=10
100
ZTX849
3-293


Similar Part No. - ZTX849_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZTX849STOB DIODES-ZTX849STOB Datasheet
72Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
More results

Similar Description - ZTX849_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZTX855 DIODES-ZTX855 Datasheet
83Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
ZTX851 DIODES-ZTX851 Datasheet
73Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
logo
Zetex Semiconductors
ZTX851 ZETEX-ZTX851 Datasheet
62Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
logo
Diodes Incorporated
ZTX857 DIODES-ZTX857_15 Datasheet
87Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
logo
Zetex Semiconductors
ZTX849 ZETEX-ZTX849 Datasheet
60Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
ZTX857 ZETEX-ZTX857 Datasheet
75Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
ZTX869 ZETEX-ZTX869 Datasheet
60Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
ZTX855 ZETEX-ZTX855 Datasheet
71Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
logo
Diodes Incorporated
ZTX869 DIODES-ZTX869_15 Datasheet
71Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
ZTX857 DIODES-ZTX857 Datasheet
87Kb / 3P
   NPN SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com