Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JHS-114 Datasheet(PDF) 2 Page - Tyco Electronics

Part # JHS-114
Description  Surface Mount Quadrature Hybrid 20 - 40 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

JHS-114 Datasheet(HTML) 2 Page - Tyco Electronics

  JHS-114 Datasheet HTML 1Page - Tyco Electronics JHS-114 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Surface Mount Quadrature Hybrid
JHS-114
V2.00
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
2
Specifications Subject to Change Without Notice.
Typical Performance (cont’d)


Similar Part No. - JHS-114

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
JHS-114 MACOM-JHS-114 Datasheet
172Kb / 2P
   Quadrature Hybrid, 20 - 40 MHz
logo
M/A-COM Technology Solu...
JHS-114 MA-COM-JHS-114 Datasheet
99Kb / 3P
   Quadrature Hybrid, 20 - 40 MHz
logo
Tyco Electronics
JHS-114PIN MACOM-JHS-114PIN Datasheet
172Kb / 2P
   Quadrature Hybrid, 20 - 40 MHz
logo
M/A-COM Technology Solu...
JHS-114PIN MA-COM-JHS-114PIN Datasheet
99Kb / 3P
   Quadrature Hybrid, 20 - 40 MHz
More results

Similar Description - JHS-114

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
JH-114 MACOM-JH-114 Datasheet
172Kb / 2P
   Quadrature Hybrid, 20 - 40 MHz
logo
M/A-COM Technology Solu...
JH-114 MA-COM-JH-114 Datasheet
99Kb / 3P
   Quadrature Hybrid, 20 - 40 MHz
logo
Tyco Electronics
JH-115 MACOM-JH-115 Datasheet
172Kb / 2P
   Surface Mount Quadrature Hybrid, 40 - 80 MHz
logo
M/A-COM Technology Solu...
JH-115 MA-COM-JH-115 Datasheet
62Kb / 3P
   Surface Mount Quadrature Hybrid, 40 - 80 MHz
logo
Tyco Electronics
JHS-115 MACOM-JHS-115 Datasheet
111Kb / 2P
   Surface Mount Quadrature Hybrid 40 - 80 MHz
JH-10-4 MACOM-JH-10-4 Datasheet
81Kb / 2P
   Quadrature Hybrid 20 - 140 MHz
JHS-142 MACOM-JHS-142 Datasheet
108Kb / 1P
   Surface Mount Quadrature Hybrid 200 - 400 MHz
logo
M/A-COM Technology Solu...
JHS-142 MA-COM-JHS-142 Datasheet
64Kb / 2P
   Surface Mount Quadrature Hybrid, 200 - 400 MHz
logo
Tyco Electronics
JHS-142 MACOM-JHS-142_1 Datasheet
109Kb / 2P
   Surface Mount Quadrature Hybrid, 200 - 400 MHz
logo
M/A-COM Technology Solu...
JH-_JHS-115 MA-COM-JH-_JHS-115 Datasheet
62Kb / 3P
   Surface Mount Quadrature Hybrid
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com