Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH3004-DC60A Datasheet(PDF) 4 Page - Rohm

Part # AH3004-DC60A
Description  For Packaging High-speed Printers AH Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

AH3004-DC60A Datasheet(HTML) 4 Page - Rohm

  AH3004-DC60A Datasheet HTML 1Page - Rohm AH3004-DC60A Datasheet HTML 2Page - Rohm AH3004-DC60A Datasheet HTML 3Page - Rohm AH3004-DC60A Datasheet HTML 4Page - Rohm AH3004-DC60A Datasheet HTML 5Page - Rohm AH3004-DC60A Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4/5
Data Sheet
AH3004-DC60A
www.rohm.com
c
2015 ROHM Co., Ltd. All rights reserved.
2015.04 - Rev.A
Timing Chart
1.
/STB1(I)
/STBn(I)
:
[*CP n]
(Note 1*)
[*Si n]
START(I)
VDD(+5V)
/RESET(IN)
DI(IN)
CLK(IN)
/LOAD(IN)
Min.82μs
Min. 5μs
Min.16μs
tsetup /STB
Ton f
Ton e
Ton d
Ton c
Ton b
Ton a
(Note 2*)
t1
tw START
ST1
ST2
ST3
ST4
ST5
ST6
ST7
Min.16μs (Note3*)
A
B
C
DE
F
1 cycle[S.L.T]
ST1
ST2
ST3
ST4
ST5
ST6
ST7
ABC
D
E
F
t2
Level 1
Level 2
Level 3
Level 4
F: Data of
Level 5
Level 6
Level 1
Level 2
Level 3
Level 4
E: Data of
Level 5
Level 1
Level 2
Level 3
Level 4
D: Data of
Level 1
Level 2
Level 3
C: Data of
Level 1
Level 2
B: Data of
Level 1
A: Data of
(Note*4)
NO INC(INCREMENT) ON ST6,ST7.
(Note*3)
NEED MORE THAN 16 s ON EACH START PULSE.
(Note*2)
REFER TO Table-4 FOR Ton a-f.
(Note*1)
SIGNAL WITH ASTERISK IS GENERATED HEAD INSIDE.
2.
DI
/LOAD
START
[SIn]
A
INC
tw CLK
tsetup DI
thold DI
Min 16us
D
Min100ns
tw INC
f CLK
tsetup/LOAD
tw /LOAD
tw START
CLK (CP)
Min 16us


Similar Part No. - AH3004-DC60A

ManufacturerPart #DatasheetDescription
logo
Rohm
AH3004-DC50A ROHM-AH3004-DC50A Datasheet
559Kb / 6P
   For Packaging High-speed Printers AH Series
More results

Similar Description - AH3004-DC60A

ManufacturerPart #DatasheetDescription
logo
Rohm
AH3004-DC50A ROHM-AH3004-DC50A Datasheet
559Kb / 6P
   For Packaging High-speed Printers AH Series
AH2004-DC50A ROHM-AH2004-DC50A Datasheet
562Kb / 6P
   For Packaging High-speed Printers AH Series
AH3002-DC60A ROHM-AH3002-DC60A Datasheet
593Kb / 6P
   For Packaging High-speed Printers AH Series
AH2001-DK50A ROHM-AH2001-DK50A Datasheet
556Kb / 6P
   For Packaging High-speed Printers AH Series
AH2002-DC50A ROHM-AH2002-DC50A Datasheet
561Kb / 6P
   For Packaging High-speed Printers A H Series
KD3006-TQFW00A ROHM-KD3006-TQFW00A Datasheet
326Kb / 2P
   For Large-sized, High-speed Label Printers series
2019.10 - Rev.001
KD3003-K5FW00A ROHM-KD3003-K5FW00A Datasheet
335Kb / 2P
   For High-speed Receipt , Smart POS Printers series
2019.10 - Rev.001
KD2004-DAGW00A ROHM-KD2004-DAGW00A Datasheet
119Kb / 2P
   For High-speed Receipt Smart POS Printers series
KD2004-DAFW00A ROHM-KD2004-DAFW00A Datasheet
119Kb / 2P
   For High-speed Receipt , Smart POS Printers series
KD3002-KAFW00A ROHM-KD3002-KAFW00A Datasheet
345Kb / 2P
   For High-speed Receipt , Smart POS Printers series
2021.12 - Rev.001
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com