Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFLA9002PCK-410 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFLA9002PCK-410
Description  Dual Low Noise Amplifier Module 698MHz to 960MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFLA9002PCK-410 Datasheet(HTML) 2 Page - RF Micro Devices

  RFLA9002PCK-410 Datasheet HTML 1Page - RF Micro Devices RFLA9002PCK-410 Datasheet HTML 2Page - RF Micro Devices RFLA9002PCK-410 Datasheet HTML 3Page - RF Micro Devices RFLA9002PCK-410 Datasheet HTML 4Page - RF Micro Devices RFLA9002PCK-410 Datasheet HTML 5Page - RF Micro Devices RFLA9002PCK-410 Datasheet HTML 6Page - RF Micro Devices RFLA9002PCK-410 Datasheet HTML 7Page - RF Micro Devices RFLA9002PCK-410 Datasheet HTML 8Page - RF Micro Devices RFLA9002PCK-410 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140117
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
2 of 11
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
+5.5
VDC
Control Voltage
+5.5
VDC
DC Supply Current
140
mA
Power Dissipation
770
mW
Max RF Input Power
15
dBm
Operating Temperature (TCASE)
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Max Junction Temperature (TJ)
150
°C
ESD Rating - Human Body Model (HBM)
1000 (Class 1C)
V
Moisture Sensitivity Level
MSL3
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of
antimony trioxide in polymeric materials
and red phosphorus as a flame retardant,
and <2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
Individual LNA Performance
T = 25°C, VCC = 4V, Standard Application Circuit
Frequency Range
698
960
MHz
Gain (On Mode)
16
17.5
19.5
dB
SD = 0V
Noise Figure
1.0
1.4
dB
Input P1dB
-5
0
dBm
698MHz
-3
0
dBm
880MHz and 960MHz
Input IP3
1.5
5
dBm
Gain (Off Mode)
-43
dB
SD = 4V
Gain Delta
>40
dB
Gain LNA (on mode)
– Gain LNA (off mode)
Input Return Loss
13
dB
SD = 0V
Output Return Loss
13.5
dB
Isolation (LNA1 OUT to LNA2 IN)
39
45
dB
Gain Compression Slope
-1.1
-1
-0.1
dB
Gain compresses monotonically with increased input power once saturated
Overall Power Supply
T = 25°C, VCC = 4V, Standard Application Circuit
Supply Voltage
3.5
4
5
V
SD Voltage
0
VCC
V
Logic High
1.7
VCC
V
Logic Low
0
0.6
V
Thermal Resistance
139
°C/W
85°C at 4.5V at 35mA of current
Current
8
12
20
mA
On Mode, SD = 0V
0.01
1
3
mA
Off Mode, SD = 4V


Similar Part No. - RFLA9002PCK-410

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFLA9002PCK-410 QORVO-RFLA9002PCK-410 Datasheet
983Kb / 11P
   Dual Low Noise Amplifier Module 698MHz to 960MHz
More results

Similar Description - RFLA9002PCK-410

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFLA9002 QORVO-RFLA9002 Datasheet
983Kb / 11P
   Dual Low Noise Amplifier Module 698MHz to 960MHz
logo
Molex Electronics Ltd.
2066490001 MOLEX-2066490001_V02 Datasheet
40Kb / 1P
   698MHz-960MHz Cellular Ceramic Antenna, Low-profile, SMT
02/22/2022
2066490001 MOLEX-2066490001 Datasheet
40Kb / 1P
   698MHz-960MHz Cellular Ceramic Antenna, Low-profile, SMT
2066490001 MOLEX-2066490001_V01 Datasheet
40Kb / 1P
   698MHz-960MHz Cellular Ceramic Antenna, Low-profile, SMT
logo
RF Micro Devices
RFLA9003 RFMD-RFLA9003 Datasheet
1Mb / 11P
   Dual Low Noise Amplifier Module 1710MHz to 2180MHz
logo
Qorvo, Inc
RFLA9003 QORVO-RFLA9003 Datasheet
1Mb / 11P
   Dual Low Noise Amplifier Module 1710MHz to 2180MHz
2013
logo
Exar Corporation
CLC2059 EXAR-CLC2059 Datasheet
970Kb / 13P
   Dual, Low Noise, 4V to 36V Amplifier
logo
Cadeka Microcircuits LL...
CLC2059 CADEKA-CLC2059 Datasheet
1Mb / 13P
   Dual, Low Noise, 4V to 36V Amplifier
logo
Elantec Semiconductor
EL2228C ELANTEC-EL2228C Datasheet
281Kb / 12P
   Dual Low Noise Amplifier
logo
Intersil Corporation
EL2228 INTERSIL-EL2228 Datasheet
614Kb / 10P
   Dual Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com