Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ2511 Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # AZ2511
Description  120 Amp switching capability at Res. Load
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ2511 Datasheet(HTML) 1 Page - American Zettler, Inc.

  AZ2511 Datasheet HTML 1Page - American Zettler, Inc. AZ2511 Datasheet HTML 2Page - American Zettler, Inc. AZ2511 Datasheet HTML 3Page - American Zettler, Inc. AZ2511 Datasheet HTML 4Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 105
Operate Time (max.)
20 ms at nominal coil voltage
Release Time (max.)
20 ms at nominal coil voltage
Dielectric Strength
2000 Vrms contact to contact
(at sea level for 1 min.) 4000 Vrms contact to coil
Insulation Resistance
1000Megaohms at 500 VDC
Creepage Distance
8mm
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 85°C (185°F)
Vibration
1.5mm DA at 10–55 Hz
Shock Mechanical
Functonal
10g
Destructive 100 g
Enclosure
P.B.T. polyester
Terminals
P.C. (Coil), heavy Tabs(Power)
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
Approx. 85 grams
COIL
Power
At Pickup Voltage
(typical)
1.77 W single coil
3.52 W dual coil
Temperature
105°C (221°F)
CONTACTS
Arrangement
SPST N.O. (1 Form A) SPST NO DM (1 Form U)
SPST N.C. (1 Form B) SPST NC DB (1 Form V)
Ratings
Resistive load:
Max. switched power: 3360 W or 33240 VA
Max. switched current:120 A
Max. switched voltage: 440 VAC
120 A at 277VAC/28VDC Resistive
Material
Silver Tin Oxide
Resistance
1A,1B: 1 milliohm max.(at 1A 24VDC)
1U,1V: 0.7 milliohm max. (at 1A 24VDC)
AZ2511
9/21/2012
120 AMP MINIATURE
HIGHPOWER LATCHING
RELAY
FEATURES
• Latching relay
• 120 Amp switching capability at Res. Load
• Heavy load to 33.24kVA
• 4kV dielectric strength(contact to coil)
• Single and Dual coils
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.
ELECTRICAL ENDURANCE


Similar Part No. - AZ2511

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ2510 AZETTLER-AZ2510 Datasheet
125Kb / 2P
   100 AMP LATCHING POWER RELAY
AZ2510P1-1A-12D AZETTLER-AZ2510P1-1A-12D Datasheet
125Kb / 2P
   100 AMP LATCHING POWER RELAY
AZ2510P1-1A-24D AZETTLER-AZ2510P1-1A-24D Datasheet
125Kb / 2P
   100 AMP LATCHING POWER RELAY
AZ2510P1-1A-6D AZETTLER-AZ2510P1-1A-6D Datasheet
125Kb / 2P
   100 AMP LATCHING POWER RELAY
AZ2510P2-1A-12D AZETTLER-AZ2510P2-1A-12D Datasheet
125Kb / 2P
   100 AMP LATCHING POWER RELAY
More results

Similar Description - AZ2511

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ7709 AZETTLER-AZ7709 Datasheet
1Mb / 2P
   5 Amp switching capability
AZ9405 AZETTLER-AZ9405 Datasheet
640Kb / 2P
   10 Amp switching capability
logo
Bruckewell Technology L...
SMA6F6.8A-56A BWTECH-SMA6F6.8A-56A Datasheet
1Mb / 4P
   600W surge capability at 1ms
PASMA6.8C BWTECH-PASMA6.8C Datasheet
592Kb / 7P
   400W surge capability at 1ms
P6SMB_CA BWTECH-P6SMB_CA Datasheet
528Kb / 5P
   600W surge capability at 1ms
logo
Hongfa Technology
HF165FD-G HONGFA-HF165FD-G_17 Datasheet
59Kb / 3P
   40A switching capability
logo
Ningbo Tianbo Ganglian ...
HJR-21FF TIANBO-HJR-21FF Datasheet
1Mb / 3P
   12A switching capability
logo
Ningbo songle relay co....
SLM SONGLERELAY-SLM Datasheet
4Mb / 2P
   35A switching capability
logo
Ningbo Tianbo Ganglian ...
TRA1 TIANBO-TRA1 Datasheet
1Mb / 3P
   10A switching capability
TRA2 TIANBO-TRA2 Datasheet
1Mb / 3P
   16A switching capability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com