Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JH-10-4 Datasheet(PDF) 2 Page - Tyco Electronics

Part # JH-10-4
Description  Quadrature Hybrid 20 - 140 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

JH-10-4 Datasheet(HTML) 2 Page - Tyco Electronics

  JH-10-4 Datasheet HTML 1Page - Tyco Electronics JH-10-4 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Quadrature Hybrid
JH-10-4
V2.00
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
2
Specifications Subject to Change Without Notice.
Typical Performance
FREQUENCY (MHz)
FREQUENCY (MHz)
FREQUENCY (MHz)
ISOLATION
VSWR
TRANSMISSION PHASE
FREQUENCY (MHz)
COUPLING


Similar Part No. - JH-10-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
JH-113 MACOM-JH-113 Datasheet
133Kb / 3P
   Quadrature Hybrid, 7 - 14 MHz
logo
M/A-COM Technology Solu...
JH-113 MA-COM-JH-113 Datasheet
90Kb / 3P
   Quadrature Hybrid, 7 - 14 MHz
logo
Tyco Electronics
JH-113PIN MACOM-JH-113PIN Datasheet
133Kb / 3P
   Quadrature Hybrid, 7 - 14 MHz
logo
M/A-COM Technology Solu...
JH-113PIN MA-COM-JH-113PIN Datasheet
90Kb / 3P
   Quadrature Hybrid, 7 - 14 MHz
logo
Tyco Electronics
JH-114 MACOM-JH-114 Datasheet
172Kb / 2P
   Quadrature Hybrid, 20 - 40 MHz
More results

Similar Description - JH-10-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
JH-114 MACOM-JH-114 Datasheet
172Kb / 2P
   Quadrature Hybrid, 20 - 40 MHz
logo
M/A-COM Technology Solu...
JH-114 MA-COM-JH-114 Datasheet
99Kb / 3P
   Quadrature Hybrid, 20 - 40 MHz
logo
Tyco Electronics
JHS-114 MACOM-JHS-114 Datasheet
57Kb / 2P
   Surface Mount Quadrature Hybrid 20 - 40 MHz
JH-131 MACOM-JH-131 Datasheet
99Kb / 2P
   Three-Port Quadrature Hybrid 20 - 200 MHz
JH-131 MACOM-JH-131_1 Datasheet
243Kb / 2P
   Three-Port Quadrature Hybrid, 20 - 200 MHz
logo
M/A-COM Technology Solu...
JH-131 MA-COM-JH-131 Datasheet
80Kb / 2P
   Three-Port Quadrature Hybrid, 20 - 200 MHz
logo
Analog Devices
AD8345 AD-AD8345_15 Datasheet
1,020Kb / 20P
   140 MHz to 1000 MHz Quadrature Modulator
REV. B
AD8345AREZ AD-AD8345AREZ Datasheet
362Kb / 20P
   140 MHz to 1000 MHz Quadrature Modulator
REV. B
logo
SYNERGY MICROWAVE CORPO...
SLQ-302 SYNERGY-SLQ-302 Datasheet
64Kb / 2P
   QUADRATURE HYBRID 3:1 BANDWIDTH 20 - 60 MHz
logo
Tyco Electronics
JHS-119 MACOM-JHS-119 Datasheet
78Kb / 2P
   Quadrature Hybrid 80 - 160 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com