Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ943T Datasheet(PDF) 3 Page - American Zettler, Inc.

Part # AZ943T
Description  20A switching capability
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ943T Datasheet(HTML) 3 Page - American Zettler, Inc.

  AZ943T Datasheet HTML 1Page - American Zettler, Inc. AZ943T Datasheet HTML 2Page - American Zettler, Inc. AZ943T Datasheet HTML 3Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AZ943T
2/11/13
Double Pin Version
(Top view)
Wiring Diagram
Outline Dimensions
(Viewed from Terminals)
PCB Layout
(Viewed from Terminals)
If no tolerance is shown, dimension <= 1mm tolerance is ±0.2mm;dimension > 1mm and <=5mm tolerance is ±0.3mm;dimension >5mm tolerance is ±0.4mm
1 Form A
1 Form A
1 Form C
1 Form C


Similar Part No. - AZ943T

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ943 ZETTLER-AZ943 Datasheet
45Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ943 AZETTLER-AZ943 Datasheet
109Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ943 ZETTLER-AZ943 Datasheet
63Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ943-1CH-12D AZETTLER-AZ943-1CH-12D Datasheet
109Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ943-1CH-12D ZETTLER-AZ943-1CH-12D Datasheet
63Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
More results

Similar Description - AZ943T

ManufacturerPart #DatasheetDescription
logo
Ningbo Tianbo Ganglian ...
HJR-78F TIANBO-HJR-78F Datasheet
1Mb / 3P
   20A switching capability
TRKM TIANBO-TRKM Datasheet
1Mb / 3P
   20A switching capability
logo
Hongfa Technology
HFKM HONGFA-HFKM_17 Datasheet
62Kb / 4P
   Switching capability up to 20A
HF165FD-G HONGFA-HF165FD-G_17 Datasheet
59Kb / 3P
   40A switching capability
logo
Ningbo Tianbo Ganglian ...
HJR-21FF TIANBO-HJR-21FF Datasheet
1Mb / 3P
   12A switching capability
logo
Ningbo songle relay co....
SLM SONGLERELAY-SLM Datasheet
4Mb / 2P
   35A switching capability
logo
Ningbo Tianbo Ganglian ...
TRA1 TIANBO-TRA1 Datasheet
1Mb / 3P
   10A switching capability
TRA2 TIANBO-TRA2 Datasheet
1Mb / 3P
   16A switching capability
HJR-3FF TIANBO-HJR-3FF Datasheet
528Kb / 3P
   10A switching capability
logo
Ningbo songle relay co....
SLMA SONGLERELAY-SLMA Datasheet
3Mb / 2P
   35A switching capability
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com