Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJG1523KB2-C1 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJG1523KB2-C1
Description  SPDT SWITCH GaAs MMIC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1523KB2-C1 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJG1523KB2-C1 Datasheet HTML 3Page - New Japan Radio NJG1523KB2-C1 Datasheet HTML 4Page - New Japan Radio NJG1523KB2-C1 Datasheet HTML 5Page - New Japan Radio NJG1523KB2-C1 Datasheet HTML 6Page - New Japan Radio NJG1523KB2-C1 Datasheet HTML 7Page - New Japan Radio NJG1523KB2-C1 Datasheet HTML 8Page - New Japan Radio NJG1523KB2-C1 Datasheet HTML 9Page - New Japan Radio NJG1523KB2-C1 Datasheet HTML 10Page - New Japan Radio NJG1523KB2-C1 Datasheet HTML 11Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
NJG1523KB2
- 7 -
-2
-1.6
-1.2
-0.8
-0.4
0
100
150
200
250
300
350
400
450
500
Frequency (MHz)
PC-P1 Insertion Loss vs. Frequency
(V
CTL1
=2.7V,V
CTL2
=0V,Pin=0dBm)
-2
-1.6
-1.2
-0.8
-0.4
0
100
150
200
250
300
350
400
450
500
Frequency (MHz)
PC-P2 Insertion Loss vs. Frequency
(V
CTL1
=0V,V
CTL2
=2.7V,Pin=0dBm)
-50
-40
-30
-20
-10
0
100
150
200
250
300
350
400
450
500
Frequency (MHz)
PC-P1 Isolation vs. Frequency
(V
CTL1
=0V,V
CTL2
=2.7V,Pin=0dBm)
-50
-40
-30
-20
-10
0
100
150
200
250
300
350
400
450
500
Frequency (MHz)
PC-P2 Isolation vs. Frequency
(V
CTL1
=2.7V,V
CTL2
=0V,Pin=0dBm)
1
1.4
1.8
2.2
2.6
3
100
150
200
250
300
350
400
450
500
Frequency (MHz)
PC-P1 VSWR vs. Frequency
(V
CTL1
=2.7V,V
CTL2
=0V,PC port)
1
1.4
1.8
2.2
2.6
3
100
150
200
250
300
350
400
450
500
Frequency (MHz)
PC-P1,P2-PC VSWR vs. Frequency
(V
CTL1
=2.7V,V
CTL2
=0V,P1 port)
nELECTRICAL CHARACTERISTICS
(f=100~500MHz, with Application circuit (Parts list 2), Losses of PCB, connector and DC blocking capacitor are included)


Similar Part No. - NJG1523KB2-C1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1520PE1 NJRC-NJG1520PE1 Datasheet
408Kb / 17P
   TDMA ANTENNA SWITCH GaAs MMIC
NJG1520PE1-C1 NJRC-NJG1520PE1-C1 Datasheet
408Kb / 17P
   TDMA ANTENNA SWITCH GaAs MMIC
NJG1520PE1-C10 NJRC-NJG1520PE1-C10 Datasheet
408Kb / 17P
   TDMA ANTENNA SWITCH GaAs MMIC
NJG1520PE1-C2 NJRC-NJG1520PE1-C2 Datasheet
408Kb / 17P
   TDMA ANTENNA SWITCH GaAs MMIC
NJG1520PE1-C3 NJRC-NJG1520PE1-C3 Datasheet
408Kb / 17P
   TDMA ANTENNA SWITCH GaAs MMIC
More results

Similar Description - NJG1523KB2-C1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1516KC1 NJRC-NJG1516KC1 Datasheet
256Kb / 14P
   SPDT SWITCH GaAs MMIC
NJG1660HA8 NJRC-NJG1660HA8 Datasheet
363Kb / 7P
   SPDT SWITCH GaAs MMIC
NJG1517KB2 NJRC-NJG1517KB2 Datasheet
184Kb / 12P
   SPDT SWITCH GaAs MMIC
NJG1518KB2 NJRC-NJG1518KB2 Datasheet
177Kb / 12P
   SPDT SWITCH GaAs MMIC
NJG1535HD3 NJRC-NJG1535HD3 Datasheet
207Kb / 12P
   SPDT SWITCH GaAs MMIC
NJG1512V NJRC-NJG1512V Datasheet
247Kb / 10P
   SPDT SWITCH GaAs MMIC
NJG1505R NJRC-NJG1505R Datasheet
183Kb / 9P
   SPDT SWITCH GaAs MMIC
NJG1506R NJRC-NJG1506R Datasheet
398Kb / 12P
   SPDT SWITCH GaAs MMIC
NJG1509F NJRC-NJG1509F Datasheet
431Kb / 13P
   SPDT SWITCH GaAs MMIC
NJG1522KB2 NJRC-NJG1522KB2 Datasheet
182Kb / 11P
   SPDT SWITCH GaAs MMIC
NJG1516R NJRC-NJG1516R Datasheet
294Kb / 14P
   SPDT SWITCH GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com