Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJG1312PC1-L4 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJG1312PC1-L4
Description  SPDT SWITCH DRIVER AMPLIFIRE GaAs MMIC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1312PC1-L4 Datasheet(HTML) 3 Page - New Japan Radio

  NJG1312PC1-L4 Datasheet HTML 1Page - New Japan Radio NJG1312PC1-L4 Datasheet HTML 2Page - New Japan Radio NJG1312PC1-L4 Datasheet HTML 3Page - New Japan Radio NJG1312PC1-L4 Datasheet HTML 4Page - New Japan Radio NJG1312PC1-L4 Datasheet HTML 5Page - New Japan Radio NJG1312PC1-L4 Datasheet HTML 6Page - New Japan Radio NJG1312PC1-L4 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NJG1312PC1
- 3 -
nTERMINAL INFORMATION
No.
SYMBOL
DESCRIPTIONS
1
PC
RF output terminal of SW.
2
GND
Ground terminal.
3
GND
Ground terminal.
4
RF
in
RF signal input terminal of driver amplifier.
5
NC
Neutral terminal. Should be connected to the ground.
6
GND
Ground terminal.
7
GND
Ground terminal.
8
BPC
Source electrode terminal of driver amplifier.
The operating current is chosen by a resistor connected
between this terminal and ground.
9
RF
out
RF signal output terminal of driver amplifier.
Please use choke coil for power supply of driver amplifier at
this terminal.
10
GND
Ground terminal.
11
P2
RF input terminal 2 of SW.
12
V
CTL2
Control terminal 2 of RF signal. Please see the truth table.
13
V
CTL1
Control terminal 1 of RF signal. Please see the truth table.
14
P1
RF input terminal 1 of SW.
15
GND
Ground terminal.
16
GND
Ground terminal.
Notice: PC terminal at pin 1 should be connected to the GND
through high resistance for pull-down (Max 560K
Ω).
nTRUTH TABLE
V
CTL1
V
CTL2
P1-PC
P2-PC
0V
2.7V
ON
OFF
2.7V
0V
OFF
ON


Similar Part No. - NJG1312PC1-L4

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1301V NJRC-NJG1301V Datasheet
244Kb / 7P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1301V-C1 NJRC-NJG1301V-C1 Datasheet
244Kb / 7P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1301V-C2 NJRC-NJG1301V-C2 Datasheet
244Kb / 7P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1301V-C3 NJRC-NJG1301V-C3 Datasheet
244Kb / 7P
   MEDIUM POWER AMPLIFIER GaAs MMIC
NJG1301V-C4 NJRC-NJG1301V-C4 Datasheet
244Kb / 7P
   MEDIUM POWER AMPLIFIER GaAs MMIC
More results

Similar Description - NJG1312PC1-L4

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1516KC1 NJRC-NJG1516KC1 Datasheet
256Kb / 14P
   SPDT SWITCH GaAs MMIC
NJG1660HA8 NJRC-NJG1660HA8 Datasheet
363Kb / 7P
   SPDT SWITCH GaAs MMIC
NJG1517KB2 NJRC-NJG1517KB2 Datasheet
184Kb / 12P
   SPDT SWITCH GaAs MMIC
NJG1518KB2 NJRC-NJG1518KB2 Datasheet
177Kb / 12P
   SPDT SWITCH GaAs MMIC
NJG1535HD3 NJRC-NJG1535HD3 Datasheet
207Kb / 12P
   SPDT SWITCH GaAs MMIC
NJG1512V NJRC-NJG1512V Datasheet
247Kb / 10P
   SPDT SWITCH GaAs MMIC
NJG1505R NJRC-NJG1505R Datasheet
183Kb / 9P
   SPDT SWITCH GaAs MMIC
NJG1506R NJRC-NJG1506R Datasheet
398Kb / 12P
   SPDT SWITCH GaAs MMIC
NJG1509F NJRC-NJG1509F Datasheet
431Kb / 13P
   SPDT SWITCH GaAs MMIC
NJG1522KB2 NJRC-NJG1522KB2 Datasheet
182Kb / 11P
   SPDT SWITCH GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com