Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFLA1018SQ Datasheet(PDF) 10 Page - RF Micro Devices

Part # RFLA1018SQ
Description  VARIABLE GAIN LOW NOISE HIGH LINEARITY AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFLA1018SQ Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RFLA1018SQ Datasheet HTML 4Page - RF Micro Devices RFLA1018SQ Datasheet HTML 5Page - RF Micro Devices RFLA1018SQ Datasheet HTML 6Page - RF Micro Devices RFLA1018SQ Datasheet HTML 7Page - RF Micro Devices RFLA1018SQ Datasheet HTML 8Page - RF Micro Devices RFLA1018SQ Datasheet HTML 9Page - RF Micro Devices RFLA1018SQ Datasheet HTML 10Page - RF Micro Devices RFLA1018SQ Datasheet HTML 11Page - RF Micro Devices RFLA1018SQ Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10 of 12
RFLA1018
DS141218
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Assembly Drawing
Truth Table
Pin Names and Descriptions
Pin
Name
Description
1RFIN
RF Input; Internally 50
 Matched and DC Blocked
2GND
Connect to Low Inductance Path to Ground
3SC_N
Switch Control Line; See Truth Table
4GND
Connect to Low Inductance Path to Ground
5VCC2
VCC Supply, 10nF Decoupling Internal; Supply Voltage to 2nd Stage LNA; Disable VCC Supply in Bypass
Mode to Save DC Current.
6SC_P
Switch Control Line; See Truth Table
7ID1/GND
Pin Grounded in Module
8ID2/GND
Pin Grounded in Module
9
VVA_CV
Voltage Variable Attenuator Control Line; 0-3.3V Range; Max Gain is at 0V.
10
GND
Connect to Low Inductance Path to Ground
11
GND
Connect to Low Inductance Path to Ground
12
RFOUT
RF Output Internally 50
 Match and DC Blocked
13
GND
Connect to Low Inductance Path to Ground
14
VCC3
VCC Supply, 0.1uF Decoupling Internal. Supply Voltage to 3rd Stage Amplifier.
15
VCC1
VCC Supply, 0.1uF Decoupling Internal. Supply Voltage to 1st Stage LNA.
16
GND
Connect to Low Inductance Path to Ground
SC_N
SC_P
High Gain
0
1
Low Gain
1
0
LA1018-410(E)
P1
C9
C8
C7
C6
C5
C4
C3
C2
C1
J1
RF_IN
J2
RF_OUT
U1
R1
R2


Similar Part No. - RFLA1018SQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFLA1018S RFMD-RFLA1018S Datasheet
1Mb / 12P
   Variable Gain, Low Noise, High Linearity Amplifier 1920MHz to 1980MHz
RFLA1018SPCK-410 RFMD-RFLA1018SPCK-410 Datasheet
1Mb / 12P
   Variable Gain, Low Noise, High Linearity Amplifier 1920MHz to 1980MHz
RFLA1018SSQ RFMD-RFLA1018SSQ Datasheet
1Mb / 12P
   Variable Gain, Low Noise, High Linearity Amplifier 1920MHz to 1980MHz
RFLA1018SSR RFMD-RFLA1018SSR Datasheet
1Mb / 12P
   Variable Gain, Low Noise, High Linearity Amplifier 1920MHz to 1980MHz
RFLA1018STR13 RFMD-RFLA1018STR13 Datasheet
1Mb / 12P
   Variable Gain, Low Noise, High Linearity Amplifier 1920MHz to 1980MHz
More results

Similar Description - RFLA1018SQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFLA2018 RFMD-RFLA2018 Datasheet
495Kb / 12P
   Variable Gain Low Noise High Linearity Amplifier
logo
NXP Semiconductors
BGU7062N2 NXP-BGU7062N2 Datasheet
346Kb / 16P
   Analog high linearity low noise variable gain amplifier
Rev. 1-8 July 2013
BGU7078 NXP-BGU7078 Datasheet
439Kb / 16P
   Analog high linearity low noise variable gain amplifier
Rev. 3-15 February 2017
BGU7073 NXP-BGU7073 Datasheet
393Kb / 22P
   Analog controlled high linearity low noise variable gain amplifier
Rev. 6-15 February 2017
BGU7075 NXP-BGU7075 Datasheet
378Kb / 20P
   Analog controlled high linearity low noise variable gain amplifier
Rev. 4-15 February 2017
logo
RF Micro Devices
RFLA1018S RFMD-RFLA1018S Datasheet
1Mb / 12P
   Variable Gain, Low Noise, High Linearity Amplifier 1920MHz to 1980MHz
RFLA1038 RFMD-RFLA1038 Datasheet
1Mb / 11P
   Variable Gain Low Noise High Linearity Amplifier 1710MHz to 1785MHz
logo
TriQuint Semiconductor
TQC9074 TRIQUINT-TQC9074_15 Datasheet
493Kb / 7P
   High Linearity Variable Gain Amplifier
logo
WJ Communication. Inc.
VG025 WJCI-VG025 Datasheet
434Kb / 7P
   High Linearity Variable Gain Amplifier
VG025 WJCI-VG025_06 Datasheet
425Kb / 7P
   High Linearity Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com