Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFLA1010TR7 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFLA1010TR7
Description  STEP GAIN, LOW NOISE, HIGH-LINEARITY AMPLIFIER 1920MHZ TO 1980MHZ
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFLA1010TR7 Datasheet(HTML) 4 Page - RF Micro Devices

  RFLA1010TR7 Datasheet HTML 1Page - RF Micro Devices RFLA1010TR7 Datasheet HTML 2Page - RF Micro Devices RFLA1010TR7 Datasheet HTML 3Page - RF Micro Devices RFLA1010TR7 Datasheet HTML 4Page - RF Micro Devices RFLA1010TR7 Datasheet HTML 5Page - RF Micro Devices RFLA1010TR7 Datasheet HTML 6Page - RF Micro Devices RFLA1010TR7 Datasheet HTML 7Page - RF Micro Devices RFLA1010TR7 Datasheet HTML 8Page - RF Micro Devices RFLA1010TR7 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4 of 12
RFLA1010
DS111121
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Performance
20
21
22
23
24
25
26
27
28
29
30
31
32
1920
1930
1940
1950
1960
1970
1980
Frequency (MHz)
Gain versus Frequency versus Temperature
(High Gain Mode)
Gain (-40°C)
Gain (25°C)
Gain (85°C)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
1920
1930
1940
1950
1960
1970
1980
Frequency (MHz)
Gain versus Frequency versus Temperature
(Mid-Gain Mode)
Gain (-40°C)
Gain (25°C)
Gain (85°C)
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
1920
1930
1940
1950
1960
1970
1980
Frequency (MHz)
Gain versus Frequency versus Temperature
(Low Gain Mode)
Gain (-40°C)
Gain (25°C)
Gain (85°C)
-12
-11.5
-11
-10.5
-10
-9.5
-9
-8.5
-8
1910
1920
1930
1940
1950
1960
1970
1980
1990
Frequency (MHz)
IIP3 versus Frequency versus Temperature
(High Gain Mode)
IIP3 (-40°C)
IIP3 (25°C)
IIP3 (85°C)
9.0
9.2
9.4
9.6
9.8
10.0
10.2
10.4
1910
1920
1930
1940
1950
1960
1970
1980
1990
Frequency (MHz)
IIP3 versus Frequency versus Temperature
(Mid-Gain Mode)
IIP3 (-40°C)
IIP3 (25°C)
IIP3 (85°C)
20.5
21.0
21.5
22.0
22.5
23.0
23.5
24.0
24.5
25.0
1910
1920
1930
1940
1950
1960
1970
1980
1990
Frequency (MHz)
IIP3 versus Frequency versus Temperature
(Low Gain Mode)
IIP3 (-40°C)
IIP3 (25°C)
IIP3 (85°C)


Similar Part No. - RFLA1010TR7

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFLA1018 RFMD-RFLA1018 Datasheet
1Mb / 12P
   VARIABLE GAIN LOW NOISE HIGH LINEARITY AMPLIFIER
RFLA1018PCK-410 RFMD-RFLA1018PCK-410 Datasheet
1Mb / 12P
   VARIABLE GAIN LOW NOISE HIGH LINEARITY AMPLIFIER
RFLA1018S RFMD-RFLA1018S Datasheet
1Mb / 12P
   Variable Gain, Low Noise, High Linearity Amplifier 1920MHz to 1980MHz
RFLA1018SPCK-410 RFMD-RFLA1018SPCK-410 Datasheet
1Mb / 12P
   Variable Gain, Low Noise, High Linearity Amplifier 1920MHz to 1980MHz
RFLA1018SQ RFMD-RFLA1018SQ Datasheet
1Mb / 12P
   VARIABLE GAIN LOW NOISE HIGH LINEARITY AMPLIFIER
More results

Similar Description - RFLA1010TR7

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFLA1018S RFMD-RFLA1018S Datasheet
1Mb / 12P
   Variable Gain, Low Noise, High Linearity Amplifier 1920MHz to 1980MHz
logo
AVAGO TECHNOLOGIES LIMI...
MGA-13316 AVAGO-MGA-13316 Datasheet
398Kb / 11P
   High Gain, High Linearity Low Noise Amplifier
MGA-13316 AVAGO-MGA-13316_15 Datasheet
398Kb / 11P
   High Gain, High Linearity Low Noise Amplifier
logo
Broadcom Corporation.
MGA-13316 BOARDCOM-MGA-13316 Datasheet
1Mb / 16P
   High Gain, High Linearity Low Noise Amplifier
logo
RF Micro Devices
RFLA2018 RFMD-RFLA2018 Datasheet
495Kb / 12P
   Variable Gain Low Noise High Linearity Amplifier
RFLA1018 RFMD-RFLA1018 Datasheet
1Mb / 12P
   VARIABLE GAIN LOW NOISE HIGH LINEARITY AMPLIFIER
logo
AVAGO TECHNOLOGIES LIMI...
MGA-13116 AVAGO-MGA-13116 Datasheet
327Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
MGA-13216 AVAGO-MGA-13216_15 Datasheet
294Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
logo
Broadcom Corporation.
MGA-13116 BOARDCOM-MGA-13116 Datasheet
327Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-13216 AVAGO-MGA-13216 Datasheet
294Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com