Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HH-105 Datasheet(PDF) 1 Page - Tyco Electronics

Part # HH-105
Description  Hybrid Junction 20 - 300 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

HH-105 Datasheet(HTML) 1 Page - Tyco Electronics

  HH-105 Datasheet HTML 1Page - Tyco Electronics HH-105 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TO-5-2
Dimensions in ( ) are in mm.
Unless Otherwise Noted: .xxx = ±0.010 (.xx = ±0.25)
.xx = ±0.02 (.x = ±0.5)
MOUNTING AREA:
0.1 SQ. IN.
0.6 SQ. CM.
WEIGHT (APPROX.): 0.11 OUNCES 3 GRAMS
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel. +85 2 2111 8088, Fax +85 2 2111 8087
s Europe: Tel. +44 (1344) 869 595, Fax +44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
7-10
Hybrid Junction
20 - 300 MHz
HH-105
V2.00
Functional Diagram
A
B
D
C
0
°
0
°
180
°
0
°
HYBRID
MAGIC
TEE
q
q
Features
0° - 180° Hybrid in TO-5 Package
High Isolation
Guaranteed Specifications*
(from -55°C to +85°C)
Frequency Range
20-300 MHz
Insertion Loss (Less Coupling)
1.0 dB Max
Isolation
28 dB Min
Amplitude Balance
0.25 dB Max**
VSWR
1.3:1 Max
Phase Balance
2° Max**
Operating Characteristics
Impedance
50 Ohms Nominal
Input Power
0.5 Watts Max
Environmental
MIL-STD-202 screening available.
Pin Configuration
A; P1, B; P2, D; P3, C; P4
Case ground
*All specifications apply with 50 ohm source and load impedance.
**Differences measure between C & D feeding A or B.
Ordering Information
Part Number
Package
HH-105 PIN
TO-5-2
A
180°


Similar Part No. - HH-105

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
HH-105 MA-COM-HH-105 Datasheet
62Kb / 2P
   Hybrid Junction, 20 - 300 MHz
logo
JMK Inc.
HH-1055-6.3 JMK-HH-1055-6.3 Datasheet
117Kb / 1P
   Operating voltage = 85 to 250 V~ Operating current = 6.3 Amp
HH-1055-6.3B JMK-HH-1055-6.3B Datasheet
117Kb / 1P
   Operating voltage = 85 to 250 V~ Operating current = 6.3 Amp
logo
Tyco Electronics
HH-105PIN MACOM-HH-105PIN Datasheet
122Kb / 2P
   Hybrid Junction, 20 - 300 MHz
logo
M/A-COM Technology Solu...
HH-105PIN MA-COM-HH-105PIN Datasheet
62Kb / 2P
   Hybrid Junction, 20 - 300 MHz
More results

Similar Description - HH-105

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
HH-105 MA-COM-HH-105 Datasheet
62Kb / 2P
   Hybrid Junction, 20 - 300 MHz
logo
Tyco Electronics
HH-105 MACOM-HH-105_1 Datasheet
122Kb / 2P
   Hybrid Junction, 20 - 300 MHz
HH-128 MACOM-HH-128_1 Datasheet
117Kb / 2P
   Flatpack Hybrid Junction, 20 - 2000 MHz
HH-128 MACOM-HH-128 Datasheet
134Kb / 2P
   Flatpack Hybrid Junction 20 - 2000 MHz
logo
M/A-COM Technology Solu...
HH-128-PIN MA-COM-HH-128-PIN Datasheet
63Kb / 2P
   Flatpack Hybrid Junction, 20 - 2000 MHz
logo
Tyco Electronics
HH-109 MACOM-HH-109_1 Datasheet
125Kb / 2P
   Hybrid Junction, 5 - 200 MHz
logo
M/A-COM Technology Solu...
HH-109 MA-COM-HH-109 Datasheet
71Kb / 2P
   Hybrid Junction, 5 - 200 MHz
HH-110 MA-COM-HH-110 Datasheet
89Kb / 3P
   Hybrid Junction, 10 - 500 MHz
HH_HHS-110_HH-127 MA-COM-HH_HHS-110_HH-127 Datasheet
89Kb / 3P
   Hybrid Junction, 10 - 500 MHz
logo
Tyco Electronics
HH-127 MACOM-HH-127_1 Datasheet
133Kb / 3P
   Hybrid Junction, 10 - 500 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com