Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


H-81-4 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. H-81-4
Description  180 Two-Way Power Divider 5 - 1000 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel. +85 2 2111 8088, Fax +85 2 2111 8087
s Europe: Tel. +44 (1344) 869 595, Fax +44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
6-46
180° Two-Way Power Divider
5 - 1000 MHz
H-81-4
V2.00
Features
Broadband Frequency Range
Low Loss – Less Than 1.3 dB Max
VSWR – 1.4:1 Max
Guaranteed Specifications*
Operating Characteristics
q
q
q
C-19
Typical Performance
INSERTION LOSS
* All specifications apply with 50 ohm source and load impedance.
ISOLATION
Figure 1. 2-way, In-Phase (180°) Power
Divider/Summer, or ISO-T
VSWR
Dimensions in ( ) are in mm.
Unless Otherwise Noted: .xxx = ±0.015 (.xx = ±0.4)
WEIGHT (APPROX.):
5.47 OUNCES
155 GRAMS
Ordering Information
Part No.
Package
H-81-4
N
Connectorized
H-81-4
SMA
Connectorized
H-81-4
TNC
Connectorized
H-81-4
BNC
Connectorized




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DS-327Flatpack Two-Way Power Divider 5 - 1000 MHz 1 Tyco Electronics
DS-332Two-Way Power Divider 1000 - 2000 MHz 1 2 Tyco Electronics
DSS-327Surface Mount Two-Way Power Divider 5 - 1000 MHz 1 Tyco Electronics
ESCJ-2-6E-Series 2-Way 180 Power Divider 40 - 1000 MHz 1 Tyco Electronics
T-1000Two-Way Power Divider 10 - 1000 MHz 1 Tyco Electronics
ESSM-2-8-75E-Series 2-Way 0 Power Divider 5 - 1000 MHz 1 2 Tyco Electronics
DSS-313Two-Way Power Divider 10 - 2000 MHz 1 2 Tyco Electronics
PD10-0042-STwo-Way In-Phase Power Divider 10-2000 MHz 1 Tyco Electronics
ESSMJ-2-10-75E-Series 2-Way 0 Power Divider 5 - 1000 MHz 1 Tyco Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl