Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFFM8800SB Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFFM8800SB
Description  2.4 GHz to 2.5GHz and 4.9GHz to 5.85GHz 802.11b/g/a/n Front End module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8800SB Datasheet(HTML) 1 Page - RF Micro Devices

  RFFM8800SB Datasheet HTML 1Page - RF Micro Devices RFFM8800SB Datasheet HTML 2Page - RF Micro Devices RFFM8800SB Datasheet HTML 3Page - RF Micro Devices RFFM8800SB Datasheet HTML 4Page - RF Micro Devices RFFM8800SB Datasheet HTML 5Page - RF Micro Devices RFFM8800SB Datasheet HTML 6Page - RF Micro Devices RFFM8800SB Datasheet HTML 7Page - RF Micro Devices RFFM8800SB Datasheet HTML 8Page - RF Micro Devices RFFM8800SB Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
RFFM8800
2.4 GHz to 2.5GHz and 4.9GHz to 5.85GHz
802.11b/g/a/n Front End module
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless ConnectivityTM, PowerStar®, POLARISTM TOTAL RADIOTM and UltimateBlueTM are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered
trademarks are the property of their respective owners. ©2009, RF Micro Devices, Inc.
DS130314
7628 Thorndike Road, Greensboro, NC 27409-9421 – For sales or technical
Support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com
1 of 10
Package: Laminate, 30-Pin, 3.2mm x 5.2mm x 1.09mm
Features
11a/n POUT= 17.5dBm at 3% EVM
(5.1GHz to 5.85GHz)
11g and 11n: POUT= 19.5dBm at 2.5%
EVM (2.4GHz to 2.484GHz)
Applications
Cellular Handsets
Mobile Devices
Tablets
Consumer Electronics
Gaming
Netbooks/Notebooks
TV/Monitors/Video
Functional Block Diagram
Product Description
The RFFM8800 provides a complete integrated solution in a single front end module (FEM)
for 802.11b/g/a/n WiFi dual band systems. The ultra-small form factor and integrated
matching minimizes the layout area in the customer's application and greatly reduces the
number of external components. This simplifies the total front end solution by reducing
the bill of materials, system footprint, and manufacturing cost. The RFFM8800 integrates a
power amplifier (PA), single pole triple throw switch (SP3T), LNA for 2.412GHz to 2.484GHz
and a power amplifier (PA), single pole double throw switch (SPDT), LNA for 4.9GHz to
5.85GHz. The device is provided in a 3.2mm x 5.2mm x 1.09mm, 30-pin laminate package.
This module meets or exceeds the RF front end needs of IEEE 802.11b/g/a/n WiFi
RF dual band systems.
Ordering Information
RFFM8800SB
Standard 5-piece sample bag
RFFM8800
Standard 25-piece sample bag
RFFM8800SR
Standard 100-piece reel
RFFM8800TR7
Standard 2500-piece reel
RFFM8800PCK-410 Fully assembled evaluation board with 5-piece bag


Similar Part No. - RFFM8800SB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM8800SB QORVO-RFFM8800SB Datasheet
710Kb / 9P
   Wi-Fi Front End Module
More results

Similar Description - RFFM8800SB

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5375 RFMD-RF5375 Datasheet
1Mb / 12P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RFFM8204 RFMD-RFFM8204 Datasheet
555Kb / 8P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RF5385 RFMD-RF5385 Datasheet
815Kb / 11P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
logo
Qorvo, Inc
RF5365 QORVO-RF5365 Datasheet
566Kb / 11P
   2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
logo
RF Micro Devices
RFFM8500Q RFMD-RFFM8500Q Datasheet
605Kb / 10P
   4.9GHz to 5.85GHz 802.11a/n Front End Module
RF5755 RFMD-RF5755 Datasheet
1Mb / 15P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8202 RFMD-RFFM8202 Datasheet
241Kb / 8P
   2.4GHz to 2.5GHz 802.11b/g/n WiFi Front End Module
RF5345 RFMD-RF5345 Datasheet
597Kb / 20P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5365 RFMD-RF5365 Datasheet
566Kb / 11P
   2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
RF5565 RFMD-RF5565 Datasheet
1Mb / 14P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com