Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR11-0004 Datasheet(PDF) 1 Page - Tyco Electronics

Part # FR11-0004
Description  Single Junction Drop-In Circulator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

FR11-0004 Datasheet(HTML) 1 Page - Tyco Electronics

  FR11-0004 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
Frequency (MHz)
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
FR12-0001
FR11-0001
22
20
65
1.22
0.30
0.35
22
24
0.25
0.3
65
1.20
3 - Port DROP - IN
FR11-0001
Features
dB Isolation typical,
dB Insertion Loss typical.
Custom products available with alternate configurations such as
couplers, attenuators, higher power terminations, reverse
circulation and termination on ports 1 or 2.
Available as custom product without flange for surface mount
applications. (solder reflow)
Designed for Wireless Telecommunications Systems:
AMPS, N-AMPS, D-AMPS
Description
M/A-COM's drop-in circulators and isolators, designed for cellular
applications, feature high performance at low cost. These designs
offer the best isolation per insertion loss ratio in the industry and
are currently produced in the tens of thousands of pieces per year.
These units can be ordered so as to be compatible with solder
reflow manufacturing techniques. Both circulators and isolators
are in stock at all authorized M/A-COM distributors.
Typical Performance, T = + 25° C
ISOLATION
Electrical Specifications:
Specifications subject to change without notice.
M/A-COM Inc.
1
24
0.25
Parameter
Isolation
Insertion Loss
Forward Power
VSWR
Units
Min.
Typ.
Max.
dB
dB
Watts
- 10 to + 60° C
Min.
Typ.
Max.
- 30 to + 85° C
Ordering Information
Part Number
Device Type
Circulator
Isolator*
*30 Watt termination on Port 3
CIRCULATOR / ISOLATOR
869 - 894 MHz
FR12-0001
,
V2.00
INSERTION LOSS


Similar Part No. - FR11-0004

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FR11-0004 MACOM-FR11-0004 Datasheet
44Kb / 1P
   3- Port DROP - IN CIRCULATOR / ISOLATOR 1930 - 1990 MHz
FR11-0004 MACOM-FR11-0004 Datasheet
40Kb / 1P
   Single Junction Drop-In Circulator 800MHz, 900MHz, 1800MHz, 1900MHz, 2100MHz
logo
M/A-COM Technology Solu...
FR11-0004 MA-COM-FR11-0004 Datasheet
42Kb / 1P
   Single Junction Drop-In Circulator 800MHz, 900MHz, 1800MHz, 1900MHz, 2100MHz
More results

Similar Description - FR11-0004

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFRIN0512 MA-COM-MAFRIN0512 Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator
MAFRIN0536 MA-COM-MAFRIN0536 Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator
MAFR-000127-WD3S1T MA-COM-MAFR-000127-WD3S1T Datasheet
97Kb / 2P
   Dual Junction Drop-In Circulator
MAFR-000128-WD3S1T MA-COM-MAFR-000128-WD3S1T Datasheet
97Kb / 2P
   Dual Junction Drop-In Circulator
MAFR-000086-PS1C1T MA-COM-MAFR-000086-PS1C1T Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator 1930 MHz-1990 MHz
MAFR-000428-000001 MA-COM-MAFR-000428-000001 Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator 960 MHz-1200 MHz
MAFRIN0540 MA-COM-MAFRIN0540 Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator 1930 MHz-1990 MHz
MAFR-000164-4S3C1T MA-COM-MAFR-000164-4S3C1T Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator 2010 MHz-2025 MHz
MAFR-000231-000001 MA-COM-MAFR-000231-000001 Datasheet
72Kb / 1P
   Single Junction Drop-In Circulator 3.3 GHz-3.4 GHz
MAFR-000486-000001 MA-COM-MAFR-000486-000001 Datasheet
94Kb / 2P
   Single Junction Drop-In Circulator 1475 MHz-1501 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com