Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFFM6906SQ Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFFM6906SQ
Description  3.1V to 4.0V, 915MHz Transmit/Receive Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6906SQ Datasheet(HTML) 5 Page - RF Micro Devices

  RFFM6906SQ Datasheet HTML 1Page - RF Micro Devices RFFM6906SQ Datasheet HTML 2Page - RF Micro Devices RFFM6906SQ Datasheet HTML 3Page - RF Micro Devices RFFM6906SQ Datasheet HTML 4Page - RF Micro Devices RFFM6906SQ Datasheet HTML 5Page - RF Micro Devices RFFM6906SQ Datasheet HTML 6Page - RF Micro Devices RFFM6906SQ Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150129
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
5 of 7
RFFM6906
Pin Out
8
7
6
5
4
3
2
1
28
27
20
26
25
24
23
22
21
9
10
GND
ANT1
GND
RXP
RXN
GND
11
19
18
17
16
14
13
12
TX
GND
GND
GND
GND
GND
15
GND
C_ANT
GND
ANT2
Package Drawing


Similar Part No. - RFFM6906SQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM6906SQ QORVO-RFFM6906SQ Datasheet
384Kb / 7P
   3.1V to 4.0V, 915MHz Transmit/Receive Module
More results

Similar Description - RFFM6906SQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM6906 QORVO-RFFM6906 Datasheet
384Kb / 7P
   3.1V to 4.0V, 915MHz Transmit/Receive Module
logo
RF Micro Devices
RF6569 RFMD-RF6569 Datasheet
643Kb / 8P
   3.1V TO 4.0V, 915MHz TRANSMIT/RECEIVE MODULE
RF6935 RFMD-RF6935 Datasheet
681Kb / 9P
   3.3V TO 4.0V,915MHz Transmit/Receive Module
RFFM6907 RFMD-RFFM6907 Datasheet
588Kb / 9P
   2.8V to 4.0V, 915MHz Transmit/Receive Module
logo
Qorvo, Inc
RFFM6907 QORVO-RFFM6907 Datasheet
588Kb / 9P
   2.8V to 4.0V, 915MHz Transmit/Receive Module
logo
RF Micro Devices
RF6559 RFMD-RF6559 Datasheet
692Kb / 10P
   4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
logo
Qorvo, Inc
RF6559 QORVO-RF6559 Datasheet
692Kb / 10P
   4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
logo
RF Micro Devices
RF6599 RFMD-RF6599 Datasheet
556Kb / 9P
   915MHz Transmit/Receive Module
RF6519 RFMD-RF6519 Datasheet
442Kb / 8P
   3.3V TO 5.0V, 915MHz TRANSMIT/RECEIVE MODULE
RF6514 RFMD-RF6514 Datasheet
729Kb / 9P
   3.3V TO 4.0V, 470MHz to 510MHz TRANSMIT/RECEIVE MODULE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com