Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFFM6403SB Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFFM6403SB
Description  2.5V to 4.2V, ISM Band, 1W, 405MHz to 475MHz Transmit/Receive Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6403SB Datasheet(HTML) 4 Page - RF Micro Devices

  RFFM6403SB Datasheet HTML 1Page - RF Micro Devices RFFM6403SB Datasheet HTML 2Page - RF Micro Devices RFFM6403SB Datasheet HTML 3Page - RF Micro Devices RFFM6403SB Datasheet HTML 4Page - RF Micro Devices RFFM6403SB Datasheet HTML 5Page - RF Micro Devices RFFM6403SB Datasheet HTML 6Page - RF Micro Devices RFFM6403SB Datasheet HTML 7Page - RF Micro Devices RFFM6403SB Datasheet HTML 8Page - RF Micro Devices RFFM6403SB Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Revision DS20151612
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
4 of 10
RFFM6403
RFMD + TriQuint = Qorvo
Parameter
Specification
Unit
Condition
Min
Typ
Max
Receive Bypass Mode
VCCTx1 = 3.3V, VCCTx2 = 3.3V, VDD = 3.3V, VCCRx = 3.3V,
VAPC = 0.0V, EN = 1.8V, TR = 0.2V, BYP = 1.8V,
Measured Path = SAW2 to RX, Temperature = 25ºC
Insertion Loss
2
dB
IDD Quiescent
200
µA
IP1dB
19
dBm
IIP3
42
44
dBm
Input Return Loss
7.5
dB
Output Return Loss
7
dB
Antenna Switch
Measured ANT to SAW1, RX & RX BYPASS Modes
Insertion Loss
0.5
0.6
dB
Input Return Loss
15.5
16.0
dB
Output Return Loss
15.5
16.0
dB
Isolation
Isolation
30
ANT to SAW1, module in Transmit Bypass Mode
50
dB
ANT to SAW1, module in Transmit High Power Mode
Logic
EN, TR, BYP
Control Logic HIGH
1.6
4.0
V
Max Control Logic High = VDD - 0.2VDC
Control Logic LOW
0.2
0.3
V
Control Logic HIGH Current
1.5
µA
Control Logic LOW Current
0.1
µA
VAPC HIGH Current
57
µA
Across all rated voltages at rated power
Switch Control Truth Table
Operating Mode
TR
EN
BYP
PA
LNA
(Pin2)
(Pin3)
(Pin4)
Transmit
High
High
Low
ON
OFF
Transmit Bypass
High
High
High
OFF
OFF
Receive
Low
High
Low
OFF
ON
Receive Bypass
Low
High
High
OFF
OFF
Shutdown
X
Low
X
OFF
OFF


Similar Part No. - RFFM6403SB

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM6401 RFMD-RFFM6401 Datasheet
533Kb / 7P
   3.3V to 4.0V, 450MHz to 470MHz Transmit/Receive Front End Module
RFFM6401PCK-410 RFMD-RFFM6401PCK-410 Datasheet
533Kb / 7P
   3.3V to 4.0V, 450MHz to 470MHz Transmit/Receive Front End Module
RFFM6401SB RFMD-RFFM6401SB Datasheet
533Kb / 7P
   3.3V to 4.0V, 450MHz to 470MHz Transmit/Receive Front End Module
RFFM6401SR RFMD-RFFM6401SR Datasheet
533Kb / 7P
   3.3V to 4.0V, 450MHz to 470MHz Transmit/Receive Front End Module
RFFM6401TR13 RFMD-RFFM6401TR13 Datasheet
533Kb / 7P
   3.3V to 4.0V, 450MHz to 470MHz Transmit/Receive Front End Module
More results

Similar Description - RFFM6403SB

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM6903 RFMD-RFFM6903 Datasheet
1Mb / 11P
   2.5V to 4.2V, ISM Band, 1W 915MHZ Transmit/Receive Module
logo
Qorvo, Inc
RFFM6900 QORVO-RFFM6900 Datasheet
980Kb / 12P
   2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
logo
RF Micro Devices
RFFM6900 RFMD-RFFM6900 Datasheet
666Kb / 12P
   2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
logo
Qorvo, Inc
RFFM6406 QORVO-RFFM6406 Datasheet
440Kb / 8P
   2.5V to 4.2V, ISM Band, 1 1/2W, 408MHz to 455MHz Transmit/Receive Module
RFFM6500 QORVO-RFFM6500 Datasheet
610Kb / 9P
   2.7V to 4.2V, 168MHz to 171MHz ISM Band Transmit/Receive Module
logo
RF Micro Devices
RFFM6406 RFMD-RFFM6406 Datasheet
564Kb / 8P
   2.5V to 4.2V, ISM Band, 1 1/2W, 408MHz to 455MHz Transmit/Receive Module
RFFM6500 RFMD-RFFM6500 Datasheet
608Kb / 9P
   2.7V to 4.2V, 168MHz to 171MHz ISM Band Transmit/Receive Module
logo
Qorvo, Inc
RFFM6904 QORVO-RFFM6904 Datasheet
839Kb / 10P
   3.0V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
logo
RF Micro Devices
RFFM6901 RFMD-RFFM6901 Datasheet
979Kb / 13P
   2.8V TO 4.2V, 915MHZ ISM BAND TRANSMIT/ RECEIVE MODULE WITH DIVERSITY SWITCH
RFFM6904 RFMD-RFFM6904 Datasheet
839Kb / 10P
   3.0V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com