Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMLM3405 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMLM3405
Description  SCHOTTKY DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLM3405 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMLM3405_15 Datasheet HTML 1Page - Central Semiconductor Corp CMLM3405_15 Datasheet HTML 2Page - Central Semiconductor Corp CMLM3405_15 Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CMLM3405
MULTI DISCRETE MODULE
SURFACE MOUNT SILICON
HIGH CURRENT
LOW VCE(SAT) NPN TRANSISTOR AND
LOW VF SCHOTTKY DIODE
ELECTRICAL CHARACTERISTICS - Q1 - Continued:
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
hFE
VCE=1.0V, IC=10mA
100
hFE
VCE=1.0V, IC=100mA
100
300
hFE
VCE=1.0V, IC=500mA
100
hFE
VCE=1.0V, IC=1.0A
50
fT
VCE=10V, IC=50mA, f=100MHz
100
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
10
pF 
ELECTRICAL CHARACTERISTICS - D1: (TA=25°C)
IR
VR=10V
20
μA
IR
VR=30V
100
μA
BVR
IR=500μA
40
V
VF
IF=100μA
0.13
V
VF
IF=1.0mA
0.21
V
VF
IF=10mA
0.27
V
VF
IF=100mA
0.35
V
VF
IF=500mA
0.47
V
CJ
VR=1.0V, f=1.0MHz
50
pF
LEAD CODE:
1) Emitter Q1
2) Base Q1
3) Cathode D1
4) Anode D1
5) Anode D1
6) Collector Q1
MARKING CODE: C53
SOT-563 CASE - MECHANICAL OUTLINE
www.centr a lsemi.com
R3 (1-July 2015)


Similar Part No. - CMLM3405_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLM3405 CENTRAL-CMLM3405_10 Datasheet
587Kb / 2P
   SURFACE MOUNT HIGH CURRENT LOW VCE(SAT) SILICON NPN TRANSISTOR
More results

Similar Description - CMLM3405_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD76V CENTRAL-CPD76V Datasheet
36Kb / 1P
   Schottky Diode 1.0A Schottky Diode Chip
logo
TRANSYS Electronics Lim...
BAS40 TEL-BAS40 Datasheet
66Kb / 1P
   SCHOTTKY DIODE
logo
International Rectifier
MBR0520 IRF-MBR0520 Datasheet
116Kb / 6P
   SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
BAS40W LUGUANG-BAS40W Datasheet
314Kb / 2P
   Schottky Diode
logo
Guilin Strong Micro-Ele...
GMBAS70 GSME-GMBAS70 Datasheet
616Kb / 2P
   SCHOTTKY DIODE
logo
Central Semiconductor C...
CMLM0605 CENTRAL-CMLM0605_15 Datasheet
518Kb / 3P
   SCHOTTKY DIODE
logo
Jiangsu Changjiang Elec...
BAT42W-43W JIANGSU-BAT42W-43W Datasheet
321Kb / 3P
   SCHOTTKY DIODE
logo
SHENZHEN YONGERJIA INDU...
BAS40 WINNERJOIN-BAS40 Datasheet
76Kb / 1P
   SCHOTTKY DIODE
BAS70-04 WINNERJOIN-BAS70-04 Datasheet
124Kb / 2P
   SCHOTTKY DIODE
logo
GeneSiC Semiconductor, ...
FST16030L GENESIC-FST16030L Datasheet
360Kb / 3P
   Schottky Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com