Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC5100 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC5100
Description  3.3V, 3.2Gbps VCSEL Driver
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5100 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC5100_15 Datasheet HTML 4Page - Linear Technology LTC5100_15 Datasheet HTML 5Page - Linear Technology LTC5100_15 Datasheet HTML 6Page - Linear Technology LTC5100_15 Datasheet HTML 7Page - Linear Technology LTC5100_15 Datasheet HTML 8Page - Linear Technology LTC5100_15 Datasheet HTML 9Page - Linear Technology LTC5100_15 Datasheet HTML 10Page - Linear Technology LTC5100_15 Datasheet HTML 11Page - Linear Technology LTC5100_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
LTC5100
8
sn5100 5100fs
TYPICAL PERFOR A CE CHARACTERISTICS
VDD = VDD(HS) = 3.3V, TA = 25°C, Cml_en = 0, Lpc_en = 1, transmitter enabled, unless otherwise noted. Test circuit shown in Figure 5.
Optical Eye Diagram at 3.2Gbps
with 850nm VCSEL
100
µW/DIV
50ps/DIV
5100 G01
EMCORE MODE LC-TOSA VCSEL
215 PRBS, 7dB EXTINCTION RATIO, 300
µW AVG
PWR, 2.4GHz 4TH ORDER BESSEL-THOMPSON
LOWPASS FILTER
Optical Eye Diagram at 2.5Gbps
with 850nm VCSEL
125
µW/DIV
60ps/DIV
5100 G02
EMCORE MODE LC-TOSA VCSEL
215 PRBS, 10dB EXTINCTION RATIO, 300
µW AVG
PWR, 1.87GHz 4TH ORDER BESSEL-THOMPSON
LOWPASS FILTER
Effect of Peaking Control on the
Electrical Eye Diagram
3mA/DIV
50ps/DIV
5100 G03
3.2Gbps, 223 PRBS, Im_rng = 2, IMPP = 12mA,
PEAKING = 4, 8, 16, 30
Electrical Eye Diagram at 25
°C
3.2Gbps, 223 PRBS, IMPP = 3mA
0.5mA/DIV
49ps RISING
50ps/DIV
5100 G04
54ps FALLING
Im_rng = 0
PEAKING = 16
Electrical Eye Diagram at 25
°C
3.2Gbps, 223 PRBS, IMPP = 12mA
2mA/DIV
51ps RISING
50ps/DIV
5100 G05
59ps FALLING
Im_rng = 2
PEAKING = 16
Electrical Eye Diagram at 25
°C
3.2Gbps, 223 PRBS, IMPP = 24mA
4mA/DIV
50ps RISING
50ps/DIV
5100 G06
62ps FALLING
Im_rng = 3
PEAKING = 16
Electrical Eye Diagram at –40
°C,
3.2Gbps, 223 PRBS, IMPP = 12mA
2mA/DIV
47ps RISING
50ps/DIV
5100 G07
56ps FALLING
Im_rng = 2
PEAKING = 16
Electrical Eye Diagram at 85
°C,
3.2Gbps, 223 PRBS, IMPP = 12mA
2mA/DIV
57ps RISING
50ps/DIV
5100 G09
67ps FALLING
Im_rng = 2
PEAKING = 16
2mA/DIV


Similar Part No. - LTC5100_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5100EUF LINER-LTC5100EUF Datasheet
575Kb / 52P
   3.3V, 3.2Gbps VCSEL Driver
More results

Similar Description - LTC5100_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5100 LINER-LTC5100 Datasheet
575Kb / 52P
   3.3V, 3.2Gbps VCSEL Driver
logo
Maxim Integrated Produc...
MAX3741 MAXIM-MAX3741 Datasheet
531Kb / 10P
   3.2Gbps Compact SFP VCSEL Driver
Rev 1; 5/04
MAX3740A MAXIM-MAX3740A Datasheet
286Kb / 14P
   3.2Gbps SFP VCSEL Driver with Diagnostic Monitors
Rev 1; 6/04
MAX3740A MAXIM-MAX3740A_10 Datasheet
585Kb / 15P
   3.2Gbps SFP VCSEL Driver with Diagnostic Monitors
Rev 3; 1/10
logo
Micrel Semiconductor
SY88992L MICREL-SY88992L_11 Datasheet
767Kb / 11P
   3.3V, 4.25Gbps VCSEL Driver
SY88992L MICREL-SY88992L Datasheet
619Kb / 11P
   3.3V, 4.25Gbps VCSEL Driver
logo
Maxim Integrated Produc...
MAX3740 MAXIM-MAX3740 Datasheet
818Kb / 14P
   3.2Gbps SFP VCSEL Driver with Diagnostic Monitors
19-2679; Rev 2; 7/03
logo
Micrel Semiconductor
SY88912L MICREL-SY88912L Datasheet
47Kb / 5P
   3.3V 3.2Gbps SONET/SDH LASER DRIVER
SY88932L MICREL-SY88932L Datasheet
49Kb / 5P
   3.3V 3.2Gbps SONET/SDH LASER DRIVER WITH OUTPUT DISABLE
SY88024L MICREL-SY88024L Datasheet
365Kb / 10P
   11.3Gbps VCSEL DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com