Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4099 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4099
Description  I2C Controlled USB Power Manager/Charger with Overvoltage Protection
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4099 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4099_15 Datasheet HTML 4Page - Linear Technology LTC4099_15 Datasheet HTML 5Page - Linear Technology LTC4099_15 Datasheet HTML 6Page - Linear Technology LTC4099_15 Datasheet HTML 7Page - Linear Technology LTC4099_15 Datasheet HTML 8Page - Linear Technology LTC4099_15 Datasheet HTML 9Page - Linear Technology LTC4099_15 Datasheet HTML 10Page - Linear Technology LTC4099_15 Datasheet HTML 11Page - Linear Technology LTC4099_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
LTC4099

4099fd
CLPROG Voltage
vs Output Current
TEMPERATURE (°C)
–40
2
5
8
11
14
17
20
–15
–10
35
60
4099 G20
85
IVOUT = 0µA
500mA USB MODE
100mA USB MODE
Typical perForMance characTerisTics TA = 25°C, VBUS = 5V, BAT = 3.8V, RPROG = 1.02k,
RCLPROG = 3.01k, unless otherwise noted.
VBUS Quiescent Current in
Suspend vs Temperature
TEMPERATURE (°C)
–40
27
30
33
36
39
42
45
–15
10
35
60
4099 G19
85
IVOUT = 0µA
VBUS Quiescent Current
vs Temperature
Output Voltage vs Output Current
in Suspend
OUTPUT CURRENT (mA)
0
4.0
4.5
5.0
2.0
4099 G21
3.5
3.0
2.5
0.5
1.0
1.5
2.5
SUSPEND HIGH
SUSPEND LOW
BAT = 3.3V
VBUS Current vs Output Current
in Suspend
OUTPUT CURRENT (mA)
0
1.5
2.0
2.5
2.0
4099 G22
1.0
0.5
0
0.5
1.0
1.5
2.5
SUSPEND HIGH
SUSPEND LOW
BAT = 3.3V
OUTPUT CURRENT (mA)
0
0
0.2
0.4
0.6
0.8
1.0
1.2
200
400
600
800
4099 G23
1000
VBUS INPUT LIMIT SET FOR USB 500mA
BATTERY CHARGER DISABLED
DVCC VOLTAGE (V)
1.5
0
0.4
2.5
3.5
4.5
0.8
0.2
0.6
5.5
4099 G24
SDA = SCL = DVCC
Static DVCC Current vs Voltage
Battery Charge Current
vs Temperature
VBUS Current
vs VBUS Voltage (Suspend)
VBUS VOLTAGE (V)
1
30
40
50
5
4099 G18
20
10
0
2
3
4
6
IVOUT = 0mA
Oscillator Frequency
vs Temperature
TEMPERATURE (°C)
–40
2.25
2.30
2.35
60
4099 G17
2.20
2.15
2.10
–15
10
35
85
TEMPERATURE (˚C)
–40
100
0
40
–20
20
60
80
120
4099 G16
105°C
SETTING
85°C
SETTING
0
100
200
300
400
500
600
THERMAL
REGULATION


Similar Part No. - LTC4099_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4099EPDC-PBF LINER-LTC4099EPDC-PBF Datasheet
367Kb / 36P
   I2C Controlled USB Power Manager/Charger with Overvoltage Protection
LTC4099EPDC-TRPBF LINER-LTC4099EPDC-TRPBF Datasheet
367Kb / 36P
   I2C Controlled USB Power Manager/Charger with Overvoltage Protection
More results

Similar Description - LTC4099_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4099 LINER-LTC4099 Datasheet
367Kb / 36P
   I2C Controlled USB Power Manager/Charger with Overvoltage Protection
LTC4098-3.6 LINER-LTC4098-3.6_15 Datasheet
517Kb / 32P
   USB Compatible Switching Power Manager/LiFePO4 Charger with Overvoltage Protection
LTC4098EUFD-3.6 LINER-LTC4098EUFD-3.6 Datasheet
338Kb / 5P
   USB Compatible Switching Power Manager/Li-Ion Charger with Overvoltage Protection
LTC4160 LINER-LTC4160_15 Datasheet
432Kb / 32P
   Switching Power Manager with USB On-The-Go And Overvoltage Protection
LTC4160-1 LINER-LTC4160-1_15 Datasheet
432Kb / 32P
   Switching Power Manager with USB On-The-Go And Overvoltage Protection
LTC4160 LINER-LTC4160 Datasheet
352Kb / 32P
   Switching Power Manager with USB On-The-Go And Overvoltage Protection
LTC4089 LINER-LTC4089_15 Datasheet
360Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-5 LINER-LTC4089-5_15 Datasheet
360Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-3 LINER-LTC4089-3_15 Datasheet
572Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-1 LINER-LTC4089-1_15 Datasheet
354Kb / 24P
   USB Power Manager with High Voltage Switching Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com