Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6304 Datasheet(PDF) 3 Page - Rohm

Part # S6304
Description  SiC Schottky Barrier Diode Bare Die
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

S6304 Datasheet(HTML) 3 Page - Rohm

  S6304 Datasheet HTML 1Page - Rohm S6304 Datasheet HTML 2Page - Rohm S6304 Datasheet HTML 3Page - Rohm S6304 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Data Sheet
S6304
lElectrical characteristic curves
 
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
2.5
Ta=125ºC
Pulsed
Ta=175ºC
Ta=75ºC
Ta=25ºC
Ta=
-25ºC
Fig.1 V
F - IF Characteristics
Forward Voltage : V
F
[V]
Fig.2 V
F - IF Characteristics
Forward Voltage : V
F
[V]
Fig.3 V
R - IR Characteristics
Reverse Voltage : V
R
[V]
Fig.4 V
R-Ct Characteristics
Reverse Voltage : V
R
[V]
0.001
0.01
0.1
1
10
100
1000
0
200
400
600
800
1,000 1,200
Ta=125ºC
Ta=175ºC
Ta=75ºC
Ta=25ºC
Ta=
-25ºC
10
100
1,000
10,000
0.01
0.1
1
10
100
1000
Ta=25ºC
f=1MHz
0.001
0.01
0.1
1
10
100
0.0
0.5
1.0
1.5
2.0
2.5
Ta=125ºC
Pulsed
Ta=175ºC
Ta=75ºC
Ta=25ºC
Ta=
-25ºC
3/3
2014.05 - Rev.A


Similar Part No. - S6304

ManufacturerPart #DatasheetDescription
logo
Powerbox
S630 POWERBOX-S630 Datasheet
418Kb / 1P
   350 WATTS DC/DC SINGLE OUTPUT
logo
Rohm
S6301 ROHM-S6301 Datasheet
437Kb / 4P
   SiC Schottky Barrier Diode Bare Die
S6302 ROHM-S6302 Datasheet
512Kb / 4P
   SiC Schottky Barrier Diode Bare Die
logo
Texas Instruments
S63036 TI1-S63036 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH-EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER In Tiny WCSP
logo
Roithner LaserTechnik G...
S6305MG ROITHNER-S6305MG Datasheet
213Kb / 5P
   Red Laser Diode
More results

Similar Description - S6304

ManufacturerPart #DatasheetDescription
logo
Rohm
S6203 ROHM-S6203 Datasheet
436Kb / 4P
   SiC Schottky Barrier Diode Bare Die
S6301 ROHM-S6301 Datasheet
437Kb / 4P
   SiC Schottky Barrier Diode Bare Die
S6306 ROHM-S6306 Datasheet
438Kb / 4P
   SiC Schottky Barrier Diode Bare Die
S6202 ROHM-S6202 Datasheet
436Kb / 4P
   SiC Schottky Barrier Diode Bare Die
S6302 ROHM-S6302 Datasheet
512Kb / 4P
   SiC Schottky Barrier Diode Bare Die
S6204 ROHM-S6204 Datasheet
500Kb / 4P
   SiC Schottky Barrier Diode Bare Die
S6401 ROHM-S6401 Datasheet
976Kb / 5P
   SiC Schottky Barrier Diode Bare Die
S6404 ROHM-S6404 Datasheet
986Kb / 5P
   SiC Schottky Barrier Diode Bare Die
S6403 ROHM-S6403 Datasheet
984Kb / 5P
   SiC Schottky Barrier Diode Bare Die
S6205 ROHM-S6205 Datasheet
437Kb / 4P
   SiC Schottky Barrier Diode Bare Die
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com