Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4090-3 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4090-3
Description  USB Power Manager with 2A High Voltage Bat-Track Buck Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4090-3 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4090-3_15 Datasheet HTML 6Page - Linear Technology LTC4090-3_15 Datasheet HTML 7Page - Linear Technology LTC4090-3_15 Datasheet HTML 8Page - Linear Technology LTC4090-3_15 Datasheet HTML 9Page - Linear Technology LTC4090-3_15 Datasheet HTML 10Page - Linear Technology LTC4090-3_15 Datasheet HTML 11Page - Linear Technology LTC4090-3_15 Datasheet HTML 12Page - Linear Technology LTC4090-3_15 Datasheet HTML 13Page - Linear Technology LTC4090-3_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
LTC4090-3
10
40903fb
For more information www.linear.com/LTC4090-3
CLPROG (Pin 14): Current Limit Program and Input Cur-
rent Monitor. Connecting a resistor, RCLPROG, to ground
programs the input to output current limit. The current
limit is programmed as follows:
ICL(A)=
1000V
RCLPROG
In USB applications, the resistor RCLPROG should be set
to no less than 2.1k. The voltage on the CLPROG pin is
alwaysproportionaltothecurrentflowingthroughtheINto
OUT power path. This current can be calculated as follows:
IIN(A)=
VCLPROG
RCLPROG
•1000
HPWR(Pin15):HighPowerSelect.Thislogicinputisused
to control the input current limit. A voltage greater than
1.2V on the pin will set the input current limit to 100% of
the current programmed by the CLPROG pin. A voltage
less than 0.4V on the pin will set the input current limit to
20% of the current programmed by the CLPROG pin. A
2µA pull-down current is internally connected to this pin
to ensure it is low at power up when the pin is not being
driven externally.
SUSP (Pin 16): Suspend Mode Input. Pulling this pin
above 1.2V will disable the power path from IN to OUT.
The supply current from IN will be reduced to comply
with the USB specification for suspend mode. Both the
ability to charge the battery from HVIN and the ideal diode
function (from BAT to OUT) will remain active. Suspend
mode will reset the charge timer if OUT is less than BAT
while in suspend mode. If OUT is kept greater than BAT,
such as when the high voltage input is present, the charge
timer will not be reset when the part is put in suspend. A
2µA pull-down current is internally connected to this pin
to ensure it is low at power up when the pin is not being
driven externally.
TIMER (Pin 17): Timer Capacitor. Placing a capacitor,
CTIMER, to GND sets the timer period. The timer period is:
tTIMER(hours)=
CTIMER •RPROG •3hours
0.1µF •100k
Charge time is increased if charge current is reduced
due to load current, thermal regulation and current limit
selection (HPWR low).
Shorting the TIMER pin to GND disables the battery
charging functions.
HVOUT (Pin 18): Voltage Output of the High Voltage
Regulator. When sufficient voltage is present at HVOUT,
the low voltage power path from IN to OUT will be dis-
connected and the HVPR pin will be pulled low to indicate
that a high voltage wall adapter has been detected. The
LTC4090 high voltage regulator will maintain just enough
differential voltage between HVOUT and BAT to keep the
battery charger MOSFET out of dropout (typically 300mV
from OUT to BAT). HVOUT should be bypassed with at
least 22µF to GND.
BOOST (Pin 19): This pin is used to provide drive voltage,
higher than the input voltage, to the internal bipolar NPN
power switch.
SW (Pin 20): The SW pin is the output of the internal high
voltage power switch. Connect this pin to the inductor,
catch diode and boost capacitor.
HVIN(Pin21):HighVoltageRegulatorInput.TheHVINpin
supplies current to the internal high voltage regulation and
to the internal high voltage power switch. The presence
of a high voltage input takes priority over the USB VBUS
input (i.e., when a high voltage input supply is detected,
the USB IN to OUT path is disconnected). This pin must
be locally bypassed.
HVEN (Pin 22): High Voltage Regulator Enable Input. The
HVEN pin is used to disable the high voltage input path.
Tie to ground to disable the high voltage input or tie to at
least 2.3V to enable the high voltage path. If this feature
is not used, tie HVEN to the HVIN pin. This pin can also
be used to soft-start the high voltage regulator; see the
Applications Information section for more information.
Exposed Pad (Pin 23): Ground. The exposed package
pad is ground and must be soldered to the PC board for
proper functionality and for maximum heat transfer (use
several vias directly under the LTC4090-3).
PIN FUNCTIONS


Similar Part No. - LTC4090-3_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4090-3 LINER-LTC4090-3 Datasheet
527Kb / 30P
   USB Power Manager with 2A High Voltage Bat-Track Buck Regulator
More results

Similar Description - LTC4090-3_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4090 LINER-LTC4090 Datasheet
400Kb / 28P
   USB Power Manager with 2A High Voltage Bat-Track Buck Regulator
LTC4090-3 LINER-LTC4090-3 Datasheet
527Kb / 30P
   USB Power Manager with 2A High Voltage Bat-Track Buck Regulator
LTC4090 LINER-LTC4090_15 Datasheet
852Kb / 30P
   USB Power Manager with 2A High Voltage Bat-Track Buck Regulator
LTC4090-5 LINER-LTC4090-5_15 Datasheet
852Kb / 30P
   USB Power Manager with 2A High Voltage Bat-Track Buck Regulator
LTC4089 LINER-LTC4089_15 Datasheet
360Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-1 LINER-LTC4089-1_15 Datasheet
354Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-1 LINER-LTC4089-1 Datasheet
546Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-3 LINER-LTC4089-3 Datasheet
572Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-5 LINER-LTC4089-5_15 Datasheet
360Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-3 LINER-LTC4089-3_15 Datasheet
572Kb / 24P
   USB Power Manager with High Voltage Switching Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com